Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK5393 Datasheet(PDF) 8 Page - Asahi Kasei Microsystems

Part # AK5393
Description  Enhanced Dual bit 96 kHz 24-bit ADC
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK5393 Datasheet(HTML) 8 Page - Asahi Kasei Microsystems

Back Button AK5393 Datasheet HTML 4Page - Asahi Kasei Microsystems AK5393 Datasheet HTML 5Page - Asahi Kasei Microsystems AK5393 Datasheet HTML 6Page - Asahi Kasei Microsystems AK5393 Datasheet HTML 7Page - Asahi Kasei Microsystems AK5393 Datasheet HTML 8Page - Asahi Kasei Microsystems AK5393 Datasheet HTML 9Page - Asahi Kasei Microsystems AK5393 Datasheet HTML 10Page - Asahi Kasei Microsystems AK5393 Datasheet HTML 11Page - Asahi Kasei Microsystems AK5393 Datasheet HTML 12Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
ASAHI KASEI
[AK5393]
M0038-E-04
2000/4
- 8 -
DIGITAL CHARACTERISTICS
(Ta=25
°C; VA=5.0V±5%; VD=3.0 ~ 5.25V)
Parameter
Symbol
min
typ
max
Units
High-Level Input Voltage
Low-Level Input Voltage
VIH
VIL
70%VD
-
-
-
-
30%VD
V
V
High-Level Output Voltage Iout=-20µA
Low-Level Output Voltage Iout=20µA
VOH
VOL
VD-0.1
-
--
0.1
V
V
Input Leakage Current
Iin
-
-
±10
µA
SWITCHING CHARACTERISTICS
(Ta=25
°C; VA=5.0V±5%; VD=3.0 ~ 5.25V; C
L=20pF)
Parameter
Symbol
min
typ
max
Units
Control Clock Frequency
Master Clock
256fs:
Pulse width Low
Pulse width High
Serial Data Output Clock (SCLK)
Channel Select Clock (LRCK)
duty cycle
fCLK
tCLKL
tCLKH
fSLK
fs
0.256
29
29
1
25
12.288
6.144
48
13.824
6.912
108
75
MHz
ns
ns
MHz
kHz
%
Serial Interface Timing
(Note 9)
Slave Mode(SMODE1="L")
SCLK Period
SCLK Pulse width Low
Pulse width High
SCLK falling to LRCK Edge
(Note 10)
LRCK Edge to SDATA MSB Valid
SCLK falling to SDATA Valid
SCLK falling to FSYNC Edge
Master Mode(SMODE1="H")
SCLK Frequency (DFS="L")
SCLK Frequency (DFS="H")
duty cycle
FSYNC Frequency
duty cycle
SCLK falling to LRCK Edge
LRCK Edge to FSYNC rising
SCLK falling to SDATA Valid
SCLK falling to FSYNC Edge
tSLK
tSLKL
tSLKH
tSLR
tDLR
tDSS
tSF
fSLK
fSLK
fFSYNC
tSLR
tLRF
tDSS
tSF
144.7
65
65
-45
-45
-20
-20
128fs
64fs
50
2fs
50
1
45
45
45
45
20
45
20
ns
ns
ns
ns
ns
ns
ns
Hz
Hz
%
Hz
%
ns
tslk
ns
ns
Reset/Calibration timing
RST Pulse width
RST falling to CAL rising
RST rising to CAL falling
(Note 11)
RST rising to SDATA Valid
(Note 11)
tRTW
tRCR
tRCF
tRTV
150
8704
8960
50
ns
ns
1/fs
1/fs
Notes: 9. Refer to Serial Data interface.
10. Specified LRCK edges not to coincide with the rising edges of SCLK.
11. The number of the LRCK rising edges after RST brought high at DFS="L". The value is in master mode.
In slave mode it becomes one LRCK clock(1/fs) longer. When DFS="H", tRCF=17408 and tRTV=17920.


Similar Part No. - AK5393

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK5393 AKM-AK5393 Datasheet
602Kb / 22P
   EVALUATION BOARD REV.A FOR AK5393
AK5393VS AKM-AK5393VS Datasheet
132Kb / 18P
   Enhanced Dual Bit DS 96kHz 24-Bit ADC
More results

Similar Description - AK5393

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK5383 AKM-AK5383 Datasheet
123Kb / 20P
   Enhanced Dual bit 96 kHz 24-bit ADC
logo
List of Unclassifed Man...
AK5357 ETC-AK5357 Datasheet
126Kb / 18P
   24 BIT 96 KHZ ADC
logo
Analog Devices
AD1871 AD-AD1871 Datasheet
1Mb / 28P
   Stereo Audio, 24-Bit, 96 kHz, Multibit ADC
REV. 0
logo
NXP Semiconductors
UDA1361TS PHILIPS-UDA1361TS Datasheet
97Kb / 20P
   96 kHz sampling 24-bit stereo audio ADC
2001 Jan 17
logo
Analog Devices
EVAL-AD1871EB AD-EVAL-AD1871EB Datasheet
1Mb / 28P
   Stereo Audio, 24-Bit, 96 kHz, Multibit - ADC
REV. 0
logo
NXP Semiconductors
UDA1361TS PHILIPS-UDA1361TS_15 Datasheet
143Kb / 18P
   96 kHz sampling 24-bit stereo audio ADC
2002 Nov 25
logo
Analog Devices
EVAL-AD1871EBZ AD-EVAL-AD1871EBZ Datasheet
1Mb / 28P
   Stereo Audio, 24-Bit, 96 kHz, Multibit - ADC
REV. 0
AD1871YRSZ AD-AD1871YRSZ Datasheet
1Mb / 28P
   Stereo Audio, 24-Bit, 96 kHz, Multibit - ADC
REV. 0
AD1871 AD-AD1871_15 Datasheet
1Mb / 28P
   Stereo Audio, 24-Bit, 96 kHz, Multibit ADC
REV. 0
AD1837 AD-AD1837 Datasheet
523Kb / 24P
   2 ADC, 8 DAC, 96 kHz, 24-Bit Codec
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com