Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK5393 Datasheet(PDF) 11 Page - Asahi Kasei Microsystems

Part # AK5393
Description  Enhanced Dual bit 96 kHz 24-bit ADC
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK5393 Datasheet(HTML) 11 Page - Asahi Kasei Microsystems

Back Button AK5393 Datasheet HTML 7Page - Asahi Kasei Microsystems AK5393 Datasheet HTML 8Page - Asahi Kasei Microsystems AK5393 Datasheet HTML 9Page - Asahi Kasei Microsystems AK5393 Datasheet HTML 10Page - Asahi Kasei Microsystems AK5393 Datasheet HTML 11Page - Asahi Kasei Microsystems AK5393 Datasheet HTML 12Page - Asahi Kasei Microsystems AK5393 Datasheet HTML 13Page - Asahi Kasei Microsystems AK5393 Datasheet HTML 14Page - Asahi Kasei Microsystems AK5393 Datasheet HTML 15Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
ASAHI KASEI
[AK5393]
M0038-E-04
2000/4
- 11 -
OPERATION OVERVIEW
n System Clock Input
The external clocks which are required to operate the AK5393 are MCLK, LRCK(fs), SCLK. MCLK should be
synchronized with LRCK but the phase is free of care. MCLK should be 256fs in normal sampling mode(DFS="L") and
double sampling mode needs 128fs as MCLK. Table 2 illustrates standard audio word rates and corresponding frequencies
used in the AK5393.
As the AK5393 includes the phase detect circuit for LRCK, the AK5393 is reset automatically when the synchronization
is out of phase by changing the clock frequencies. Therefore, the reset is only needed for power-up.
All external clocks must be present unless RST ="L", otherwise excessive current may result from abnormal operation of
internal dynamic logic.
Speed
Normal(DFS ="L")
Double(DFS ="H")
LRCK (max)
54kHz
108kHz
SCLK
~128fs
~64fs
MCLK
256fs
128fs
Table 1. System Clocks
fs
MCLK
SCLK
32.0kHz
8.1920MHz
4.0960MHz
44.1kHz
11.2896MHz
5.6448MHz
48.0kHz
12.2880MHz
6.1440MHz
96.0kHz
12.2880MHz
6.1440MHz
Table 2. Examples of System Clock Frequency
n Serial Data Interface
The AK5393 supports four serial data formats which can be selected via SMODE1 and SMODE2 pins(Table 3). The data
format is MSB-first, 2's complement.
Figure
SMODE2
SMODE1
Mode
LRCK
Figure 1
L
L
Slave Mode
Lch = H, Rch =L
Figure 2
L
H
Master Mode
Lch =H, Rch =L
Figure 3
H
L
I
2S Slave Mode
Lch =L, Rch =H
Figure 4
H
H
I
2S Master Mode
Lch =L, Rch =H
Table 3. Serial I/F Format


Similar Part No. - AK5393

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK5393 AKM-AK5393 Datasheet
602Kb / 22P
   EVALUATION BOARD REV.A FOR AK5393
AK5393VS AKM-AK5393VS Datasheet
132Kb / 18P
   Enhanced Dual Bit DS 96kHz 24-Bit ADC
More results

Similar Description - AK5393

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK5383 AKM-AK5383 Datasheet
123Kb / 20P
   Enhanced Dual bit 96 kHz 24-bit ADC
logo
List of Unclassifed Man...
AK5357 ETC-AK5357 Datasheet
126Kb / 18P
   24 BIT 96 KHZ ADC
logo
Analog Devices
AD1871 AD-AD1871 Datasheet
1Mb / 28P
   Stereo Audio, 24-Bit, 96 kHz, Multibit ADC
REV. 0
logo
NXP Semiconductors
UDA1361TS PHILIPS-UDA1361TS Datasheet
97Kb / 20P
   96 kHz sampling 24-bit stereo audio ADC
2001 Jan 17
logo
Analog Devices
EVAL-AD1871EB AD-EVAL-AD1871EB Datasheet
1Mb / 28P
   Stereo Audio, 24-Bit, 96 kHz, Multibit - ADC
REV. 0
logo
NXP Semiconductors
UDA1361TS PHILIPS-UDA1361TS_15 Datasheet
143Kb / 18P
   96 kHz sampling 24-bit stereo audio ADC
2002 Nov 25
logo
Analog Devices
EVAL-AD1871EBZ AD-EVAL-AD1871EBZ Datasheet
1Mb / 28P
   Stereo Audio, 24-Bit, 96 kHz, Multibit - ADC
REV. 0
AD1871YRSZ AD-AD1871YRSZ Datasheet
1Mb / 28P
   Stereo Audio, 24-Bit, 96 kHz, Multibit - ADC
REV. 0
AD1871 AD-AD1871_15 Datasheet
1Mb / 28P
   Stereo Audio, 24-Bit, 96 kHz, Multibit ADC
REV. 0
AD1837 AD-AD1837 Datasheet
523Kb / 24P
   2 ADC, 8 DAC, 96 kHz, 24-Bit Codec
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com