Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS4081ID Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # THS4081ID
Description  175-MHz LOW-POWER HIGH -SPEED AMPLIFIERS
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS4081ID Datasheet(HTML) 9 Page - Texas Instruments

Back Button THS4081ID Datasheet HTML 5Page - Texas Instruments THS4081ID Datasheet HTML 6Page - Texas Instruments THS4081ID Datasheet HTML 7Page - Texas Instruments THS4081ID Datasheet HTML 8Page - Texas Instruments THS4081ID Datasheet HTML 9Page - Texas Instruments THS4081ID Datasheet HTML 10Page - Texas Instruments THS4081ID Datasheet HTML 11Page - Texas Instruments THS4081ID Datasheet HTML 12Page - Texas Instruments THS4081ID Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
THS4081, THS4082
175MHz LOW POWER HIGHSPEED AMPLIFIERS
SLOS274D − DECEMBER 1999 − REVISED JUNE 2001
9
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 20
OUTPUT AMPLITUDE
vs
FREQUENCY
f - Frequency - Hz
−8
−6
−4
−2
0
2
10.00
100.00
1000.00
10000.00 100000.00
1G
10M
100k
1M
100M
RF = 1 kΩ
RF = 1.3 kΩ
VCC = ± 5 V
Gain = −1
RL = 150 Ω
VO(PP) = 63 mV
RF = 2 kΩ
Figure 21
OUTPUT AMPLITUDE
vs
FREQUENCY
f - Frequency - Hz
−8
−6
−4
−2
0
2
10.00
100.00
1000.00
10000.00 100000.00
1G
10M
100k
1M
100M
RF = 1.3 kΩ
RF = 1.5 kΩ
VCC = ± 15 V
Gain = −1
RL = 1 kΩ
VO(PP) = 63 mV
RF = 2 kΩ
Figure 22
OUTPUT AMPLITUDE
vs
FREQUENCY
f - Frequency - Hz
−8
−6
−4
−2
0
2
10.00
100.00
1000.00
10000.00 100000.00
1G
10M
100k
1M
100M
RF = 1.3 kΩ
VCC = ± 5 V
Gain = −1
RL = 1 kΩ
VO(PP) = 63 mV
RF = 1.5 kΩ
Figure 23
OUTPUT AMPLITUDE
vs
FREQUENCY
f - Frequency - Hz
1G
10M
100k
1M
100M
RF = 750 Ω
VCC = ± 15 V
Gain = 2
RL = 150 Ω
VO(PP) = 126 mV
RF = 1.5 kΩ
RF = 1.2 kΩ
−2
0
2
4
6
8
10.00
100.00
1000.00
10000.00 100000.00
Figure 24
OUTPUT AMPLITUDE
vs
FREQUENCY
f - Frequency - Hz
1G
10M
100k
1M
100M
RF = 1.5 kΩ
RF = 750 Ω
VCC = ± 5 V
Gain = 2
RL = 150 Ω
VO(PP) = 126 mV
RF = 1.2 kΩ
−2
0
2
4
6
8
10.00
100.00
1000.00
10000.00 100000.00
Figure 25
OUTPUT AMPLITUDE
vs
FREQUENCY
f - Frequency - Hz
−2
0
2
4
6
8
10.00
100.00
1000.00
10000.00 100000.00
1G
10M
100k
1M
100M
RF = 1.2 kΩ
VCC = ± 15 V
Gain = 2
RL = 1 kΩ
VO(PP) = 126 mV
RF = 1.5 kΩ
Figure 26
OUTPUT AMPLITUDE
vs
FREQUENCY
f - Frequency - Hz
−2
0
2
4
6
8
10.00
100.00
1000.00
10000.00 100000.00
1G
10M
100k
1M
100M
RF = 1.2 kΩ
VCC = ± 5 V
Gain = 2
RL = 1 kΩ
VO(PP) = 126 mV
RF = 1.5 kΩ
Figure 27
−1.2
−0.8
−0.4
0.0
0.4
0.8
1.2
0
200
400
600
800
1000
2-V STEP RESPONSE
t - Time - ns
VCC = ± 5 V
Gain = 2
RF = 1.2 kΩ
RL = 150 Ω
Figure 28
−3
−2
−1
0
1
2
3
0
200
400
600
800
1000
5-V STEP RESPONSE
t - Time - ns
VCC = ± 5 V
Gain = −1
RF = 1.3 kΩ
RL = 150 Ω


Similar Part No. - THS4081ID

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4081ID TI-THS4081ID Datasheet
384Kb / 24P
[Old version datasheet]   175-MHz LOW-POWER HIGH-SPEED AMPLIFIERS
logo
National Semiconductor ...
THS4081ID NSC-THS4081ID Datasheet
971Kb / 32P
   175 MHz High Speed AMPLIFIERS
THS4081IDG4 NSC-THS4081IDG4 Datasheet
971Kb / 32P
   175 MHz High Speed AMPLIFIERS
logo
Texas Instruments
THS4081IDGN TI-THS4081IDGN Datasheet
384Kb / 24P
[Old version datasheet]   175-MHz LOW-POWER HIGH-SPEED AMPLIFIERS
logo
National Semiconductor ...
THS4081IDGN NSC-THS4081IDGN Datasheet
971Kb / 32P
   175 MHz High Speed AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com