Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DE1A1BL3 Datasheet(PDF) 4 Page - Panasonic Semiconductor

Part # DE1A1BL3
Description  COMPACT HIGH-INSULATION POLARIZED POWER RELAY
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

DE1A1BL3 Datasheet(HTML) 4 Page - Panasonic Semiconductor

  DE1A1BL3 Datasheet HTML 1Page - Panasonic Semiconductor DE1A1BL3 Datasheet HTML 2Page - Panasonic Semiconductor DE1A1BL3 Datasheet HTML 3Page - Panasonic Semiconductor DE1A1BL3 Datasheet HTML 4Page - Panasonic Semiconductor DE1A1BL3 Datasheet HTML 5Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
DE (ADE)
4
ds_61A01_en_de: 100811D
REFERENCE DATA
1. Max. switching power
2. Life curve
Contact voltage
No. of operations
3.-(1) Coil temperature rise (1 Form A)
Tested sample: ADE109
Quantity: n=6
Ambient temperature: 25
C to 70C 77F to 158F
3.-(2) Coil temperature rise (1 Form A 1 Form B)
Tested sample: ADE309
Quantity: n=6
Ambient temperature: 25
C to 70C 77F to 158F
3.-(3) Coil temperature rise (2 Form A)
Tested sample: ADE209
Quantity: n=6
Ambient temperature: 25
C to 70C 77F to 158F
0
10
20
30
40
50
80
70
90
100
110
120
130
0A
0A
10A
10A
25
°C
70
°C
77
°F
158
°F
Coil applied voltage, %V
0
10
20
30
40
50
80
70
90
100
110
120
130
0A
0A
8A
8A
25
°C
70
°C
77
°F
158
°F
Coil applied voltage, %V
0
10
20
30
40
50
80
70
90
100
110
120
130
0A
0A
8A
8A
25
°C
70
°C
77
°F
158
°F
Coil applied voltage, %V
4-1. Operate/release time (1 Form A)
Tested sample: DE1a-5V
Quantity: n=5
4-2. Operate/release time (1 Form A 1 Form B)
Tested sample: DE1a1b-5V, Quantity: n=5
4-3. Operate/release time (2 Form A)
Tested sample: DE2a-5V, Quantity: n=5
0
10
20
30
40
50
80
70
90
100
110
120
130
0A
0A
10A
10A
25
°C
70
°C
77
°F
158
°F
Coil applied voltage, %V
7
6
5
4
3
2
1
0
Min.
Min.
Max.
Max.
Min.
Max.
70
80
90
100
110
120
130
Operate time
Release time
(With diode)
Coil applied voltage, %V
Release time
x
x
x
8
7
6
5
4
3
2
1
0
Min.
Min.
Max.
Min.
Max.
Max.
70
80
90
100
110
120
130
Operate time
Release time
(With diode)
Coil applied voltage, %V
Release time
x
x
x
5-1. Ambient temperature characteristics
(1 Form A)
Tested sample: DE1a-5V, Ambient temperature:
–40
C to 80C –40F to 176F, Quantity: n=6
5-2. Ambient temperature characteristics
(1 Form A 1 Form B)
Tested sample: DE1a1b-5V, Ambient temperature:
–40
C to 80C –40F to 176F, Quantity: n=6
5-3. Ambient temperature characteristics
(2 Form A)
Tested sample: DE2a-5V, Ambient temperature:
–40
C to 80C –40F to 176F, Quantity: n=6
-40
-40
-20
-4
20
68
-30
-20
-10
0
10
20
30
40
104
60
140
80
176
0
32
Ambient
temperature,°C °F
Drop-out
voltage
Pick-up
voltage
-30
-20
-10
0
10
20
30
Ambient
temperature,°C °F
Drop-out
voltage
Pick-up
voltage
-40
-40
-20
-4
20
68
40
104
60
140
80
176
0
32
-30
-20
-10
0
10
20
30
Ambient
temperature,°C °F
Drop-out
voltage
Pick-up
voltage
-40
-40
-20
-4
20
68
40
104
60
140
80
176
0
32


Similar Part No. - DE1A1BL3

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
DE1A1B-12V PANASONIC-DE1A1B-12V Datasheet
76Kb / 4P
   Compliant with European standards 1a1b 10A/8A polarized power relays
logo
Nais(Matsushita Electri...
DE1A1B-1V NAIS-DE1A1B-1V Datasheet
86Kb / 5P
   COMPACT HIGH-INSULATION POLARIZED POWER RELAY
DE1A1B-2V NAIS-DE1A1B-2V Datasheet
86Kb / 5P
   COMPACT HIGH-INSULATION POLARIZED POWER RELAY
DE1A1B-3V NAIS-DE1A1B-3V Datasheet
86Kb / 5P
   COMPACT HIGH-INSULATION POLARIZED POWER RELAY
DE1A1B-4V NAIS-DE1A1B-4V Datasheet
86Kb / 5P
   COMPACT HIGH-INSULATION POLARIZED POWER RELAY
More results

Similar Description - DE1A1BL3

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
DE1A-3V NAIS-DE1A-3V Datasheet
86Kb / 5P
   COMPACT HIGH-INSULATION POLARIZED POWER RELAY
logo
Panasonic Battery Group
LF-G PANASONICBATTERY-LF-G Datasheet
157Kb / 1P
   Non-Polarized Power Relay
logo
Nais(Matsushita Electri...
HX2-1.5V NAIS-HX2-1.5V Datasheet
60Kb / 3P
   Compact & Slim 2 Form C Non-polarized Relay
logo
American Zettler, Inc.
AZ850 AZETTLER-AZ850 Datasheet
72Kb / 2P
   MICROMINIATURE POLARIZED RELAY
AZ8462 AZETTLER-AZ8462 Datasheet
162Kb / 3P
   MICROMINIATURE POLARIZED RELAY
logo
Fujitsu Component Limit...
FTR-F1L FUJITSU-FTR-F1L Datasheet
336Kb / 5P
   POWER RELAY 2 POLES - 8A Polarized Latching Relay
logo
American Zettler, Inc.
AZ846 AZETTLER-AZ846 Datasheet
80Kb / 2P
   MICROMINIATURE POLARIZED RELAY
AZ851 AZETTLER-AZ851 Datasheet
109Kb / 3P
   MICROMINIATURE POLARIZED RELAY
logo
ZETTLER Electronics
AZ851 ZETTLER-AZ851_14 Datasheet
64Kb / 3P
   MICROMINIATURE POLARIZED RELAY
logo
American Zettler, Inc.
AZ956 AZETTLER-AZ956 Datasheet
92Kb / 2P
   MICROMINIATURE POLARIZED RELAY
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com