Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS6062CDGN Datasheet(PDF) 3 Page - Texas Instruments

Part # THS6062CDGN
Description  LOW-NOISE ADSL DUAL DIFFERENTIAL RECEIVER
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS6062CDGN Datasheet(HTML) 3 Page - Texas Instruments

  THS6062CDGN Datasheet HTML 1Page - Texas Instruments THS6062CDGN Datasheet HTML 2Page - Texas Instruments THS6062CDGN Datasheet HTML 3Page - Texas Instruments THS6062CDGN Datasheet HTML 4Page - Texas Instruments THS6062CDGN Datasheet HTML 5Page - Texas Instruments THS6062CDGN Datasheet HTML 6Page - Texas Instruments THS6062CDGN Datasheet HTML 7Page - Texas Instruments THS6062CDGN Datasheet HTML 8Page - Texas Instruments THS6062CDGN Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATINGS
DISSIPATION RATINGS
RECOMMENDED OPERATING CONDITIONS
THS6062
SLOS228D – JANUARY 1999 – REVISED OCTOBER 2007
over operating free-air temperature range (unless otherwise noted)
(1)
VALUE
UNIT
VCC+ to VCC–
Supply voltage
33
V
VI
Input voltage
±VCC
IO
Output current
150
mA
VIO
Differential input voltage
±4
V
Continuous total power dissipation
See Dissipation Rating Table
C-suffix
0C to 70
°C
TA
Operating free-air temperature
I-suffix
–40 to 85
°C
TJ
Maximum junction temperature
150
°C
Tstg
Storage temperature
–65 to 150
°C
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
300
°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
PACKAGE
θJA
θJC
TA = 25°C
(
°C/W)
(
°C/W)
POWER RATING
D
167(1)
38.3
740 mW
DGN(2)
58.4
4.7
2.14 W
(1)
This data was taken using the JEDEC standard Low-K test PCB. For the JEDEC Proposed High-K test
PCB, the
θJA is 95°C/W with a power rating at TA = 25°C of 1.32 W.
(2)
This data was taken using 2 oz. trace and copper pad that is soldered directly to a 3 in.
× 3 in. PC. For
further information, refer to Application Information section of this data sheet.
MIN
NOM
MAX
UNIT
Dual supply
±2.5
±16
VCC+ and
Supply voltage
V
VCC–
Single supply
5
32
C-suffix
0
70
TA
Operating free-air temperature
°C
I-suffix
–40
85
Copyright © 1999–2007, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): THS6062


Similar Part No. - THS6062CDGN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS6062CDGN TI-THS6062CDGN Datasheet
540Kb / 31P
[Old version datasheet]   LOW-NOISE ADSL DUAL DIFFERENTIAL RECEIVER
THS6062CDGN TI1-THS6062CDGN Datasheet
1Mb / 36P
[Old version datasheet]   LOW-NOISE ADSL DUAL DIFFERENTIAL RECEIVER
THS6062CDGNR TI1-THS6062CDGNR Datasheet
1Mb / 36P
[Old version datasheet]   LOW-NOISE ADSL DUAL DIFFERENTIAL RECEIVER
More results

Similar Description - THS6062CDGN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS6062 TI-THS6062 Datasheet
540Kb / 31P
[Old version datasheet]   LOW-NOISE ADSL DUAL DIFFERENTIAL RECEIVER
THS6062 TI1-THS6062_16 Datasheet
1Mb / 36P
[Old version datasheet]   LOW-NOISE ADSL DUAL DIFFERENTIAL RECEIVER
THS6072 TI-THS6072 Datasheet
385Kb / 24P
[Old version datasheet]   LOW-POWER ADSL DIFFERENTIAL RECEIVER
logo
National Semiconductor ...
THS6072 NSC-THS6072 Datasheet
971Kb / 31P
   LOW-POWER ADSL DIFFERENTIAL RECEIVER
logo
Texas Instruments
DS78LS120QML TI1-DS78LS120QML Datasheet
520Kb / 12P
[Old version datasheet]   Dual Differential Line Receiver (Noise Filtering and Fail-Safe)
logo
National Semiconductor ...
DS78LS120 NSC-DS78LS120 Datasheet
610Kb / 9P
   Dual Differential Line Receiver (Noise Filtering and Fail-Safe)
DS90C402 NSC-DS90C402_05 Datasheet
568Kb / 8P
   Dual Low Voltage Differential Signaling (LVDS) Receiver
logo
Texas Instruments
DS90C402 TI1-DS90C402_13 Datasheet
813Kb / 14P
[Old version datasheet]   Dual Low Voltage Differential Signaling (LVDS) Receiver
logo
National Semiconductor ...
DS90C402 NSC-DS90C402 Datasheet
133Kb / 8P
   Dual Low Voltage Differential Signaling (LVDS) Receiver
logo
Texas Instruments
SN75157 TI1-SN75157_14 Datasheet
906Kb / 15P
[Old version datasheet]   DUAL DIFFERENTIAL LINE RECEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com