Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS6062CDR Datasheet(PDF) 7 Page - Texas Instruments

Part # THS6062CDR
Description  LOW-NOISE ADSL DUAL DIFFERENTIAL RECEIVER
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS6062CDR Datasheet(HTML) 7 Page - Texas Instruments

Back Button THS6062CDR Datasheet HTML 3Page - Texas Instruments THS6062CDR Datasheet HTML 4Page - Texas Instruments THS6062CDR Datasheet HTML 5Page - Texas Instruments THS6062CDR Datasheet HTML 6Page - Texas Instruments THS6062CDR Datasheet HTML 7Page - Texas Instruments THS6062CDR Datasheet HTML 8Page - Texas Instruments THS6062CDR Datasheet HTML 9Page - Texas Instruments THS6062CDR Datasheet HTML 10Page - Texas Instruments THS6062CDR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
www.ti.com
TYPICAL CHARACTERISTICS
2.90
2.85
2.80
2.70
−40
−20
0
20
40
3
3.05
3.10
60
80
100
2.95
2.75
TA − Free-AirTemperature − °C
VCC = ± 15V
VCC = ± 5V
VCC = ± 5V
VCC = ± 15V
−1.5
−1.6
−1.7
−1.8
−40
−20
0
20
−1.4
−1.3
−1.2
40
100
60
80
TA − Free-AirTemperature − °C
THS6062
SLOS228D – JANUARY 1999 – REVISED OCTOBER 2007
Table of Graphs
FIGURE
VIO
Input offset voltage
vs Free-air temperature
5
IIB
Input bias current
vs Free-air temperature
6
VO
Output voltage
vs Supply voltage
7
Maximum output voltage swing
vs Free-air temperature
8
IO
Maximum output current
vs Free-air temperature
9
ICC
Supply current
vs Free-air temperature
10
VIC
Common-mode input voltage
vs Supply voltage
11
ZO
Closed-loop output impedance
vs Frequency
12
Open-loop gain and Phase Response
13
PSRR
Power-supply rejection ratio
vs Frequency
14
CMRR
Common-mode rejection ratio
vs Frequency
15
Voltage noise and current noise
vs Frequency
16
Crosstalk
vs Frequency
17
Harmonic distortion
vs Frequency
18, 19
Harmonic distortion
vs Peak-to-peak output voltage
20, 21
SR
Slew rate
vs Free-air temperature
22
0.1% settling time
vs Output voltage step size
23
Output amplitude
vs Frequency
24–30
Small and large frequency response
31–34
1-V step response
35, 36
4-V step response
37
20-V step response
38
INPUT OFFSET VOLTAGE
INPUT BIAS CURRENT
vs
vs
FREE-AIR TEMPERATURE
FREE-AIR TEMPERATURE
Figure 5.
Figure 6.
Copyright © 1999–2007, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): THS6062


Similar Part No. - THS6062CDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS6062CDR TI1-THS6062CDR Datasheet
1Mb / 36P
[Old version datasheet]   LOW-NOISE ADSL DUAL DIFFERENTIAL RECEIVER
THS6062CDRG4 TI1-THS6062CDRG4 Datasheet
1Mb / 36P
[Old version datasheet]   LOW-NOISE ADSL DUAL DIFFERENTIAL RECEIVER
More results

Similar Description - THS6062CDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS6062 TI-THS6062 Datasheet
540Kb / 31P
[Old version datasheet]   LOW-NOISE ADSL DUAL DIFFERENTIAL RECEIVER
THS6062 TI1-THS6062_16 Datasheet
1Mb / 36P
[Old version datasheet]   LOW-NOISE ADSL DUAL DIFFERENTIAL RECEIVER
THS6072 TI-THS6072 Datasheet
385Kb / 24P
[Old version datasheet]   LOW-POWER ADSL DIFFERENTIAL RECEIVER
logo
National Semiconductor ...
THS6072 NSC-THS6072 Datasheet
971Kb / 31P
   LOW-POWER ADSL DIFFERENTIAL RECEIVER
logo
Texas Instruments
DS78LS120QML TI1-DS78LS120QML Datasheet
520Kb / 12P
[Old version datasheet]   Dual Differential Line Receiver (Noise Filtering and Fail-Safe)
logo
National Semiconductor ...
DS78LS120 NSC-DS78LS120 Datasheet
610Kb / 9P
   Dual Differential Line Receiver (Noise Filtering and Fail-Safe)
DS90C402 NSC-DS90C402_05 Datasheet
568Kb / 8P
   Dual Low Voltage Differential Signaling (LVDS) Receiver
logo
Texas Instruments
DS90C402 TI1-DS90C402_13 Datasheet
813Kb / 14P
[Old version datasheet]   Dual Low Voltage Differential Signaling (LVDS) Receiver
logo
National Semiconductor ...
DS90C402 NSC-DS90C402 Datasheet
133Kb / 8P
   Dual Low Voltage Differential Signaling (LVDS) Receiver
logo
Texas Instruments
SN75157 TI1-SN75157_14 Datasheet
906Kb / 15P
[Old version datasheet]   DUAL DIFFERENTIAL LINE RECEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com