Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC5510AINSR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TLC5510AINSR
Description  8-BIT HIGH-SPEED ANALOG-TO-DIGITAL CONVERTERS
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC5510AINSR Datasheet(HTML) 4 Page - Texas Instruments

  TLC5510AINSR Datasheet HTML 1Page - Texas Instruments TLC5510AINSR Datasheet HTML 2Page - Texas Instruments TLC5510AINSR Datasheet HTML 3Page - Texas Instruments TLC5510AINSR Datasheet HTML 4Page - Texas Instruments TLC5510AINSR Datasheet HTML 5Page - Texas Instruments TLC5510AINSR Datasheet HTML 6Page - Texas Instruments TLC5510AINSR Datasheet HTML 7Page - Texas Instruments TLC5510AINSR Datasheet HTML 8Page - Texas Instruments TLC5510AINSR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
TLC5510, TLC5510A
8-BIT HIGH-SPEED ANALOG-TO-DIGITAL CONVERTERS
SLAS095L – SEPTEMBER 1994 – REVISED JUNE 2003
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics at VDD = 5 V, VREFT = 2.5 V, VREFB = 0.5 V, f(CLK) = 20 MHz, TA = 25°C (unless
otherwise noted)
digital I/O
PARAMETER
TEST CONDITIONS†
MIN
TYP
MAX
UNIT
IIH
High-level input current
VDD = MAX,
VIH = VDD
5
µA
IIL
Low-level input current
VDD = MAX,
VIL = 0
5
µA
IOH
High-level output current
OE = GND,
VDD = MIN,
VOH = VDD – 0.5 V
– 1.5
mA
IOL
Low-level output current
OE = GND,
VDD = MIN,
VOL = 0.4 V
2.5
mA
IOZH
High-level high-impedance-state
output leakage current
OE = VDD,
VDD = MAX
VOH = VDD
16
µA
IOZL
Low-level high-impedance-state
output leakage current
OE = VDD,
VDD = MIN
VOL = 0
16
µA
† Conditions marked MIN or MAX are as stated in recommended operating conditions.
power
PARAMETER
TEST CONDITIONS†
MIN
TYP
MAX
UNIT
IDD
Supply current
f(CLK) = 20 MHz, National Television System Committee (NTSC)
ramp wave input, reference resistor dissipation is separate
18
27
mA
I f
Reference voltage current
TLC5510
Vref = REFT – REFB = 2 V
5.2
7.5
10.5
mA
Iref
Reference voltage current
TLC5510A
Vref = REFT – REFB = 4 V
10.4
15
21
mA
† Conditions marked MIN or MAX are as stated in recommended operating conditions.
static performance
PARAMETER
TEST CONDITIONS†
MIN
TYP
MAX
UNIT
Self-bias (1), at REFB
Short REFB to REFBS
Short REFT to REFTS
0.57
0.61
0.65
Self-bias (2), REFT – REFB
Short REFB to REFBS,
Short REFT to REFTS
1.9
2.02
2.15
V
Self-bias (3), at REFT
Short REFB to AGND,
Short REFT to REFTS
2.18
2.29
2.4
Rref
Reference voltage resistor
Between REFT and REFB
190
270
350
Ci
Analog input capacitance
VI(ANLG) = 1.5 V + 0.07 Vrms
16
pF
TLC5510
f(CLK) = 20 MHz,
TA = 25°C
±0.4 ±0.75
Integral nonlinearity (INL)
TLC5510
(CLK)
,
VI = 0.5 V to 2.5 V
TA = – 20°C to 75°C
±1
Integral nonlinearity (INL)
TLC5510A
f(CLK) = 20 MHz,
TA = 25°C
±0.4 ±0.75
TLC5510A
(CLK)
,
VI = 0 to 4 V
TA = – 20°C to 75°C
±1
LSB
TLC5510
f(CLK) = 20 MHz,
TA = 25°C
±0.3
±0.5
LSB
Differential nonlinearity (DNL)
TLC5510
(CLK)
,
VI = 0.5 V to 2.5 V
TA = – 20°C to 75°C
±0.75
Differential nonlinearity (DNL)
TLC5510A
f(CLK) = 20 MHz,
TA = 25°C
±0.3
±0.5
TLC5510A
(CLK)
,
VI = 0 to 4 V
TA = – 20°C to 75°C
±0.75
EZS
Zero scale error
TLC5510
Vref = REFT – REFB = 2 V
– 18
– 43
– 68
mV
EZS
Zero-scale error
TLC5510A
Vref= REFT – REFB = 4 V
– 36
– 86
– 136
mV
EFS
Full-scale error
TLC5510
Vref = REFT – REFB = 2 V
– 20
0
20
mV
EFS
Full-scale error
TLC5510A
Vref = REFT – REFB = 4 V
– 40
0
40
mV
† Conditions marked MIN or MAX are as stated in recommended operating conditions.


Similar Part No. - TLC5510AINSR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5510AINSR TI-TLC5510AINSR Datasheet
233Kb / 15P
[Old version datasheet]   8-BIT HIGH-SPEED ANALOG-TO-DIGITAL CONVERTERS
TLC5510AINSR TI1-TLC5510AINSR Datasheet
233Kb / 15P
[Old version datasheet]   8-BIT HIGH-SPEED ANALOG-TO-DIGITAL CONVERTERS
TLC5510AINSR TI1-TLC5510AINSR Datasheet
667Kb / 20P
[Old version datasheet]   8-BIT HIGH-SPEED ANALOG-TO-DIGITAL CONVERTERS
TLC5510AINSR TI1-TLC5510AINSR Datasheet
681Kb / 21P
[Old version datasheet]   8-BIT HIGH-SPEED ANALOG-TO-DIGITAL CONVERTERS
TLC5510AINSRG4 TI1-TLC5510AINSRG4 Datasheet
667Kb / 20P
[Old version datasheet]   8-BIT HIGH-SPEED ANALOG-TO-DIGITAL CONVERTERS
More results

Similar Description - TLC5510AINSR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5510 TI1-TLC5510_03 Datasheet
233Kb / 15P
[Old version datasheet]   8-BIT HIGH-SPEED ANALOG-TO-DIGITAL CONVERTERS
TLC5510IPWR TI1-TLC5510IPWR Datasheet
667Kb / 20P
[Old version datasheet]   8-BIT HIGH-SPEED ANALOG-TO-DIGITAL CONVERTERS
TLC5510AINSR TI1-TLC5510AINSR Datasheet
233Kb / 15P
[Old version datasheet]   8-BIT HIGH-SPEED ANALOG-TO-DIGITAL CONVERTERS
TLC5510 TI1-TLC5510_14 Datasheet
681Kb / 21P
[Old version datasheet]   8-BIT HIGH-SPEED ANALOG-TO-DIGITAL CONVERTERS
TLC5510 TI-TLC5510 Datasheet
218Kb / 15P
[Old version datasheet]   8-BIT HIGH-SPEED ANALOG-TO-DIGITAL CONVERTERS
TLC5510AINSR TI-TLC5510AINSR Datasheet
233Kb / 15P
[Old version datasheet]   8-BIT HIGH-SPEED ANALOG-TO-DIGITAL CONVERTERS
TLC5510INSR TI-TLC5510INSR Datasheet
233Kb / 15P
[Old version datasheet]   8-BIT HIGH-SPEED ANALOG-TO-DIGITAL CONVERTERS
logo
National Semiconductor ...
DAC800 NSC-DAC800 Datasheet
295Kb / 2P
   8 BIT DIGITAL TO ANALOG CONVERTERS
logo
Analog Devices
ADC1131 AD-ADC1131_15 Datasheet
1Mb / 4P
   14-Bit High Speed, Analog To-Digital Converters
logo
National Semiconductor ...
DAC0800 NSC-DAC0800_51 Datasheet
637Kb / 9P
   8-BIT DIGITAL-TO-ANALOG CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com