Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELJFC561KF2 Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # ELJFC561KF2
Description  3. General use FC, FA, FB
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ELJFC561KF2 Datasheet(HTML) 3 Page - Panasonic Semiconductor

  ELJFC561KF2 Datasheet HTML 1Page - Panasonic Semiconductor ELJFC561KF2 Datasheet HTML 2Page - Panasonic Semiconductor ELJFC561KF2 Datasheet HTML 3Page - Panasonic Semiconductor ELJFC561KF2 Datasheet HTML 4Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Fixed Inductors (Chip Inductors)
0.6
±0.2
3.2
±0.3
Marking
4.0 to 4.6
1.6 to 2.0
Part No.
Inductance
Q
SRF
1
(MHz) min.
RDC
2
( ) max.
DC Current
(mA) max.
(µH)
Tolerance
(%)
Test Freq.
(MHz)
min.
Test Freq.
(MHz)
ELJFAR22 F2
0.22
M : ±20 %
or
K : ±10 %
25.2
25
25.2
230
0.29
360
ELJFAR27 F2
0.27
210
0.32
345
ELJFAR33 F2
0.33
190
0.35
330
ELJFAR39 F2
0.39
175
0.39
305
ELJFAR47 F2
0.47
160
0.44
290
ELJFAR56 F2
0.56
150
0.49
275
ELJFAR68 F2
0.68
135
0.55
260
ELJFAR82 F2
0.82
125
0.61
245
ELJFA1R0 F2
1.0
K : ±10 %
or
J : ± 5 %
7.96
30
7.96
115
0.69
230
ELJFA1R2 F2
1.2
100
0.75
215
ELJFA1R5 F
1.5
90
0.75
210
ELJFA1R8 F
1.8
85
0.82
200
ELJFA2R2 F
2.2
80
0.95
190
ELJFA2R7 F
2.7
75
1.1
180
ELJFA3R3 F
3.3
65
1.2
180
ELJFA3R9 F
3.9
60
1.3
175
ELJFA4R7 F
4.7
55
1.5
165
ELJFA5R6 F
5.6
50
1.6
160
ELJFA6R8 F
6.8
45
1.8
150
ELJFA8R2 F
8.2
40
2.0
140
ELJFA100 F10
2.52
2.52
36
2.1
140
ELJFA120 F12
33
2.5
125
ELJFA150 F15
30
2.8
120
ELJFA180 F18
27
3.3
110
ELJFA220 F22
25
3.7
105
ELJFA270 F27
22
5.0
90
ELJFA330 F33
20
5.6
85
ELJFA390 F39
20
6.4
80
ELJFA470 F47
15
7.0
75
ELJFA560 F56
15
8.0
70
ELJFA680 F68
15
9.0
65
ELJFA820 F8210
10.0
60
ELJFA101 F
100
0.796
20
0.796
10
10.0
60
ELJFA121 F
120
10
11.0
55
ELJFA151 F
150
8
15.0
50
ELJFA181 F
180
7
17.0
50
ELJFA221 F
220
7
21.0
45
Recommended Land Pattern in mm (not to scale)
Dimensions in mm (not to scale)
FA Type 3225 (1210)
Standard Packing Quantity
2000 pcs./Reel
Standard Parts
: Symbol of Tolerance
✽1 : Self Resonant Frequency ✽2 : DC Resistance
Feb. 2006


Similar Part No. - ELJFC561KF2

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ELJFC561KF2 PANASONIC-ELJFC561KF2 Datasheet
76Kb / 4P
   Fixed Inductors (Chip Inductors)
ELJFC561KF2 PANASONIC-ELJFC561KF2 Datasheet
96Kb / 4P
   Fixed Inductors (Chip Inductors)
ELJFC561KF2 PANASONIC-ELJFC561KF2 Datasheet
96Kb / 4P
   Fixed Inductors (Chip Inductors)
More results

Similar Description - ELJFC561KF2

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ELJFA1R2KF2 PANASONIC-ELJFA1R2KF2_12 Datasheet
96Kb / 4P
   General Use FC, FA, FB General use wire wound, resin molded chip inductor.
logo
PHOENIX CONTACT
0202167 PHOENIX-0202167 Datasheet
42Kb / 2P
   Fixed bridge - FB 3- 8
0201168 PHOENIX-0201168 Datasheet
43Kb / 2P
   Fixed bridge - FB 3- 6
logo
Omron Electronics LLC
WE70 OMRON-WE70 Datasheet
2Mb / 12P
   The FA Wireless LAN Unit manages FA sites with 3 solutions
logo
TDK Electronics
YFF18AC TDK-YFF18AC Datasheet
289Kb / 8P
   3-terminal filters For automotive general use
logo
Panasonic Semiconductor
ELJDA680JF PANASONIC-ELJDA680JF Datasheet
85Kb / 2P
   Signal Processing Use (Low Distortion Type) DA, FA***D
logo
Weidmuller
1429350000 WEIDMULLER-1429350000 Datasheet
682Kb / 4P
   HDC MHX 3 FC
2748370000 WEIDMULLER-2748370000 Datasheet
523Kb / 4P
   HDC MHX 3/4 FC
logo
DENSEI-LAMBDA
MX13 LAMBDA-MX13 Datasheet
1Mb / 4P
   3 Phase Noise filter for FA Servo System
logo
Burland Technology Solu...
FB-TFB2 BURLAND-FB-TFB2 Datasheet
788Kb / 1P
   FB-TFB2
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com