Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELJNC10NKFB Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # ELJNC10NKFB
Description  1. High Frequency Use (Non Magnetic Core) RF, ND, NC, NA
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ELJNC10NKFB Datasheet(HTML) 3 Page - Panasonic Semiconductor

  ELJNC10NKFB Datasheet HTML 1Page - Panasonic Semiconductor ELJNC10NKFB Datasheet HTML 2Page - Panasonic Semiconductor ELJNC10NKFB Datasheet HTML 3Page - Panasonic Semiconductor ELJNC10NKFB Datasheet HTML 4Page - Panasonic Semiconductor ELJNC10NKFB Datasheet HTML 5Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Fixed Inductors (Chip Inductors)
2.0
+0.3
0.4
±0.2
(1.2)
–0.2
3.0 to 3.8
1.0 to 1.2
Part No.
Inductance
Q
SRF
1
(MHz) min.
RDC
2
( ) max.
DC Current
(mA) max.
(nH)
Tolerance
(%)
Test Freq.
(MHz)
min.
Test Freq.
(MHz)
ELJND10N F10
K : ±10 %
100
10
100
3300
0.18
540
ELJND12N F12
3300
0.24
535
ELJND15N F15
12
3000
0.24
520
ELJND18N F18
3000
0.29
480
ELJND22N F22
2600
0.29
465
ELJND27N F27
15
2500
0.34
455
ELJND33N F33
K : ±10 %
or
J : ± 5 %
2050
0.39
395
ELJND39N F39
2000
0.41
390
ELJND47N F47
1650
0.46
385
ELJND56N F56
1550
0.51
360
ELJND68N F68
1450
0.57
340
ELJND82N F82
1100
0.63
330
ELJNDR10 F
100
25.2
8
25.2
800
0.86
285
ELJNDR12 F
120
600
0.99
275
ELJNDR15 F
150
10
600
1.47
230
ELJNDR18 F
180
600
1.61
195
ELJNDR22 F
220
500
1.84
170
ELJNDR27 F
270
300
1.95
165
ELJNDR33 F
330
200
2.16
160
ELJNDR39 F
390
150
2.37
150
ELJNDR47 F
470
150
2.56
145
ELJNDR56 F
560
100
2.69
140
ELJNDR68 F
680
100
3.02
130
ELJNDR82 F
820
80
3.38
125
ELJND1R0 F
1000
7.96
8
7.96
80
3.88
120
Dimensions in mm (not to scale)
Recommended Land Pattern in mm (not to scale)
ND Type 2012 (0805)
✽1 : Self Resonant Frequency ✽2 : DC Resistance
Standard Parts
: Symbol of Tolerance
Standard Packing Quantity
3000 pcs./Reel
Feb. 2006


Similar Part No. - ELJNC10NKFB

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ELJNC10NKFB PANASONIC-ELJNC10NKFB Datasheet
169Kb / 8P
   Fixed Inductors (Chip Inductors)
ELJNC10NKFB PANASONIC-ELJNC10NKFB Datasheet
162Kb / 8P
   Fixed Inductors (Chip Inductors)
More results

Similar Description - ELJNC10NKFB

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ELJRF1N0FB PANASONIC-ELJRF1N0FB Datasheet
162Kb / 8P
   High Frequency Use Non Magnetic Core RF RE ND NC NA
ELJRF10NJFB PANASONIC-ELJRF10NJFB Datasheet
162Kb / 8P
   High Frequency Use (Non Magnetic Core) RF, RE, ND, NC, NA RoHS compliant
ELJRG1N0DF PANASONIC-ELJRG1N0DF Datasheet
51Kb / 1P
   Non Magnetic Core Types RG, RF, RE, NJ, ND, NC, NA Dimensions in mm (not to scale)
ELJ-NCR18JF PANASONIC-ELJ-NCR18JF Datasheet
162Kb / 8P
   High Frequency Use (Non Magnetic Core)
ELJ-RE33NJFA PANASONIC-ELJ-RE33NJFA Datasheet
203Kb / 8P
   Chip Inductors High Frequency Use (Non Magnetic Core)
ELJJRF PANASONIC-ELJJRF Datasheet
203Kb / 8P
   Chip Inductors High Frequency Use (Non Magnetic Core)
ELJ-EA331KF PANASONIC-ELJ-EA331KF Datasheet
203Kb / 8P
   Chip Inductors High Frequency Use (Non Magnetic Core)
ELJ-FA3R9KF PANASONIC-ELJ-FA3R9KF Datasheet
203Kb / 8P
   Chip Inductors High Frequency Use (Non Magnetic Core)
ELJ-RF5N6DFB PANASONIC-ELJ-RF5N6DFB Datasheet
203Kb / 8P
   Chip Inductors High Frequency Use (Non Magnetic Core)
logo
Schneider Electric
XCSDMP7002 SCHNEIDER-XCSDMP7002 Datasheet
78Kb / 2P
   coded magnetic switch XCSDMP - 2 NC 1 NO - 1 NC staggered - 2m
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com