Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELJFC1R2MF2 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # ELJFC1R2MF2
Description  3. General use FC, FA, FB
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ELJFC1R2MF2 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  ELJFC1R2MF2 Datasheet HTML 1Page - Panasonic Semiconductor ELJFC1R2MF2 Datasheet HTML 2Page - Panasonic Semiconductor ELJFC1R2MF2 Datasheet HTML 3Page - Panasonic Semiconductor ELJFC1R2MF2 Datasheet HTML 4Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Fixed Inductors (Chip Inductors)
E
1
L
2
J
3
F
4
A
5
1
6
R
7
2
8
K
9
F2
10
Taping
F
Chip Inductors
Product code
11
Shape
FC
FA
FB
2520
3225
4532
Inductance
220 nH
3.3
µH
47
µH
560
µH
1000
µH
R22
3R3
470
561
102
Inductance tolerance
±5%
±10 %
±20 %
J
K
M
Packaging Design No.
3. General use FC, FA, FB
Features
● General use wire wound and resin molded chip inductor.
● Corespond to Re-flowsoldering and flow soldering.
● Wide line-up from 2520 size to 4532 size.
● Good for mounting.
Recommended Applications
● AV equipment, Wireless communication equipment and various general electronic equipment.
Explanation of Part Numbers
■Storage condition
● Package
: Normal temperature (–5 to 35 °C), normal humidity (85 %RH Max.), shall not be exposed to
direct sunlight and harmful gas and care should be taken so as not to cause dew.
● Product on PWB : Temperature –20 to +85 °C
■Storage period
● In generally, even if storage condition is good, solderability will be down cause of time progress.
Please use product within 6 months after received.
(In case of over 6 months storage period, use the product after confirmation of no abnormality of appearance and
solderability.)
■Packaging
Refer 28 ro 29 page.
■Soldering condition
Refer 30 page.
■Caution for use
Refer 31 page.
Japan
China
Feb. 2006


Similar Part No. - ELJFC1R2MF2

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ELJFC1R2MF PANASONIC-ELJFC1R2MF Datasheet
96Kb / 4P
   General Use FC, FA, FB General use wire wound, resin molded chip inductor.
More results

Similar Description - ELJFC1R2MF2

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ELJFA1R2KF2 PANASONIC-ELJFA1R2KF2_12 Datasheet
96Kb / 4P
   General Use FC, FA, FB General use wire wound, resin molded chip inductor.
logo
PHOENIX CONTACT
0202167 PHOENIX-0202167 Datasheet
42Kb / 2P
   Fixed bridge - FB 3- 8
0201168 PHOENIX-0201168 Datasheet
43Kb / 2P
   Fixed bridge - FB 3- 6
logo
Omron Electronics LLC
WE70 OMRON-WE70 Datasheet
2Mb / 12P
   The FA Wireless LAN Unit manages FA sites with 3 solutions
logo
TDK Electronics
YFF18AC TDK-YFF18AC Datasheet
289Kb / 8P
   3-terminal filters For automotive general use
logo
Panasonic Semiconductor
ELJDA680JF PANASONIC-ELJDA680JF Datasheet
85Kb / 2P
   Signal Processing Use (Low Distortion Type) DA, FA***D
logo
Weidmuller
1429350000 WEIDMULLER-1429350000 Datasheet
682Kb / 4P
   HDC MHX 3 FC
2748370000 WEIDMULLER-2748370000 Datasheet
523Kb / 4P
   HDC MHX 3/4 FC
logo
DENSEI-LAMBDA
MX13 LAMBDA-MX13 Datasheet
1Mb / 4P
   3 Phase Noise filter for FA Servo System
logo
Burland Technology Solu...
FB-TFB2 BURLAND-FB-TFB2 Datasheet
788Kb / 1P
   FB-TFB2
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com