Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLK2711IRCP Datasheet(PDF) 8 Page - Texas Instruments

Part # TLK2711IRCP
Description  1.6 TO 2.7 GBPS TRANSCEIVER
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLK2711IRCP Datasheet(HTML) 8 Page - Texas Instruments

Back Button TLK2711IRCP Datasheet HTML 4Page - Texas Instruments TLK2711IRCP Datasheet HTML 5Page - Texas Instruments TLK2711IRCP Datasheet HTML 6Page - Texas Instruments TLK2711IRCP Datasheet HTML 7Page - Texas Instruments TLK2711IRCP Datasheet HTML 8Page - Texas Instruments TLK2711IRCP Datasheet HTML 9Page - Texas Instruments TLK2711IRCP Datasheet HTML 10Page - Texas Instruments TLK2711IRCP Datasheet HTML 11Page - Texas Instruments TLK2711IRCP Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
TLK2711
1.6 TO 2.7 GBPS TRANSCEIVER
SLLS501 – SEPTEMBER 2001
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
detailed description (continued)
16 bit Word to Transmit
Transmitted 20 bit Word
TXP,
TXN
TXD[0–15]
TXCLK
td(Tx latency)
Figure 3. Transmitter Latency
8-bit/10-bit encoder
All true serial interfaces require a method of encoding to insure minimum transition density so that the receiving
PLL has a minimal number of transitions to stay locked on. The encoding scheme maintains the signal dc
balance by keeping the number of ones and zeros the same. This provides good transition density for clock
recovery and improves error checking. The TLK2711 uses the 8-bit/10-bit encoding algorithm that is used by
fibre channel and gigabit ethernet. This is transparent to the user, as the TLK2711 internally encodes and
decodes the data such that the user reads and writes actual 16-bit data.
The 8-bit/10-bit encoder converts 8-bit wide data to a 10-bit wide encoded data character to improve its
transmission characteristics. Since the TLK2711 is a 16-bit wide interface, the data is split into two 8-bit wide
bytes for encoding. Each byte is fed into a separate encoder. The encoding is dependent upon two additional
input signals, the TKMSB and TKLSB.
Table 1. Transmit Data Controls
TKLSB
TKMSB
16 BIT PARALLEL INPUT
0
0
Valid data on TXD(0–7),
Valid data TXD(8–15)
0
1
Valid data on TXD(0–7),
K code on TXD(8–15)
1
0
K code on TXD(0–7),
Valid data on TXD(8–15)
1
1
K code on TXD(0–7),
K code on TXD(8–15)
PRBS generator
The TLK2711 has a built-in 27-1 PRBS (pseudorandom bit stream) function. When the PRBSEN terminal is
forced high, the PRBS test is enabled. A PRBS is generated and fed into the 10-bit parallel-to-serial converter
input register. Data from the normal input source is ignored during the PRBS mode. The PRBS pattern is then
fed through the transmit circuitry as if it were normal data and sent out to the transmitter. The output can be sent
to a BERT (bit error rate tester), the receiver of another TLK2711, or looped back to the receive input. Since the
PRBS is not really random but a predetermined sequence of ones and zeroes, the data can be captured and
checked for errors by a BERT.
parallel-to-serial
The parallel-to-serial shift register takes in the 20-bit wide data word multiplexed from the two parallel 8-bit/10-bit
encoders and converts it to a serial stream. The shift register is clocked on both the rising and falling edge of
the internally generated bit clock, which is 10 times the TXCLK input frequency. The LSB (TXD0) is transmitted
first.


Similar Part No. - TLK2711IRCP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLK2711IRCP TI-TLK2711IRCP Datasheet
634Kb / 27P
[Old version datasheet]   1.6 TO 2.7 GBPS TRANSCEIVER
More results

Similar Description - TLK2711IRCP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLK2711IRCP TI-TLK2711IRCP Datasheet
634Kb / 27P
[Old version datasheet]   1.6 TO 2.7 GBPS TRANSCEIVER
TLK2701 TI-TLK2701 Datasheet
291Kb / 21P
[Old version datasheet]   1.6 TO 2.7 GBPS TRANSCEIVER
TLK2711 TI-TLK2711 Datasheet
309Kb / 22P
[Old version datasheet]   1.6 TO 2.7 GBPS TRANSCEIVER
TLK2711A TI1-TLK2711A Datasheet
1,007Kb / 27P
[Old version datasheet]   1.6 TO 2.7 GBPS TRANSCEIVER
TLK2701 TI1-TLK2701_16 Datasheet
858Kb / 27P
[Old version datasheet]   1.6 TO 2.7 GBPS TRANSCEIVER
TLK2500 TI1-TLK2500 Datasheet
297Kb / 10P
[Old version datasheet]   1.6 Gbps to 2.5 Gbps TRANSCEIVER
TLK2500IRCP TI-TLK2500IRCP Datasheet
268Kb / 20P
[Old version datasheet]   1.6 Gbps to 2.5 Gbps TRANSCEIVER
TLK2711-SP TI1-TLK2711-SP_15 Datasheet
414Kb / 29P
[Old version datasheet]   1.6-Gbps to 2.5-Gbps Class V Transceiver
TLK2711-SP TI-TLK2711-SP Datasheet
310Kb / 21P
[Old version datasheet]   1.6-Gbps to 2.5-Gbps Class V Transceiver
TLK2711-SP TI1-TLK2711-SP_16 Datasheet
414Kb / 29P
[Old version datasheet]   TLK2711-SP 1.6-Gbps to 2.5-Gbps Class V Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com