Electronic Components Datasheet Search |
|
TLE2426MJGB Datasheet(PDF) 8 Page - Texas Instruments |
|
TLE2426MJGB Datasheet(HTML) 8 Page - Texas Instruments |
8 / 30 page TLE2426, TLE2426Y THE RAIL SPLITTER" PRECISION VIRTUAL GROUND SLOS098D − AUGUST 1991 − REVISED MAY 1998 8 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 electrical characteristics at specified free-air temperature, VI = 12 V, IO = 0 (unless otherwise noted) PARAMETER TEST CONDITIONS TA† TLE2426I UNIT PARAMETER TEST CONDITIONS TA† MIN TYP MAX UNIT VI = 4 V 1.98 2 2.02 Output voltage VI = 12 V 25 °C 5.95 6 6.05 V Output voltage VI = 40 V 25 C 19.8 20 20.2 V VI = 12 V Full range 5.935 6.065 Temperature coefficient of output voltage Full range 35 ppm/ °C Temperature coefficient of output voltage Full range 35 ppm/ °C Supply current No load VI = 12 V 25 °C 195 300 A Supply current No load VI = 4 to 40 V Full range 400 µA Output voltage regulation IO = 0 to − 10 mA 25 °C −45 ±160 Output voltage regulation (sourcing current)‡ IO = 0 to − 10 mA Full range ±250 µV (sourcing current)‡ IO = 0 to − 20 mA 25 °C − 150 ±450 µV Output voltage regulation IO = 0 to 10 mA 25 °C 15 ±160 Output voltage regulation (sinking current)‡ IO = 0 to 8 mA Full range ±250 µV (sinking current)‡ IO = 0 to 20 mA 25 °C 65 ±235 µV Output impedance 25 °C 7.5 22.5 m Ω Noise-reduction impedance 25 °C 110 k Ω Short-circuit current Sinking current, VO = 12 V 25 °C 31 mA Short-circuit current Sourcing current, VO = 0 25 °C −70 mA Output noise voltage, rms f = 10 Hz to 10 kHz CNR = 0 25 °C 120 V Output noise voltage, rms f = 10 Hz to 10 kHz CNR = 1 µF 25 °C 30 µV VO to 0.1%, IO = ± 10 mA CL = 0 25 °C 290 Output voltage current step response VO to 0.1%, IO = ± 10 mA CL = 100 pF 25 °C 275 s Output voltage current step response VO to 0.01%, IO = ± 10 mA CL = 0 25 °C 400 µs VO to 0.01%, IO = ± 10 mA CL = 100 pF 25 °C 390 Step response VI = 0 to 12 V, VO to 0.1% CL = 100 pF 25 °C 20 µs Step response VI = 0 to 12 V, VO to 0.01% CL = 100 pF 25 °C 120 µs † Full range is − 40°C to 85°C. ‡ The listed values are not production tested. |
Similar Part No. - TLE2426MJGB |
|
Similar Description - TLE2426MJGB |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |