Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV320AIC1103PBSG4 Datasheet(PDF) 8 Page - Texas Instruments

Part # TLV320AIC1103PBSG4
Description  PCM CODEC
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV320AIC1103PBSG4 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TLV320AIC1103PBSG4 Datasheet HTML 4Page - Texas Instruments TLV320AIC1103PBSG4 Datasheet HTML 5Page - Texas Instruments TLV320AIC1103PBSG4 Datasheet HTML 6Page - Texas Instruments TLV320AIC1103PBSG4 Datasheet HTML 7Page - Texas Instruments TLV320AIC1103PBSG4 Datasheet HTML 8Page - Texas Instruments TLV320AIC1103PBSG4 Datasheet HTML 9Page - Texas Instruments TLV320AIC1103PBSG4 Datasheet HTML 10Page - Texas Instruments TLV320AIC1103PBSG4 Datasheet HTML 11Page - Texas Instruments TLV320AIC1103PBSG4 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 33 page
background image
TLV320AIC1103
SLAS356 − DECEMBER 2001
8
www.ti.com
electrical characteristics, VDD = 2.7 V, TA = 25°C (unless otherwise noted)
supply current
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Operating, EAR1 selected, MicBias disabled
6
7
mA
IDD
Supply current from VDD
Operating, EAR2 selected, MicBias disabled
5.4
6
mA
IDD
Supply current from VDD
Power down, Reg 2 bit 7 = 1, MCLK not present (see Note 3)
0.5
10
µA
Power down, Reg 2 bit 7 = 0, MCLK not present (see Note 3)
25
40
µA
ton(i)
Power-up time from power down
5
10
ms
NOTE 3: VIH = VDD, VIL = VSS
digital interface
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOH
High-level output voltage, PCMO and BUZZCON
IOH = − 3.2 mA,
VDD = 3 V
DVDD
V
VOL
Low-level output voltage, PCMO and BUZZCON
IOL = 3.2 mA,
VDD = 3 V
0
V
IIH
High-level input current, any digital input
VI = VDD
10
µA
IIL
Low-level input current, any digital input
VI = VSS
10
µA
CI
Input capacitance
10
pF
Co
Output capacitance
20
pF
RL
Load impedance (BuzzCon)
5
k
microphone interface
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIO
Input offset voltage at MIC1N, MIC2N
See Note 4
−5
5
mV
IIB
Input bias current at MIC1N, MIC2N
− 200
200
nA
Ci
Input capacitance at MIC1N, MIC2N
5
pF
Vn
Microphone input referred noise, psophometric weighted
(C-message weighted is similar)
Micamp 1 gain = 23.5 dB
Micamp 2 gain = 0 dB
3
7.7
µVrms
IOmax
Output source current MBIAS
1
1.2
mA
V(mbias)
Microphone bias supply voltage (see Note 5)
2.4
2.5
2.55
V
MICMUTE
−80
dB
Input impedance
Fully differential
35
60
100
k
NOTES:
4. Measured while MIC1P and MIC1N are connected together. Less than 5-mV offset results in 0 value code on PCMOUT.
5. Not a JEDEC symbol.
speaker interface
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Earphone AMP1 output power (See Note 6)
VDD = 2.7 V, fully differential, 16-Ω load,
3-dBm0 output, RGXPA = − 2 dB
120.9
151.1
mW
Earphone AMP1 output power (See Note 6)
VDD = 2.7 V, fully differential, 32-Ω load,
3-dBm0 output, RGXPA = −1 dB
76.1
95.1
mW
Earphone AMP2 output power (See Note 6)
VDD = 2.7 V, single ended, 32-Ω load,
3-dBm0 output
10
12.5
mW
VOO
Output offset voltage at EAR1
Fully differential
±5
±30
mV
Maximum output current for EAR1(rms)
3-dBm0 input, 16-
Ω load
86.9
108.6
IOmax
Maximum output current for EAR1(rms)
3-dBm0 input, 32-
Ω load
48.7
60.8
mA
IOmax
Maximum output current for EAR2 (rms)
3-dBm0 input
17.7
22.1
mA
EARMUTE
−80
dB
NOTE 6: Maximum power is with a load impedance of approximately 12
Ω.


Similar Part No. - TLV320AIC1103PBSG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320AIC1103 TI-TLV320AIC1103 Datasheet
411Kb / 31P
[Old version datasheet]   PCM CODEC
More results

Similar Description - TLV320AIC1103PBSG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320AIC1109 TI-TLV320AIC1109 Datasheet
353Kb / 27P
[Old version datasheet]   PCM CODEC
TLV320AIC1106PWR TI-TLV320AIC1106PWR Datasheet
538Kb / 19P
[Old version datasheet]   PCM CODEC
TLV320AIC1106 TI1-TLV320AIC1106_14 Datasheet
550Kb / 20P
[Old version datasheet]   PCM CODEC
TLV320AIC1110 TI1-TLV320AIC1110_14 Datasheet
1,016Kb / 41P
[Old version datasheet]   PCM CODEC
logo
Macronix International
MX93002 MCNIX-MX93002 Datasheet
373Kb / 35P
   PCM CODEC
logo
Texas Instruments
TLV320AIC1106 TI-TLV320AIC1106 Datasheet
220Kb / 17P
[Old version datasheet]   PCM CODEC
TLV320AIC1106 TI-TLV320AIC1106_15 Datasheet
537Kb / 19P
[Old version datasheet]   PCM CODEC
TLV320AIC1110 TI-TLV320AIC1110 Datasheet
508Kb / 39P
[Old version datasheet]   PCM CODEC
TLV320AIC1103 TI-TLV320AIC1103 Datasheet
411Kb / 31P
[Old version datasheet]   PCM CODEC
TLV320AIC1107 TI-TLV320AIC1107 Datasheet
220Kb / 17P
[Old version datasheet]   PCM CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com