Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV5620CN Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TLV5620CN
Description  QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV5620CN Datasheet(HTML) 9 Page - Texas Instruments

Back Button TLV5620CN Datasheet HTML 5Page - Texas Instruments TLV5620CN Datasheet HTML 6Page - Texas Instruments TLV5620CN Datasheet HTML 7Page - Texas Instruments TLV5620CN Datasheet HTML 8Page - Texas Instruments TLV5620CN Datasheet HTML 9Page - Texas Instruments TLV5620CN Datasheet HTML 10Page - Texas Instruments TLV5620CN Datasheet HTML 11Page - Texas Instruments TLV5620CN Datasheet HTML 12Page - Texas Instruments TLV5620CN Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
TLV5620C, TLV5620I
QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
SLAS110B – JANUARY 1995 – REVISED APRIL 1997
9
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
10 k
CL = 100 pF
TLV5620
DACA
DACB
DACC
DACD
Figure 6. Slew, Settling Time, and Linearity Measurements
TYPICAL CHARACTERISTICS
Figure 7
POSITIVE RISE TIME AND SETTLING TIME
VDD = 3 V
TA = 25°C
Code 00 to
FF Hex
Range =
×2
Vref = 1.25 V
(see Note A)
Time –
µs
02
4
6
8
10
12
14
16
18
20
–1
– 0.5
0.5
1
1.5
2
2.5
0
3
NOTE A: Rise time = 2.05
µs, positive slew rate = 0.96 V/µs, settling
time = 4.5
µs.
Figure 8
NEGATIVE FALL TIME AND SETTLING TIME
VDD = 3 V
TA = 25°C
Code FF to
00 Hex
Range =
×2
Vref = 1.25 V
(see Note A)
Time –
µs
02
4
6
8
10
12
14
16
18
20
–1
– 0.5
0.5
1
1.5
2
2.5
0
3
NOTE A: Fall time = 4.25
µs, negative slew rate = 0.46 V/µs, settling
time = 8.5
µs.


Similar Part No. - TLV5620CN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV5620CN TI-TLV5620CN Datasheet
196Kb / 14P
[Old version datasheet]   QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
More results

Similar Description - TLV5620CN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC7226 TI1-TLC7226 Datasheet
457Kb / 21P
[Old version datasheet]   QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC5620C TI-TLC5620C Datasheet
218Kb / 10P
[Old version datasheet]   QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC5620C TI-TLC5620C Datasheet
190Kb / 13P
[Old version datasheet]   QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
TLV5620C TI-TLV5620C Datasheet
196Kb / 14P
[Old version datasheet]   QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC7226C TI1-TLC7226C Datasheet
227Kb / 18P
[Old version datasheet]   QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC7225 TI1-TLC7225 Datasheet
337Kb / 22P
[Old version datasheet]   QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC5620C TI1-TLC5620C_08 Datasheet
395Kb / 17P
[Old version datasheet]   QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC7225C TI-TLC7225C Datasheet
289Kb / 21P
[Old version datasheet]   QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
TLV5620IDR TI-TLV5620IDR Datasheet
734Kb / 16P
[Old version datasheet]   QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC7226C TI-TLC7226C_15 Datasheet
964Kb / 24P
[Old version datasheet]   QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com