Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC27M9MJB Datasheet(PDF) 10 Page - Texas Instruments

Part # TLC27M9MJB
Description  LinCMOS PRECISION QUAD OPERATIONAL AMPLIFIERS
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC27M9MJB Datasheet(HTML) 10 Page - Texas Instruments

Back Button TLC27M9MJB Datasheet HTML 6Page - Texas Instruments TLC27M9MJB Datasheet HTML 7Page - Texas Instruments TLC27M9MJB Datasheet HTML 8Page - Texas Instruments TLC27M9MJB Datasheet HTML 9Page - Texas Instruments TLC27M9MJB Datasheet HTML 10Page - Texas Instruments TLC27M9MJB Datasheet HTML 11Page - Texas Instruments TLC27M9MJB Datasheet HTML 12Page - Texas Instruments TLC27M9MJB Datasheet HTML 13Page - Texas Instruments TLC27M9MJB Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 50 page
background image
TLC27M4, TLC27M4A, TLC27M4B, TLC27M4Y, TLC27M9
SLOS093D – OCTOBER 1987 – REVISED OCTOBER 2012
www.ti.com
ELECTRICAL CHARACTERISTICS
at specified free-air temperature, VDD = 5 V (unless otherwise noted)
TLC27M4M
TLC27M9M
PARAMETER
TEST CONDITIONS
TA
(1)
UNIT
MIN
TYP
MAX
25°C
1.1
10
VO = 1.4 V,
VIC = 0,
TLC27M4M
mV
RS = 50 Ω,
RL = 100 kΩ
Full range
12
VIO
Input offset voltage
25°C
210
900
VO = 1.4 V,
VIC = 0,
TLC27M9M
µV
RS = 50 Ω,
RL = 100 kΩ
Full range
3750
Average temperature coefficient of input
αVIO
25°C to 125°C
1.7
µV/°C
offset voltage
25°C
0.1
pA
IIO
Input offset current(2)
VO = 2.5 V,
VIC = 2.5 V
125°C
1.4
15
nA
25°C
0.6
pA
IIB
Input bias current(2)
VO = 2.5 V,
VIC = 2.5 V
85°C
9
35
nA
0
–0.3
25°C
to
to
V
4
4.2
VICR
Common-mode input voltage range(3)
0
Full range
to
V
3.5
25°C
3.2
3.9
VOH
High-level output voltage
VID = 100 mV,
RL = 100 kΩ
–55°C
3
3.9
V
125°C
3
4
25°C
0
50
VOL
Low-level output voltage
VID = –100 mV,
IOL = 0
–55°C
0
50
mV
125°C
0
50
25°C
25
170
Large-signal differential voltage
AVD
VO = 0.25 V to 2 V, RL = 100 kΩ
–55°C
15
270
V/mV
amplification
125°C
15
120
25°C
65
91
CMRR
Common-mode rejection ratio
VIC = VICRmin
–55°C
60
89
dB
125°C
60
91
25°C
70
93
Supply-voltage rejection ratio
kSVR
VDD = 5 V to 10 V,
VO = 1.4 V
–55°C
60
91
dB
(
ΔVDD/ΔVIO)
125°C
60
94
25°C
420
1120
VO = 2.5 V,
IDD
Supply current (four amplifiers)
VIC = 2.5 V,
–55°C
680
1760
µA
No load
125°C
280
720
(1)
Full range is –55°C to 125°C.
(2)
The typical values of input bias current and input offset current below 5 pA were determined mathematically.
(3)
This range also applies to each input individually.
10
Submit Documentation Feedback
Copyright © 1987–2012, Texas Instruments Incorporated
Product Folder Links: TLC27M4 TLC27M4A TLC27M4B TLC27M4Y TLC27M9


Similar Part No. - TLC27M9MJB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC27M9MJB TI1-TLC27M9MJB Datasheet
1Mb / 52P
[Old version datasheet]   PRECISION QUAD OPERATIONAL AMPLIFIERS
More results

Similar Description - TLC27M9MJB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC274 TI-TLC274_V01 Datasheet
1Mb / 49P
[Old version datasheet]   LinCMOS PRECISION QUAD OPERATIONAL AMPLIFIERS
TLC27M4 TI-TLC27M4_V01 Datasheet
1Mb / 48P
[Old version datasheet]   LinCMOS??PRECISION QUAD OPERATIONAL AMPLIFIERS
TLC27M4 TI-TLC27M4_V02 Datasheet
1Mb / 47P
[Old version datasheet]   LinCMOS??PRECISION QUAD OPERATIONAL AMPLIFIERS
TLC27L4 TI-TLC27L4_V01 Datasheet
1Mb / 43P
[Old version datasheet]   LinCMOS PRECISION QUAD OPERATIONAL AMPLIFIERS
TLC254 TI1-TLC254_15 Datasheet
535Kb / 28P
[Old version datasheet]   LinCMOS QUAD OPERATIONAL AMPLIFIERS
TLC1078CDRG4 TI-TLC1078CDRG4 Datasheet
1Mb / 36P
[Old version datasheet]   LinCMOS UPOWER PRECISION OPERATIONAL AMPLIFIERS
TLC272IDR TI-TLC272IDR Datasheet
1Mb / 51P
[Old version datasheet]   LinCMOS PRECISION DUAL OPERATIONAL AMPLIFIERS
TLC27L2CPE4 TI1-TLC27L2CPE4 Datasheet
1Mb / 49P
[Old version datasheet]   LinCMOS PRECISION DUAL OPERATIONAL AMPLIFIERS
TLC27M2 TI-TLC27M2_V01 Datasheet
1Mb / 49P
[Old version datasheet]   LinCMOS PRECISION DUAL OPERATIONAL AMPLIFIERS
TLC272 TI-TLC272_V01 Datasheet
1Mb / 51P
[Old version datasheet]   LinCMOS PRECISION DUAL OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com