Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK93C41A Datasheet(PDF) 8 Page - Asahi Kasei Microsystems

Part # AK93C41A
Description  0.9V operation 1K / 2Kbit Serial CMOS EEPROM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK93C41A Datasheet(HTML) 8 Page - Asahi Kasei Microsystems

Back Button AK93C41A Datasheet HTML 4Page - Asahi Kasei Microsystems AK93C41A Datasheet HTML 5Page - Asahi Kasei Microsystems AK93C41A Datasheet HTML 6Page - Asahi Kasei Microsystems AK93C41A Datasheet HTML 7Page - Asahi Kasei Microsystems AK93C41A Datasheet HTML 8Page - Asahi Kasei Microsystems AK93C41A Datasheet HTML 9Page - Asahi Kasei Microsystems AK93C41A Datasheet HTML 10Page - Asahi Kasei Microsystems AK93C41A Datasheet HTML 11Page - Asahi Kasei Microsystems AK93C41A Datasheet HTML 12Page - Asahi Kasei Microsystems  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
ASAHI KASEI
[AK93C41A/51A]
DAM05E-01
1999/12
- 8 -
Absolute Maximum Ratings
Parameter
Symbol
Min
Max
Unit
Power Supply
VCC
-0.6
+5.0
V
All Input Voltages
with Respect to Ground
VIO
-0.6
VCC+0.6
V
Ambient storage temperature
Tst
-65
+150
°C
Stress above those listed under "Absolute Maximum Ratings" may cause permanent
damage to the device. This is a stress rating only and functional operation of the device at
these or any other conditions above those indicated in the operational sections of the
specification is not implied. Exposure to absolute maximum conditions for extended
periods may affect device reliability.
Recommended Operating Condition
Parameter
Symbol
Min
Max
Unit
Power Supply
VCC
0.9
3.6
V
Ambient Operating Temperature
Ta
-10
+70
°C


Similar Part No. - AK93C41A

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK93C45A AKM-AK93C45A Datasheet
129Kb / 14P
   1K / 2K / 4K / 8Kbit Serial CMOS EEPROM
AK93C45AF AKM-AK93C45AF Datasheet
129Kb / 14P
   1K / 2K / 4K / 8Kbit Serial CMOS EEPROM
AK93C45AV AKM-AK93C45AV Datasheet
129Kb / 14P
   1K / 2K / 4K / 8Kbit Serial CMOS EEPROM
AK93C45B AKM-AK93C45B Datasheet
166Kb / 14P
   1K / 2K / 4K / 8KBIT SERIAL CMOS EEPROM
AK93C45B AKM-AK93C45B Datasheet
178Kb / 14P
   1K / 2K / 4K / 8Kbit Serial CMOS EEPROM
More results

Similar Description - AK93C41A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS59C11 STMICROELECTRONICS-TS59C11 Datasheet
168Kb / 8P
   1K BIT SERIAL CMOS EEPROM
logo
E-CMOS Corporation
EC24C02B E-CMOS-EC24C02B Datasheet
1Mb / 17P
   2Kbit I2C SERIAL EEPROM
logo
Rohm
BU99022NUX-3 ROHM-BU99022NUX-3 Datasheet
585Kb / 26P
   I2C BUS 2kbit 2kbit 2ports serial EEPROM
logo
Asahi Kasei Microsystem...
AK93C45CT AKM-AK93C45CT Datasheet
154Kb / 16P
   1K/2K/4Kbit Serial CMOS EEPROM
logo
Holtek Semiconductor In...
HT93LC46 HOLTEK-HT93LC46_09 Datasheet
105Kb / 12P
   CMOS 1K 3-Wire Serial EEPROM
HT93LC46 HOLTEK-HT93LC46_07 Datasheet
142Kb / 12P
   CMOS 1K 3-Wire Serial EEPROM
HT93LC46 HOLTEK-HT93LC46_10 Datasheet
131Kb / 12P
   CMOS 1K 3-Wire Serial EEPROM
HT93LC46 HOLTEK-HT93LC46 Datasheet
360Kb / 10P
   1K 3-Wire CMOS Serial EEPROM
HT2201 HOLTEK-HT2201 Datasheet
101Kb / 11P
   CMOS 1K 2-Wire Serial EEPROM
logo
Asahi Kasei Microsystem...
AK93C45C AKM-AK93C45C Datasheet
155Kb / 16P
   1K/2K/4Kbit Serial CMOS EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com