Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRF7470TRPBF Datasheet(PDF) 1 Page - International Rectifier

Part # IRF7470TRPBF
Description  High Frequency DC-DC Converters with Synchronous Rectification
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF7470TRPBF Datasheet(HTML) 1 Page - International Rectifier

  IRF7470TRPBF Datasheet HTML 1Page - International Rectifier IRF7470TRPBF Datasheet HTML 2Page - International Rectifier IRF7470TRPBF Datasheet HTML 3Page - International Rectifier IRF7470TRPBF Datasheet HTML 4Page - International Rectifier IRF7470TRPBF Datasheet HTML 5Page - International Rectifier IRF7470TRPBF Datasheet HTML 6Page - International Rectifier IRF7470TRPBF Datasheet HTML 7Page - International Rectifier IRF7470TRPBF Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
www.irf.com
1
8/11/04
IRF7470PbF
SMPS MOSFET
HEXFET® Power MOSFET
VDSS
RDS(on) max
ID
40V
13m
10A
Symbol
Parameter
Typ.
Max.
Units
RθJL
Junction-to-Drain Lead
–––
20
RθJA
Junction-to-Ambient
„
–––
50
°C/W
Thermal Resistance
Notes
 through „ are on page 8
SO-8
Top View
8
1
2
3
4
5
6
7
D
D
D
D
G
S
A
S
S
A
PD- 95276
Absolute Maximum Ratings
Symbol
Parameter
Max.
Units
VDS
Drain-Source Voltage
40
V
VGS
Gate-to-Source Voltage
± 12
V
ID @ TA = 25°C
Continuous Drain Current, VGS @ 10V
10
ID @ TA = 70°C
Continuous Drain Current, VGS @ 10V
8.5
A
IDM
Pulsed Drain Current

85
PD @TA = 25°C
Maximum Power Dissipation
ƒ
2.5
W
PD @TA = 70°C
Maximum Power Dissipation
ƒ
1.6
W
Linear Derating Factor
0.02
W/°C
TJ , TSTG
Junction and Storage Temperature Range
-55 to + 150
°C
l High Frequency DC-DC Converters
with Synchronous Rectification
l Lead-Free
Applications
Benefits
l Ultra-Low Gate Impedance
l Very Low RDS(on) at 4.5V VGS
l Fully Characterized Avalanche Voltage
and Current


Similar Part No. - IRF7470TRPBF

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
IRF7470TRPBF VBSEMI-IRF7470TRPBF Datasheet
1Mb / 9P
   N-Channel 40-V (D-S) MOSFET
More results

Similar Description - IRF7470TRPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7456TRPBF IRF-IRF7456TRPBF Datasheet
211Kb / 8P
   High Frequency DC-DC Converters with Synchronous Rectification
IRF7470PBF IRF-IRF7470PBF_15 Datasheet
133Kb / 8P
   High Frequency DC-DC Converters with Synchronous Rectification
IRF7456PBF IRF-IRF7456PBF_15 Datasheet
211Kb / 8P
   High Frequency DC-DC Converters with Synchronous Rectification
logo
Guangdong Youtai Semico...
IRF7470TR UMW-IRF7470TR Datasheet
376Kb / 8P
   High Frequency DC-DC Converters with Synchronous Rectification
logo
International Rectifier
IRF7455PBF IRF-IRF7455PBF_15 Datasheet
1Mb / 8P
   HIGH FREQUENCY DC-DC CONVERTERS WITH SYNCHRONOUS RECTIFICATION
logo
Kersemi Electronic Co.,...
IRFR3704 KERSEMI-IRFR3704 Datasheet
816Kb / 9P
   High Frequency DC-DC Isolated Converters with Synchronous Rectification
logo
International Rectifier
IRFBL3703 IRF-IRFBL3703 Datasheet
103Kb / 8P
   Synchronous Rectification in High Power High Frequency DC/DC Converters
IRF7458TRPBF IRF-IRF7458TRPBF Datasheet
135Kb / 8P
   High Frequency Isolated DC-DC Converters with Synchronous Rectification for Telecom and Industrial Use
IRF3711STRL IRF-IRF3711STRL Datasheet
275Kb / 12P
   High Frequency Isolated DC-DC Converters with Synchronous Rectification for Telecom and Industrial Use
IRF3706PBF IRF-IRF3706PBF Datasheet
365Kb / 12P
   High Frequency DC-DC Isolated Converters with Synchronous Rectification for Telecom and Industrial Use
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com