Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMX320C6454BZTZ7 Datasheet(PDF) 7 Page - Texas Instruments

Part # TMX320C6454BZTZ7
Description  Fixed-Point Digital Signal Processor
Download  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMX320C6454BZTZ7 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TMX320C6454BZTZ7 Datasheet HTML 3Page - Texas Instruments TMX320C6454BZTZ7 Datasheet HTML 4Page - Texas Instruments TMX320C6454BZTZ7 Datasheet HTML 5Page - Texas Instruments TMX320C6454BZTZ7 Datasheet HTML 6Page - Texas Instruments TMX320C6454BZTZ7 Datasheet HTML 7Page - Texas Instruments TMX320C6454BZTZ7 Datasheet HTML 8Page - Texas Instruments TMX320C6454BZTZ7 Datasheet HTML 9Page - Texas Instruments TMX320C6454BZTZ7 Datasheet HTML 10Page - Texas Instruments TMX320C6454BZTZ7 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 232 page
background image
TMS320C6454
www.ti.com
SPRS311I – APRIL 2006 – REVISED MARCH 2012
2
Device Overview
2.1
Device Characteristics
Table 2-1, provides an overview of the C6454 DSP. The tables show significant features of the C6454
device, including the capacity of on-chip RAM, the peripherals, the CPU frequency, and the package type
with pin count.
Table 2-1. Characteristics of the C6454 Processor
HARDWARE FEATURES
C6454
EMIFA (64-bit bus width)
1
(clock source = AECLKIN or SYSCLK4)
DDR2 Memory Controller (32-bit bus width) [1.8 V I/O]
1
(clock source = CLKIN2)
EDMA3 (64 independent channels) [CPU/3 clock rate]
1
I2C
1
Peripherals
HPI (32- or 16-bit user selectable)
1 (HPI16 or HPI32)
Not all peripherals pins
are available at the same
PCI (32-bit), [66-MHz or 33-MHz]
1 (PCI66 or PCI33)
time (For more detail, see
McBSPs (internal CPU/6 or external clock source up
Section 3, Device
2
to 100 Mbps)
Configuration).
10/100/1000 Ethernet MAC (EMAC)
1
Management Data Input/Output (MDIO)
1
64-Bit Timers (Configurable)
2 64-bit or 4 32-bit
(internal clock source = CPU/6 clock frequency)
General-Purpose Input/Output Port (GPIO)
16
Size (Bytes)
1144K
32K-Byte (32KB) L1 Program Memory Controller
[SRAM/Cache]
On-Chip Memory
Organization
32KB Data Memory Controller [SRAM/Cache]
1024KB L2 Unified Memory/Cache
32KB L2 ROM
C64x+ Megamodule
Megamodule Revision ID Register (address location:
See Section 5.6, Megamodule Revision
Revision ID
0181 2000h)
See Section 3.6, JTAG ID (JTAGID) Register
JTAG BSDL_ID
JTAGID register (address location: 0x02A80008)
Description
Frequency
MHz
720, 850, and 1000 (1 GHz)
1.39 ns (C6454-720), 1.17 ns (C6454-850),
Cycle Time
ns
1 ns (C6454 A-1000, -1000) [1-GHz CPU](1)
1.25 V (A-1000/-1000)
Core (V)
1.2 V (-850/-720)
Voltage
1.5/1.8 [EMAC RGMII], and
I/O (V)
1.8 and 3.3 V [I/O Supply Voltage]
PLL1 and PLL1
CLKIN1 frequency multiplier
Bypass (x1), x15, x20, x25, x30, x32
Controller Options
CLKIN2 frequency multiplier
PLL2
x20
[DDR2 Memory Controller and EMAC support only]
697-Pin Flip-Chip Plastic BGA (CTZ)
BGA Package
24 x 24 mm
697-Pin Plastic BGA (GTZ)
697-Pin Flip-Chip Plastic BGA (ZTZ)
Process Technology
μm
0.09
μm
Product Preview (PP), Advance Information (AI),
Product Status(2)
PD
or Production Data (PD)
(1)
The extended temperature device's (A-1000) electrical characteristics and ac timings are the same as those for the corresponding
commercial temperature devices (-1000).
(2)
PRODUCTION DATA information is current as of publication date. Products conform to specifications per the terms of Texas
Instruments standard warranty. Production processing does not necessarily include testing of all parameters.
Copyright © 2006–2012, Texas Instruments Incorporated
Device Overview
7
Submit Documentation Feedback
Product Folder Link(s): TMS320C6454


Similar Part No. - TMX320C6454BZTZ7

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMX320C6454BZTZ7 TI-TMX320C6454BZTZ7 Datasheet
1Mb / 233P
[Old version datasheet]   Fixed-Point Digital Signal Processor
More results

Similar Description - TMX320C6454BZTZ7

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320C6455 TI1-TMS320C6455_17 Datasheet
1Mb / 256P
[Old version datasheet]   Fixed-Point Digital Signal Processor
SM320VC5507-EP TI1-SM320VC5507-EP_14 Datasheet
1Mb / 109P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320C6424 TI1-TMS320C6424_17 Datasheet
1Mb / 249P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5441 TI1-TMS320VC5441_17 Datasheet
1Mb / 91P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5504 TI1-TMS320VC5504_13 Datasheet
742Kb / 123P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5505 TI1-TMS320VC5505_13 Datasheet
865Kb / 136P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5441 TI1-TMS320VC5441_15 Datasheet
1Mb / 91P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320UC5409 TI1-TMS320UC5409_16 Datasheet
1Mb / 81P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
TMS320C6203B TI1-TMS320C6203B_15 Datasheet
1Mb / 109P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
SM320C6201-EP TI1-SM320C6201-EP Datasheet
876Kb / 59P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
TMS320LC549PGE-80 TI1-TMS320LC549PGE-80 Datasheet
818Kb / 63P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com