Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS664814DGE-8A Datasheet(PDF) 7 Page - Texas Instruments

Part # TMS664814DGE-8A
Description  16-BIT BY 4-BANK SYNCHRONOUS DYNAMIC RANDOM-ACCESS MEMORIES
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS664814DGE-8A Datasheet(HTML) 7 Page - Texas Instruments

Back Button TMS664814DGE-8A Datasheet HTML 3Page - Texas Instruments TMS664814DGE-8A Datasheet HTML 4Page - Texas Instruments TMS664814DGE-8A Datasheet HTML 5Page - Texas Instruments TMS664814DGE-8A Datasheet HTML 6Page - Texas Instruments TMS664814DGE-8A Datasheet HTML 7Page - Texas Instruments TMS664814DGE-8A Datasheet HTML 8Page - Texas Instruments TMS664814DGE-8A Datasheet HTML 9Page - Texas Instruments TMS664814DGE-8A Datasheet HTML 10Page - Texas Instruments TMS664814DGE-8A Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 56 page
background image
TMS664414, TMS664814, TMS664164
4 194 304 BY 4BIT/2 097 152 BY 8BIT/1 048 576 BY 16BIT BY 4BANK
SYNCHRONOUS DYNAMIC RANDOMACCESS MEMORIES
SMOS695A − APRIL 1998 − REVISED JULY 1998
7
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
operation (continued)
Table 2. Clock-Enable (CKE) Command Truth Table
COMMAND
STATE OF BANK(S)
CKE
(n − 1)
CKE
(n)
CS
(n)
RAS
(n)
CAS
(n)
W
(n)
MNEMONIC
Self-refresh entry
All banks = deac
H
L
L
L
L
H
SLFR
Power-down entry at n + 1‡
All banks = no
access operation§
H
L
X
X
X
X
PDE
Self-refresh exit
All banks =
L
H
L
H
H
H
Self-refresh exit
All banks =
self-refresh
L
H
H
X
X
X
Power-down exit¶
All banks =
power down
L
H
X
X
X
X
CLK suspend at n + 1
All banks = access
operation§
H
L
X
X
X
X
HOLD
CLK suspend exit at n + 1
All banks = access
operation§
L
H
X
X
X
X
† For execution of these commands, A0 −A13 (n) and DQMx (n) are don’t care entries.
‡ On cycle n, the device executes the respective command (listed in Table 1). On cycle (n+1), the device enters the power-down mode.
§ A bank is no longer in an access operation one cycle after the last data-out cycle of a READ (READ-P) operation, and two cycles after the last
data-in cycle of a WRT (WRT-P) operation. Neither the PDE nor the HOLD command is allowed on the cycle immediately following the last data-in
cycle of a WRT (WRT-P) operation.
¶ If setup time from CKE high to the next CLK high satisfies tCESP, the device executes the respective command (listed in Table 1). Otherwise,
either the DESL or NOOP command must be applied before any other command.
Legend:
n
= CLK cycle number
L
= Logic low
H
= Logic high
X
= Don’t care (either logic high or logic low)
deac = Deactivated


Similar Part No. - TMS664814DGE-8A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS664814 TI-TMS664814 Datasheet
958Kb / 56P
[Old version datasheet]   4 194 304 BY 4-BIT/2 097 152 BY 8-BIT/1 048 576 BY 16-BIT BY 4-BANK SYNCHRONOUS DYNAMIC RANDOM-ACCESS MEMORIES
TMS66481410 TI-TMS66481410 Datasheet
958Kb / 56P
[Old version datasheet]   4 194 304 BY 4-BIT/2 097 152 BY 8-BIT/1 048 576 BY 16-BIT BY 4-BANK SYNCHRONOUS DYNAMIC RANDOM-ACCESS MEMORIES
TMS6648148 TI-TMS6648148 Datasheet
958Kb / 56P
[Old version datasheet]   4 194 304 BY 4-BIT/2 097 152 BY 8-BIT/1 048 576 BY 16-BIT BY 4-BANK SYNCHRONOUS DYNAMIC RANDOM-ACCESS MEMORIES
TMS6648148A TI-TMS6648148A Datasheet
958Kb / 56P
[Old version datasheet]   4 194 304 BY 4-BIT/2 097 152 BY 8-BIT/1 048 576 BY 16-BIT BY 4-BANK SYNCHRONOUS DYNAMIC RANDOM-ACCESS MEMORIES
More results

Similar Description - TMS664814DGE-8A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS626812B TI-TMS626812B Datasheet
611Kb / 40P
[Old version datasheet]   1,048,576 BY 8-BIT BY 2-BANK SYNCHRONOUS DYNAMIC RANDOM-ACCESS MEMORIES
SMJ416160 TI-SMJ416160 Datasheet
364Kb / 24P
[Old version datasheet]   1048576 BY 16-BIT DYNAMIC RANDOM-ACCESS MEMORIES
TMS416400A TI-TMS416400A Datasheet
397Kb / 27P
[Old version datasheet]   4194304 BY 4-BIT DYNAMIC RANDOM-ACCESS MEMORIES
TMS626162A TI-TMS626162A Datasheet
707Kb / 44P
[Old version datasheet]   524288 BY 16-BIT BY 2-BANK SYNCHRONOUS DYNAMIC RANDOM-ACCESS MEMORY
SMJ626162 TI-SMJ626162 Datasheet
629Kb / 42P
[Old version datasheet]   524288 BY 16-BIT BY 2-BANK SYNCHRONOUS DYNAMIC RANDOM-ACCESS MEMORY
TMS626162 TI-TMS626162 Datasheet
659Kb / 44P
[Old version datasheet]   524288 BY 16-BIT BY 2-BANK SYNCHRONOUS DYNAMIC RANDOM-ACCESS MEMORY
TMS44400_1998 TI1-TMS44400_1998 Datasheet
456Kb / 25P
[Old version datasheet]   1048576-WORD BY 4-BIT DYNAMIC RANDOM-ACCESS MEMORIES
TMS44C256 TI-TMS44C256 Datasheet
705Kb / 32P
[Old version datasheet]   262.144-WORD BY 4-BIT DYNAMIC RANDOM-ACCESS MEMORIES
JUNE 1986 - REVISED MAY 1988
TMS44400 TI-TMS44400 Datasheet
657Kb / 25P
[Old version datasheet]   1048576-WORD BY 4-BIT DYNAMIC RANDOM-ACCESS MEMORIES
TMS664414 TI-TMS664414 Datasheet
958Kb / 56P
[Old version datasheet]   4 194 304 BY 4-BIT/2 097 152 BY 8-BIT/1 048 576 BY 16-BIT BY 4-BANK SYNCHRONOUS DYNAMIC RANDOM-ACCESS MEMORIES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com