Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS417400 Datasheet(PDF) 11 Page - Texas Instruments

Part # TMS417400
Description  4194304-WORD BY 4-BIT HIGH-SPEED DRAMS
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS417400 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TMS417400 Datasheet HTML 7Page - Texas Instruments TMS417400 Datasheet HTML 8Page - Texas Instruments TMS417400 Datasheet HTML 9Page - Texas Instruments TMS417400 Datasheet HTML 10Page - Texas Instruments TMS417400 Datasheet HTML 11Page - Texas Instruments TMS417400 Datasheet HTML 12Page - Texas Instruments TMS417400 Datasheet HTML 13Page - Texas Instruments TMS417400 Datasheet HTML 14Page - Texas Instruments TMS417400 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
TMS416400, TMS416400P, TMS417400, TMS417400P
TMS426400, TMS426400P, TMS427400, TMS427400P
4194304-WORD BY 4-BIT HIGH-SPEED DRAMS
SMKS881B – MAY 1995 – REVISED AUGUST 1995
11
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251–1443
electrical characteristics over recommended ranges of supply voltage and operating free-air
conditions (unless otherwise noted) (continued)
TMS427400 / P
PARAMETER
TEST CONDITIONS†
’427400 - 60
’427400P - 60
’427400 -70
’427400P -70
’427400 - 80
’427400P - 80
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
VOH
High-level
IOH = – 2 mA
LVTTL
2.4
2.4
2.4
V
VOH
g
output voltage
IOH = – 100 µA
LVCMOS
VCC – 0.2
VCC – 0.2
VCC – 0.2
V
VOL
Low-level
IOL = 2 mA
LVTTL
0.4
0.4
0.4
V
VOL
output voltage
IOL = 100 µA
LVCMOS
0.2
0.2
0.2
V
II
Input current
(leakage)
VCC = 3.6 V,
VI = 0 V to 3.9 V,
All others = 0 V to VCC
± 10
± 10
± 10
µA
IO
Output current
(leakage)
VCC = 3.6 V,
VO = 0 V to VCC,
CAS high
± 10
± 10
± 10
µA
ICC1‡§
Read- or write-
cycle current
VCC = 3.6 V,
Minimum cycle
100
90
80
mA
Standby
VIH = 2 V (LVTTL),
After 1 memory cycle,
RAS and CAS high
1
1
1
mA
ICC2
Standby
current
VIH = VCC – 0.2 V
(LVCMOS),
’427400
500
500
500
µA
(),
After 1 memory cycle,
RAS and CAS high
’427400P
200
200
200
µA
ICC3‡§
Average
refresh current
(RAS-only
refresh
or CBR)
VCC = 3.6 V,
Minimum cycle,
RAS cycling,
CAS high (RAS-only refresh),
RAS low after CAS low (CBR)
100
90
80
mA
ICC4‡¶
Average page
current
VCC = 3.6 V,
tPC = MIN,
RAS low,
CAS cycling
60
50
40
mA
ICC6#
Self-refresh
current
CAS < 0.2 V,
RAS < 0.2 V,
Measured after tRASS min
250
250
250
µA
ICC10#
Battery
back-up
operating
current
(equivalent
refresh time is
128 ms),
CBR only
tRC = 62.5 µs,
tRAS ≤ 1 µs,
VCC – 0.2 V ≤ VIH ≤ 3.9 V,
0 V
≤ VIL ≤ 0.2 V, W and OE = VIH,
Address and data stable
350
350
350
µA
† For conditions shown as MIN / MAX, use the appropriate value specified in the timing requirements.
‡ Measured with outputs open
§ Measured with a maximum of one address change while RAS = VIL
¶ Measured with a maximum of one address change while CAS = VIH
# For TMS427400P only
PRODUCT PREVIEW information concerns products in the formative or
design phase of development. Characteristic data and other
specifications are design goals. Texas Instruments reserves the right to
change or discontinue these products without notice.


Similar Part No. - TMS417400

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS417400 TI-TMS417400 Datasheet
441Kb / 30P
[Old version datasheet]   4194304-WORD BY 4-BIT HIGH-SPEED DRAMS
TMS417400-60DJ TI-TMS417400-60DJ Datasheet
441Kb / 30P
[Old version datasheet]   4194304-WORD BY 4-BIT HIGH-SPEED DRAMS
TMS417400-60DR TI-TMS417400-60DR Datasheet
441Kb / 30P
[Old version datasheet]   4194304-WORD BY 4-BIT HIGH-SPEED DRAMS
TMS417400-70DJ TI-TMS417400-70DJ Datasheet
441Kb / 30P
[Old version datasheet]   4194304-WORD BY 4-BIT HIGH-SPEED DRAMS
TMS417400A TI-TMS417400A Datasheet
397Kb / 27P
[Old version datasheet]   4194304 BY 4-BIT DYNAMIC RANDOM-ACCESS MEMORIES
More results

Similar Description - TMS417400

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS416400 TI-TMS416400 Datasheet
441Kb / 30P
[Old version datasheet]   4194304-WORD BY 4-BIT HIGH-SPEED DRAMS
TMS416800 TI1-TMS416800 Datasheet
358Kb / 25P
[Old version datasheet]   2097152-WORD BY 8-BIT HIGH-SPEED DRAMS
TMS416160 TI-TMS416160 Datasheet
413Kb / 28P
[Old version datasheet]   1048576-WORD BY 16-BIT HIGH-SPEED DRAMS
TMS417809 TI-TMS417809 Datasheet
397Kb / 28P
[Old version datasheet]   2097152-WORD BY 8-BIT HIGH-SPEED DRAMS
TMS416169 TI-TMS416169 Datasheet
1Mb / 67P
[Old version datasheet]   1048576-WORD BY 16-BIT EXTENDED DATA OUT HIGH-SPEED DRAMS
TMS416169_1998 TI1-TMS416169_1998 Datasheet
391Kb / 26P
[Old version datasheet]   1048576-WORD BY 16-BIT EXTENDED DATA OUT HIGH-SPEED DRAMS
logo
Mitsubishi Electric Sem...
M5M54R01J-12 MITSUBISHI-M5M54R01J-12 Datasheet
55Kb / 6P
   4194304-BIT (4194304-WORD BY 1-BIT) CMOS STATIC RAM
M5M54R01AJ-12 MITSUBISHI-M5M54R01AJ-12 Datasheet
43Kb / 6P
   4194304-BIT (4194304-WORD BY 1-BIT) CMOS STATIC RAM
M5M5V4R01J-12 MITSUBISHI-M5M5V4R01J-12 Datasheet
56Kb / 6P
   4194304-BIT (4194304-WORD BY 1-BIT) CMOS STATIC RAM
M5M54R04AJ-10 MITSUBISHI-M5M54R04AJ-10 Datasheet
44Kb / 6P
   4194304-BIT (1048576-WORD BY 4-BIT) CMOS STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com