Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8079AR-REEL7 Datasheet(PDF) 7 Page - Analog Devices

Part # AD8079AR-REEL7
Description  Dual 260 MHz Gain = 2.0 & 2.2 Buffer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8079AR-REEL7 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD8079AR-REEL7 Datasheet HTML 3Page - Analog Devices AD8079AR-REEL7 Datasheet HTML 4Page - Analog Devices AD8079AR-REEL7 Datasheet HTML 5Page - Analog Devices AD8079AR-REEL7 Datasheet HTML 6Page - Analog Devices AD8079AR-REEL7 Datasheet HTML 7Page - Analog Devices AD8079AR-REEL7 Datasheet HTML 8Page - Analog Devices AD8079AR-REEL7 Datasheet HTML 9Page - Analog Devices AD8079AR-REEL7 Datasheet HTML 10Page - Analog Devices AD8079AR-REEL7 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
9
REV. A
AD8079
–7–
FREQUENCY – Hz
10k
1G
100k
1M
10M
100M
100
10
1
0.1
0.01
VS = ±5.0V
POWER = 0dBm
(223.6mV rms)
RbT = 50Ω
RbT = 0Ω
Figure 21. Output Resistance vs. Frequency
–44.0
–66.5
125
–61.5
–64.0
–35
–55
–59.0
–56.5
–54.0
–51.5
–49.0
–46.5
105
85
65
45
25
5
–15
JUNCTION TEMPERATURE –
°C
–69.0
–PSRR
+PSRR
2V SPAN
CURVES ARE FOR WORST
CASE CONDITION WHERE
ONE SUPPLY IS VARIED
WHILE THE OTHER IS
HELD CONSTANT.
Figure 22. PSRR vs. Temperature
FREQUENCY – Hz
0
–4
–84
30k
500M
100k
1M
10M
100M
–14
–24
–64
–34
–44
–54
–74
VIN = 200mV
–PSRR
+PSRR
Figure 23. PSRR vs. Frequency
THEORY OF OPERATION
The AD8079, a dual current feedback amplifier, is internally
configured for a gain of either +2 (AD8079A) or +2.2
(AD8079B). The internal gain-setting resistors effectively elimi-
nate any parasitic capacitance associated with the inverting in-
put pin, accounting for the AD8079’s excellent gain flatness
response. The carefully chosen pinout greatly reduces the cross-
talk between each amplifier. Up to four back-terminated 75
video loads can be driven by each amplifier, with a typical dif-
ferential gain and phase performance of 0.01%/0.17
°, respec-
tively. The AD8079B, with a gain of +2.2, can be employed as a
single gain-trimming element in a video signal chain. Finally,
the AD8079A/B used in conjunction with our AD8116 cross-
point matrix, provides a complete turn-key solution to video
distribution.
Printed Circuit Board Layout Considerations
As to be expected for a wideband amplifier, PC board parasitics
can affect the overall closed-loop performance. If a ground
plane is to be used on the same side of the board as the signal
traces, a space (5 mm min) should be left around the signal lines
to minimize coupling. Line lengths on the order of less than
5 mm are recommended. If long runs of coaxial cable are being
driven, dispersion and loss must be considered.
Power Supply Bypassing
Adequate power supply bypassing can be critical when optimiz-
ing the performance of a high frequency circuit. Inductance in
the power supply leads can form resonant circuits that produce
peaking in the amplifier’s response. In addition, if large current
transients must be delivered to the load, then bypass capacitors
(typically greater than 1
µF) will be required to provide the best
settling time and lowest distortion. A parallel combination of
4.7
µF and 0.1 µF is recommended. Some brands of electrolytic
capacitors will require a small series damping resistor
≈ 4.7 Ω
for optimum results.
DC Errors and Noise
There are three major noise and offset terms to consider in a
current feedback amplifier. For offset errors refer to the equa-
tion below. For noise error the terms are root-sum-squared to
give a net output error. In the circuit below (Figure 24) they are
input offset (VIO) which appears at the output multiplied by the
noise gain of the circuit (1 + RF/RI), noninverting input current
(IBN
× R
N) also multiplied by the noise gain, and the inverting
input current, which when divided between RF and RI and sub-
sequently multiplied by the noise gain always appears at the out-
put as IBN
× R
F. The input voltage noise of the AD8079 is a low
2 nV/
√Hz. At low gains though the inverting input current noise
times RF is the dominant noise source. Careful layout and de-
vice matching contribute to better offset and drift specifications
for the AD8079 compared to many other current feedback am-
plifiers. The typical performance curves in conjunction with the
equations below can be used to predict the performance of the
AD8079 in any application.
V OUT =V IO × 1+
R
F
R
I

 ± IBN × RN × 1+
R
F
R
I

 ± IBI × RF
where:
RF = RI = 750 Ω for AD8079A
RF = 750
Ω, R
I = 625
Ω for AD8079B


Similar Part No. - AD8079AR-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8079AR-REEL7 AD-AD8079AR-REEL7 Datasheet
348Kb / 12P
   Dual 260 MHz Gain = 2.0 & 2.2 Buffer
REV. A
AD8079AR-REEL7 AD-AD8079AR-REEL7 Datasheet
288Kb / 12P
   Dual 260 MHz Gain = 2.0 & 2.2 Buffer
REV. A
More results

Similar Description - AD8079AR-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8079 AD-AD8079_15 Datasheet
351Kb / 12P
   Dual 260 MHz Gain 2.0 & 2.2 Buffer
REV. A
AD8079ARZ AD-AD8079ARZ Datasheet
288Kb / 12P
   Dual 260 MHz Gain = 2.0 & 2.2 Buffer
REV. A
AD8079 AD-AD8079 Datasheet
348Kb / 12P
   Dual 260 MHz Gain = 2.0 & 2.2 Buffer
REV. A
logo
Texas Instruments
OPA3S2859 TI-OPA3S2859 Datasheet
2Mb / 33P
[Old version datasheet]   OPA3S2859 Dual-Channel, 900-MHz, 2.2-nV/?숰z, Programmable Gain Transimpedance Amplifier
MAY 2022
OPA3S2859 TI-OPA3S2859_V01 Datasheet
2Mb / 34P
[Old version datasheet]   OPA3S2859 Dual-Channel, 900-MHz, 2.2-nV/√Hz, Programmable Gain Transimpedance Amplifier
REVISED AUGUST 2022
logo
National Semiconductor ...
LMH6704 NSC-LMH6704_14 Datasheet
944Kb / 20P
   MHz Selectable Gain Buffer with Disable
LMH6704 NSC-LMH6704 Datasheet
774Kb / 12P
   650 MHz Progammable Gain Buffer with Disable
logo
Texas Instruments
LMH6704 TI1-LMH6704_15 Datasheet
949Kb / 20P
[Old version datasheet]   650 MHz Selectable Gain Buffer with Disable
logo
National Semiconductor ...
CLC5632 NSC-CLC5632 Datasheet
202Kb / 19P
   Dual, High Output, Programmable Gain Buffer
CLC417 NSC-CLC417 Datasheet
147Kb / 8P
   Dual Low-Power, Programmable Gain Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com