Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS2115ADRBTG4 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2115ADRBTG4
Description  AUTOSWITCHING POWER MUX
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2115ADRBTG4 Datasheet(HTML) 5 Page - Texas Instruments

  TPS2115ADRBTG4 Datasheet HTML 1Page - Texas Instruments TPS2115ADRBTG4 Datasheet HTML 2Page - Texas Instruments TPS2115ADRBTG4 Datasheet HTML 3Page - Texas Instruments TPS2115ADRBTG4 Datasheet HTML 4Page - Texas Instruments TPS2115ADRBTG4 Datasheet HTML 5Page - Texas Instruments TPS2115ADRBTG4 Datasheet HTML 6Page - Texas Instruments TPS2115ADRBTG4 Datasheet HTML 7Page - Texas Instruments TPS2115ADRBTG4 Datasheet HTML 8Page - Texas Instruments TPS2115ADRBTG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
TPS2114A
TPS2115A
www.ti.com
SBVS044F – MARCH 2004 – REVISED MAY 2012
ELECTRICAL CHARACTERISTICS: GENERAL (continued)
Over recommended operating junction temperature range, VI(IN1) = VI(IN2) = 5.5 V, and RILIM = 400 Ω, unless otherwise noted.
TPS2114A
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
REVERSE CONDUCTION BLOCKING
D0 = D1 = high, VI(INx) = 3.3 V
Minimum input-to-output voltage
Connect OUT to a 5-V supply through a series 1-k
Ω
ΔVO(I_block)
80
100
120
mV
difference to block switching
resistor. Let D0 = low. Slowly decrease the supply voltage
until OUT connects to IN1.
THERMAL SHUTDOWN
Thermal shutdown threshold
TPS211xA is in current limit
135
°C
Recovery from thermal shutdown
TPS211xA is in current limit
125
°C
Hysteresis
10
°C
IN2
−IN1 COMPARATORS
Hysteresis of IN2
−IN1 comparator
0.1
0.2
V
Deglitch of IN2
−IN1 comparator
10
20
50
μs
(both
↑↓)
STAT OUTPUT
Leakage current
VO(STAT) = 5.5 V
0.01
1
μA
Saturation voltage
II(STAT) = 2 mA, IN1 switch is on
0.13
0.4
V
Deglitch time (falling edge only)
150
μs
SWITCHING CHARACTERISTICS
Over recommended operating junction temperature range, VI(IN1) = VI(IN2) = 5.5 V, and RILIM = 400 Ω, unless otherwise noted.
TPS2114A
TPS2115A
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
POWER SWITCH
Output rise time from
VI(IN1) = VI(IN2) = 5 V, TJ = 25°C, CL = 1 μF, IL = 500 mA
tr
0.5
1.0
1.5
1
1.8
3
ms
an enable
(see Figure 1a)
Output fall time from a
VI(IN1) = VI(IN2) = 5 V, TJ = 25°C, CL = 1 μF, IL = 500 mA
tf
0.35
0.5
0.7
0.5
1
2
ms
disable
(see Figure 1a)
IN1 to IN2 transition, VI(IN1) = 3.3 V, VI(IN2) = 5 V,
TJ = 125°C, CL = 10 μF, IL = 500 mA
40
60
40
60
μs
Measure transition time as 10
−90% rise time or from
3.4 V to 4.8 V on VO(OUT) (see Figure 1b).
tt
Transition time
IN2 to IN1 transition, VI(IN1) = 5 V, VI(IN2) = 3.3 V,
TJ = 125°C, CL = 10 μF, IL = 500 mA
40
60
40
60
μs
Measure transition time as 10
−90% rise time or from
3.4 V to 4.8 V on VO(OUT) (see Figure 1b).
VI(IN1) = VI(IN2) = 5 V, measured from enable to 10% of
Turn-on propagation
tPLH1
VO(OUT), TJ = 25°C, CL = 10 μF, IL = 500 mA
0.5
1
ms
delay from enable
(see Figure 1a)
VI(IN1) = VI(IN2) = 5 V, measured from disable to 90% of
Turn-off propagation
tPHL1
VO(OUT), TJ = 25°C, CL = 10 μF, IL = 500 mA
3
5
ms
delay from a disable
(see Figure 1a)
Logic 1 to Logic 0 transition on D1, VI(IN1) = 1.5 V,
Switch-over rising
VI(IN2) = 5 V, VI(D0) = 0 V, measured from D1 to 10% of
tPLH2
40
100
40
100
μs
propagation delay
VO(OUT), TJ = 25°C, CL = 10 μF, IL = 500 mA
(see Figure 1c)
Logic 0 to Logic 1 transition on D1, VI(IN1) = 1.5V,
Switch-over falling
VI(IN2) = 5V, VI(D0) = 0 V, measured from D1 to 90% of
tPHL2
2
3
10
2
5
10
ms
propagation delay
VO(OUT), TJ = 25°C, CL = 10 μF, IL = 500 mA
(see Figure 1c)
Copyright © 2004–2012, Texas Instruments Incorporated
5


Similar Part No. - TPS2115ADRBTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2115ADRB TI1-TPS2115ADRB Datasheet
817Kb / 22P
[Old version datasheet]   AUTOSWITCHING POWER MULTIPLEXER
More results

Similar Description - TPS2115ADRBTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2114A TI-TPS2114A Datasheet
211Kb / 20P
[Old version datasheet]   AUTOSWITCHING POWER MUX
TPS2110 TI-TPS2110 Datasheet
179Kb / 20P
[Old version datasheet]   AUTOSWITCHING POWER MUX
TPS2110 TI1-TPS2110_15 Datasheet
1Mb / 24P
[Old version datasheet]   AUTOSWITCHING POWER MUX
TPS2112A TI-TPS2112A Datasheet
206Kb / 20P
[Old version datasheet]   AUTOSWITCHING POWER MUX
TPS2112A TI-TPS2112A_06 Datasheet
263Kb / 21P
[Old version datasheet]   AUTOSWITCHING POWER MUX
TPS2113PWR TI1-TPS2113PWR Datasheet
760Kb / 22P
[Old version datasheet]   AUTOSWITCHING POWER MUX
TPS2110A TI1-TPS2110A_15 Datasheet
1Mb / 26P
[Old version datasheet]   AUTOSWITCHING POWER MUX
TPS2113 TI-TPS2113 Datasheet
162Kb / 18P
[Old version datasheet]   AUTOSWITCHING POWER MUX
TPS2115ADRB TI1-TPS2115ADRB Datasheet
817Kb / 22P
[Old version datasheet]   AUTOSWITCHING POWER MULTIPLEXER
TPS2115 TI-TPS2115 Datasheet
310Kb / 18P
[Old version datasheet]   AUTOSWITCHING POWER MULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com