Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS2115ADRBTG4 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2115ADRBTG4
Description  AUTOSWITCHING POWER MUX
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2115ADRBTG4 Datasheet(HTML) 14 Page - Texas Instruments

Back Button TPS2115ADRBTG4 Datasheet HTML 10Page - Texas Instruments TPS2115ADRBTG4 Datasheet HTML 11Page - Texas Instruments TPS2115ADRBTG4 Datasheet HTML 12Page - Texas Instruments TPS2115ADRBTG4 Datasheet HTML 13Page - Texas Instruments TPS2115ADRBTG4 Datasheet HTML 14Page - Texas Instruments TPS2115ADRBTG4 Datasheet HTML 15Page - Texas Instruments TPS2115ADRBTG4 Datasheet HTML 16Page - Texas Instruments TPS2115ADRBTG4 Datasheet HTML 17Page - Texas Instruments TPS2115ADRBTG4 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 27 page
background image
-
50
0
50
100
150
TJ - JunctionTemperature - °C
60
80
100
120
140
160
180
TPS2114A
TPS2115A
2
3
6
VI(INx) - SupplyVoltage - V
80
85
90
95
100
105
110
115
120
TPS2114A
TPS2115A
4
5
40
42
44
46
48
50
52
54
56
58
60
2
3
6
VI(IN1) SupplyV
-
oltage
V
-
IN1SwitchisON
VI(IN2) =0 V
IO(OUT) =0 A
4
5
0.82
0.84
0.86
0.88
0.90
0.92
0.94
0.96
2
6
VI(IN1) -
-
IN1SupplyVoltage
V
DeviceDisabled
VI(IN2) =0 V
IO(OUT) =0 A
3
4
5
TPS2114A
TPS2115A
SBVS044F – MARCH 2004 – REVISED MAY 2012
www.ti.com
TYPICAL CHARACTERISTICS (continued)
space
SWITCH ON-RESISTANCE
SWITCH ON-RESISTANCE
vs
vs
JUNCTION TEMPERATURE
SUPPLY VOLTAGE
Figure 8.
Figure 9.
IN1 SUPPLY CURRENT
IN1 SUPPLY CURRENT
vs
vs
SUPPLY VOLTAGE
SUPPLY VOLTAGE
Figure 10.
Figure 11.
14
Copyright © 2004–2012, Texas Instruments Incorporated


Similar Part No. - TPS2115ADRBTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2115ADRB TI1-TPS2115ADRB Datasheet
817Kb / 22P
[Old version datasheet]   AUTOSWITCHING POWER MULTIPLEXER
More results

Similar Description - TPS2115ADRBTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2114A TI-TPS2114A Datasheet
211Kb / 20P
[Old version datasheet]   AUTOSWITCHING POWER MUX
TPS2110 TI-TPS2110 Datasheet
179Kb / 20P
[Old version datasheet]   AUTOSWITCHING POWER MUX
TPS2110 TI1-TPS2110_15 Datasheet
1Mb / 24P
[Old version datasheet]   AUTOSWITCHING POWER MUX
TPS2112A TI-TPS2112A Datasheet
206Kb / 20P
[Old version datasheet]   AUTOSWITCHING POWER MUX
TPS2112A TI-TPS2112A_06 Datasheet
263Kb / 21P
[Old version datasheet]   AUTOSWITCHING POWER MUX
TPS2113PWR TI1-TPS2113PWR Datasheet
760Kb / 22P
[Old version datasheet]   AUTOSWITCHING POWER MUX
TPS2110A TI1-TPS2110A_15 Datasheet
1Mb / 26P
[Old version datasheet]   AUTOSWITCHING POWER MUX
TPS2113 TI-TPS2113 Datasheet
162Kb / 18P
[Old version datasheet]   AUTOSWITCHING POWER MUX
TPS2115ADRB TI1-TPS2115ADRB Datasheet
817Kb / 22P
[Old version datasheet]   AUTOSWITCHING POWER MULTIPLEXER
TPS2115 TI-TPS2115 Datasheet
310Kb / 18P
[Old version datasheet]   AUTOSWITCHING POWER MULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com