Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MTP2N40E Datasheet(PDF) 1 Page - Motorola, Inc

Part # MTP2N40E
Description  TMOS POWER FET 2.0 AMPERES 400 VOLTS RDS(on) = 3.5 OHM
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MTP2N40E Datasheet(HTML) 1 Page - Motorola, Inc

  MTP2N40E Datasheet HTML 1Page - Motorola, Inc MTP2N40E Datasheet HTML 2Page - Motorola, Inc MTP2N40E Datasheet HTML 3Page - Motorola, Inc MTP2N40E Datasheet HTML 4Page - Motorola, Inc MTP2N40E Datasheet HTML 5Page - Motorola, Inc MTP2N40E Datasheet HTML 6Page - Motorola, Inc MTP2N40E Datasheet HTML 7Page - Motorola, Inc MTP2N40E Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
Motorola TMOS Power MOSFET Transistor Device Data
Designer's™ Data Sheet
TMOS E-FET.
Power Field Effect Transistor
N–Channel Enhancement–Mode Silicon Gate
This high voltage MOSFET uses an advanced termination
scheme to provide enhanced voltage–blocking capability without
degrading performance over time. In addition, this advanced TMOS
E–FET is designed to withstand high energy in the avalanche and
commutation modes. The new energy efficient design also offers a
drain–to–source diode with a fast recovery time. Designed for high
voltage, high speed switching applications in power supplies,
converters and PWM motor controls, these devices are particularly
well suited for bridge circuits where diode speed and commutating
safe operating areas are critical and offer additional safety margin
against unexpected voltage transients.
• Robust High Voltage Termination
• Avalanche Energy Specified
• Source–to–Drain Diode Recovery Time Comparable to a Discrete
Fast Recovery Diode
• Diode is Characterized for Use in Bridge Circuits
• IDSS and VDS(on) Specified at Elevated Temperature
MAXIMUM RATINGS (TC = 25°C unless otherwise noted)
Rating
Symbol
Value
Unit
Drain–Source Voltage
VDSS
400
Vdc
Drain–Gate Voltage (RGS = 1.0 MΩ)
VDGR
400
Vdc
Gate–Source Voltage — Continuous
Gate–Source Voltage — Non–Repetitive (tp ≤ 10 ms)
VGS
VGSM
± 20
± 40
Vdc
Vpk
Drain Current — Continuous
Drain Current — Continuous @ 100
°C
Drain Current — Single Pulse (tp ≤ 10 µs)
ID
ID
IDM
2.0
1.5
6.0
Adc
Apk
Total Power Dissipation
Derate above 25
°C
PD
40
0.32
Watts
W/
°C
Operating and Storage Temperature Range
TJ, Tstg
– 55 to 150
°C
Single Pulse Drain–to–Source Avalanche Energy — Starting TJ = 25°C
(VDD = 100 Vdc, VGS = 10 Vdc, Peak IL = 3.0 Apk, L = 10 mH, RG = 25 Ω)
EAS
45
mJ
Thermal Resistance — Junction to Case
Thermal Resistance — Junction to Ambient
R
θJC
R
θJA
3.13
62.5
°C/W
Maximum Lead Temperature for Soldering Purposes, 1/8
″ from case for 10 seconds
TL
260
°C
Designer’s Data for “Worst Case” Conditions — The Designer’s Data Sheet permits the design of most circuits entirely from the information presented. SOA Limit
curves — representing boundaries on device characteristics — are given to facilitate “worst case” design.
E–FET and Designer’s is a trademark of Motorola, Inc. TMOS is a registered trademark of Motorola, Inc.
Preferred devices are Motorola recommended choices for future use and best overall value.
Order this document
by MTP2N40E/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
MTP2N40E
TMOS POWER FET
2.0 AMPERES
400 VOLTS
RDS(on) = 3.5 OHM
Motorola Preferred Device
®
D
S
G
CASE 221A–06, Style 5
TO–220AB
© Motorola, Inc. 1995


Similar Part No. - MTP2N40E

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MTP2N40E ONSEMI-MTP2N40E Datasheet
213Kb / 7P
   N?묬hannel Enhancement?묺ode Silicon Gate
August, 2006 ??Rev. 1
logo
VBsemi Electronics Co.,...
MTP2N40E VBSEMI-MTP2N40E Datasheet
1Mb / 9P
   N-Channel 650 V (D-S) MOSFET
More results

Similar Description - MTP2N40E

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MTD2N40E MOTOROLA-MTD2N40E Datasheet
268Kb / 10P
   TMOS POWER FET 2.0 AMPERES 400 VOLTS RDS(on) = 3.5 OHM
MTP5N40E MOTOROLA-MTP5N40E Datasheet
258Kb / 8P
   TMOS POWER FET 5.0 AMPERES 400 VOLTS RDS(on) = 1.0 OHM
MTP4N40E MOTOROLA-MTP4N40E Datasheet
239Kb / 8P
   TMOS POWER FET 4.0 AMPERES 400 VOLTS RDS(on) = 1.8 OHM
MTW16N40E MOTOROLA-MTW16N40E Datasheet
217Kb / 8P
   TMOS POWER FET 16 AMPERES 400 VOLTS RDS(on) = 0.24 OHM
MTW24N40E MOTOROLA-MTW24N40E Datasheet
174Kb / 8P
   TMOS POWER FET 24 AMPERES 400 VOLTS RDS(on) = 0.16 OHM
MTD2N50E MOTOROLA-MTD2N50E Datasheet
299Kb / 10P
   TMOS POWER FET 2.0 AMPERES 500 VOLTS RDS(on) = 3.6 OHM
MTP2P50E MOTOROLA-MTP2P50E Datasheet
230Kb / 8P
   TMOS POWER FET 2.0 AMPERES 500 VOLTS RDS(on) = 6.0 OHM
MTP2N50E MOTOROLA-MTP2N50E Datasheet
244Kb / 8P
   TMOS POWER FET 2.0 AMPERES 500 VOLTS RDS(on) = 3.6 OHM
MTB2N40E MOTOROLA-MTB2N40E Datasheet
271Kb / 10P
   TMOS POWER FET 2.0 AMPERES 400 VOLTS
MTP10N40E MOTOROLA-MTP10N40E Datasheet
249Kb / 8P
   TMOS POWER FET 10 AMPERES 400 VOLTS RDS(on) = 0.55 OHMS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com