Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLVH431AQDCKTE4 Datasheet(PDF) 2 Page - Texas Instruments

Part # TLVH431AQDCKTE4
Description  LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATORS
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLVH431AQDCKTE4 Datasheet(HTML) 2 Page - Texas Instruments

  TLVH431AQDCKTE4 Datasheet HTML 1Page - Texas Instruments TLVH431AQDCKTE4 Datasheet HTML 2Page - Texas Instruments TLVH431AQDCKTE4 Datasheet HTML 3Page - Texas Instruments TLVH431AQDCKTE4 Datasheet HTML 4Page - Texas Instruments TLVH431AQDCKTE4 Datasheet HTML 5Page - Texas Instruments TLVH431AQDCKTE4 Datasheet HTML 6Page - Texas Instruments TLVH431AQDCKTE4 Datasheet HTML 7Page - Texas Instruments TLVH431AQDCKTE4 Datasheet HTML 8Page - Texas Instruments TLVH431AQDCKTE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 53 page
background image
TLVH431, TLVH431A, TLVH431B
TLVH432, TLVH432A, TLVH432B
SLVS555I – NOVEMBER 2004 – REVISED SEPTEMBER 2009....................................................................................................................................... www.ti.com
DESCRIPTION/ORDERING INFORMATION
The TLVH431 and TLVH432 are low-voltage 3-terminal adjustable voltage references, with specified thermal
stability over applicable industrial and commercial temperature ranges. Output voltage can be set to any value
between VREF (1.24 V) and 18 V with two external resistors (see Figure 2). These devices operate from a lower
voltage (1.24 V) than the widely used TL431 and TL1431 shunt-regulator references.
When used with an optocoupler, the TLVH431 and TLVH432 are ideal voltage references in isolated feedback
circuits for 3-V to 3.3-V switching-mode power supplies. They have a typical output impedance of 0.25
Ω. Active
output circuitry provides a very sharp turn-on characteristic, making the TLVH431 and TLVH432 excellent
replacements for low-voltage Zener diodes in many applications, including on-board regulation and adjustable
power supplies.
The TLVH432 is identical to the TLVH431, but is offered with different pinouts for the SOT-23-3 and SOT-89
packages.
2
Submit Documentation Feedback
Copyright © 2004–2009, Texas Instruments Incorporated
Product Folder Link(s): TLVH431 TLVH431A TLVH431B TLVH432 TLVH432A TLVH432B


Similar Part No. - TLVH431AQDCKTE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLVH431AQDCKTE4 TI-TLVH431AQDCKTE4 Datasheet
570Kb / 37P
[Old version datasheet]   LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATORS
TLVH431AQDCKTE4 TI-TLVH431AQDCKTE4 Datasheet
673Kb / 38P
[Old version datasheet]   LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATORS
More results

Similar Description - TLVH431AQDCKTE4

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX432 MICROSEMI-LX432 Datasheet
155Kb / 8P
   LOW VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Texas Instruments
TLVH431A-Q1 TI1-TLVH431A-Q1 Datasheet
658Kb / 25P
[Old version datasheet]   LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATORS
TLV431 TI-TLV431_06 Datasheet
787Kb / 31P
[Old version datasheet]   LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATORS
TLV431 TI-TLV431 Datasheet
232Kb / 34P
[Old version datasheet]   LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATORS
TLV431A-Q1 TI1-TLV431A-Q1 Datasheet
489Kb / 21P
[Old version datasheet]   LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATORS
logo
SYNC POWER Crop.
SP432 SYNC-POWER-SP432_13 Datasheet
394Kb / 15P
   Low Voltage Adjustable Precision Shunt Regulators
logo
Linear Dimensions Semic...
LND431 LINEAR_DIMENSIONS-LND431 Datasheet
128Kb / 6P
   Low-voltage Adjustable Precision Shunt Regulators
logo
Texas Instruments
TLVH431 TI1-TLVH431_15 Datasheet
1Mb / 50P
[Old version datasheet]   Low-Voltage Adjustable Precision Shunt Regulators
TLVH431A-Q1 TI1-TLVH431A-Q1_15 Datasheet
1,003Kb / 25P
[Old version datasheet]   LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATORS
logo
SYNC POWER Crop.
SP432 SYNC-POWER-SP432 Datasheet
347Kb / 14P
   Low Voltage Adjustable Precision Shunt Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com