Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS40090PWG4 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TPS40090PWG4
Description  HIGH-FREQUENCY, MULTIPHASE CONTROLLER
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS40090PWG4 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS40090PWG4 Datasheet HTML 5Page - Texas Instruments TPS40090PWG4 Datasheet HTML 6Page - Texas Instruments TPS40090PWG4 Datasheet HTML 7Page - Texas Instruments TPS40090PWG4 Datasheet HTML 8Page - Texas Instruments TPS40090PWG4 Datasheet HTML 9Page - Texas Instruments TPS40090PWG4 Datasheet HTML 10Page - Texas Instruments TPS40090PWG4 Datasheet HTML 11Page - Texas Instruments TPS40090PWG4 Datasheet HTML 12Page - Texas Instruments TPS40090PWG4 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 31 page
background image
t
BPS +
4.5
C
BP5
8
10*3
1.0
0.7
EN
BP5
SS
VOUT
PGOOD
t -Time
BP5
BP5
BP5
1
2
3
4
4-Phase
Operation
1
2
3
4
3-Phase
Operation
2-Phase
Operation
1
2
3
4
TPS40090
TPS40091
www.ti.com
SLUS578B
– OCTOBER 2003 – REVISED MAY 2006
SETTING CONTROLLER CONFIGURATION
By default, the controller operates at four-phase configuration. The alternate number of active phases is
programmed by connecting unused PWM outputs to BP5. (See Figure 1) For example, for three-phase
operation, the unused fourth phase output, PWM4, should be connected to BP5. For two-phase operation, the
second, PWM2, and the fourth, PWM4, outputs should be connected to BP5.
POWER UP
Capacitors connected to the BP5 pin and the soft-start pin set the power-up time. When EN is high, the capacitor
connected to the BP5 pin gets charged by the internal LDO as shown in Figure 2.
(1)
Figure 1. Programming Controller Configuration
Figure 2. Power-Up Waveforms
Copyright
© 2003–2006, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): TPS40090 TPS40091


Similar Part No. - TPS40090PWG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40090 TI-TPS40090 Datasheet
467Kb / 24P
[Old version datasheet]   HIGH FREQUENCY MULTIPHASE CONTROLLER
TPS40090 TI-TPS40090 Datasheet
852Kb / 27P
[Old version datasheet]   HIGH-FREQUENCY MULTIPHASE CONTROLLER
TPS40090-Q1 TI1-TPS40090-Q1 Datasheet
363Kb / 24P
[Old version datasheet]   HIGH-FREQUENCY MULTIPHASE CONTROLLER
TPS40090-Q1 TI-TPS40090-Q1 Datasheet
852Kb / 27P
[Old version datasheet]   HIGH-FREQUENCY MULTIPHASE CONTROLLER
TPS40090-Q1 TI-TPS40090-Q1_15 Datasheet
852Kb / 27P
[Old version datasheet]   HIGH-FREQUENCY MULTIPHASE CONTROLLER
More results

Similar Description - TPS40090PWG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40090-Q1 TI1-TPS40090-Q1 Datasheet
363Kb / 24P
[Old version datasheet]   HIGH-FREQUENCY MULTIPHASE CONTROLLER
TPS40090-Q1 TI-TPS40090-Q1_15 Datasheet
852Kb / 27P
[Old version datasheet]   HIGH-FREQUENCY MULTIPHASE CONTROLLER
TPS40090 TI-TPS40090 Datasheet
467Kb / 24P
[Old version datasheet]   HIGH FREQUENCY MULTIPHASE CONTROLLER
TPS40090 TI-TPS40090_15 Datasheet
916Kb / 31P
[Old version datasheet]    HIGH-FREQUENCY, MULTIPHASE CONTROLLER
logo
Maxim Integrated Produc...
MAX15158Z MAXIM-MAX15158Z Datasheet
996Kb / 26P
   High-Voltage Multiphase Boost Controller
Rev 0; 6/19
MAX15158 MAXIM-MAX15158 Datasheet
857Kb / 28P
   High-Voltage Multiphase Boost Controller
Rev 2; 11/19
logo
Intersil Corporation
ISL6595 INTERSIL-ISL6595 Datasheet
294Kb / 22P
   Digital Multiphase Controller
logo
Texas Instruments
LM5170-Q1 TI1-LM5170-Q1 Datasheet
3Mb / 67P
[Old version datasheet]   Multiphase Bidirectional Current Controller
logo
Maxim Integrated Produc...
MAX8707 MAXIM-MAX8707 Datasheet
780Kb / 37P
   Multiphase, Fixed-Frequency Controller for AMD Hammer CPU Core Power Supplies
Rev 0; 8/04
logo
Intersil Corporation
ISL6592 INTERSIL-ISL6592 Datasheet
378Kb / 21P
   6-Phase Digital Multiphase Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com