Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS40091PW Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPS40091PW
Description  HIGH-FREQUENCY, MULTIPHASE CONTROLLER
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS40091PW Datasheet(HTML) 3 Page - Texas Instruments

  TPS40091PW Datasheet HTML 1Page - Texas Instruments TPS40091PW Datasheet HTML 2Page - Texas Instruments TPS40091PW Datasheet HTML 3Page - Texas Instruments TPS40091PW Datasheet HTML 4Page - Texas Instruments TPS40091PW Datasheet HTML 5Page - Texas Instruments TPS40091PW Datasheet HTML 6Page - Texas Instruments TPS40091PW Datasheet HTML 7Page - Texas Instruments TPS40091PW Datasheet HTML 8Page - Texas Instruments TPS40091PW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
TPS40090
TPS40091
www.ti.com
SLUS578B
– OCTOBER 2003 – REVISED MAY 2006
ORDERING INFORMATION
TA
PACKAGE(1)
OUTPUT
PART NUMBER
Binary
TPS40090PW
Plastic TSSOP (PW)(2)
3-State
TPS40091PW
40
°C to 85°C
TPS40090RHDR
QFN (RHD)(3)
TPS40091RHDR
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
Web site at www.ti.com.
(2)
The PWP package is available taped and reeled. Add a R suffix to the device type (i.e., TPS40090PWR).
(3)
The RHD package is available taped and reeled. Add a R suffix to the device type (i.e., TPS40090RHDR) to order quantities of 3000
parts per reel. Add a T suffix to the device type (i.e., TPS40090RHDT) to order quantities of 250 parts per reel.
ABSOLUTE MAXIMUM RATING
over operating free-air temperature range unless otherwise noted
(1)
TPS40090
TPS40091
EN/SYNC, VIN,
16.5 V
VIN
Input voltage range
CS1, CS2, CS3, CS4, CSCN, DROOP, FB, GNDS, ILIM, VOUT
-0.3 V to 6 V
VOUT
Output voltage range
REF, COMP, DIFFO, PGOOD, SS, RT, PWM1, PWM2, PWM3, PWM4, BP5
-0.3 V to 6 V
TJ
Operating junction temperature range
-40
°C to 125°C
Tstg
Storage temperature
-5
°C to 150°C
(1)
Stresses beyond those listed under
"absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under
"recommended operating
conditions
" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
RECOMMENDED OPERATING CONDITIONS
MIN
NOM
MAX
UNIT
VIN
Input voltage
4.5
15
V
TA
Operating free-air temperature
-40
85
°C
Copyright
© 2003–2006, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): TPS40090 TPS40091


Similar Part No. - TPS40091PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40091 TI-TPS40091 Datasheet
467Kb / 24P
[Old version datasheet]   HIGH FREQUENCY MULTIPHASE CONTROLLER
TPS40091 TI-TPS40091 Datasheet
916Kb / 31P
[Old version datasheet]    HIGH-FREQUENCY, MULTIPHASE CONTROLLER
More results

Similar Description - TPS40091PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40090-Q1 TI1-TPS40090-Q1 Datasheet
363Kb / 24P
[Old version datasheet]   HIGH-FREQUENCY MULTIPHASE CONTROLLER
TPS40090-Q1 TI-TPS40090-Q1_15 Datasheet
852Kb / 27P
[Old version datasheet]   HIGH-FREQUENCY MULTIPHASE CONTROLLER
TPS40090 TI-TPS40090 Datasheet
467Kb / 24P
[Old version datasheet]   HIGH FREQUENCY MULTIPHASE CONTROLLER
TPS40090 TI-TPS40090_15 Datasheet
916Kb / 31P
[Old version datasheet]    HIGH-FREQUENCY, MULTIPHASE CONTROLLER
logo
Maxim Integrated Produc...
MAX15158Z MAXIM-MAX15158Z Datasheet
996Kb / 26P
   High-Voltage Multiphase Boost Controller
Rev 0; 6/19
MAX15158 MAXIM-MAX15158 Datasheet
857Kb / 28P
   High-Voltage Multiphase Boost Controller
Rev 2; 11/19
logo
Intersil Corporation
ISL6595 INTERSIL-ISL6595 Datasheet
294Kb / 22P
   Digital Multiphase Controller
logo
Texas Instruments
LM5170-Q1 TI1-LM5170-Q1 Datasheet
3Mb / 67P
[Old version datasheet]   Multiphase Bidirectional Current Controller
logo
Maxim Integrated Produc...
MAX8707 MAXIM-MAX8707 Datasheet
780Kb / 37P
   Multiphase, Fixed-Frequency Controller for AMD Hammer CPU Core Power Supplies
Rev 0; 8/04
logo
Intersil Corporation
ISL6592 INTERSIL-ISL6592 Datasheet
378Kb / 21P
   6-Phase Digital Multiphase Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com