Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS62750DSKR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62750DSKR
Description  High Efficiency Step-Down Converter for USB Applications
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS62750DSKR Datasheet(HTML) 4 Page - Texas Instruments

  TPS62750DSKR Datasheet HTML 1Page - Texas Instruments TPS62750DSKR Datasheet HTML 2Page - Texas Instruments TPS62750DSKR Datasheet HTML 3Page - Texas Instruments TPS62750DSKR Datasheet HTML 4Page - Texas Instruments TPS62750DSKR Datasheet HTML 5Page - Texas Instruments TPS62750DSKR Datasheet HTML 6Page - Texas Instruments TPS62750DSKR Datasheet HTML 7Page - Texas Instruments TPS62750DSKR Datasheet HTML 8Page - Texas Instruments TPS62750DSKR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
1
2
3
4
5
10
9
8
7
6
DSKPACKAGE
(TOP VIEW)
TPS62750, TPS62751
SLVS955A – JULY 2009 – REVISED SEPTEMBER 2009 ................................................................................................................................................. www.ti.com
DEVICE INFORMATION
PIN ASSIGNMENTS
PIN FUNCTIONS
PIN
I/O
DESCRIPTION
NAME
NO.
PGND
1
Power GND Pin for the N-MOSFET
L
2
OUT
This is the switch pin and is connected to the internal MOSFET switches. Connect the external inductor between
this terminal and the output capacitor.
H/L
3
IN
H/L pin = high enables the upper current limit threshold set by RSET_H. H/L pin = low enables the lower current
limit threshold set by RSET_L. This pin must be terminated.
EN
4
IN
This is the enable pin of the device. Pulling this pin to low forces the device into shutdown mode. Pulling this pin
to high enables the device. This pin must be terminated.
FB
5
IN
Feedback Pin for the internal regulation loop. Connect the external resistor divider to this pin. In case of fixed
output voltage option, connect this pin directly to the output capacitor
AGND
6
Analog GND Pin for the internal analog circuitry.
ISET_L
7
IN
Sets the lower average input current limit by external resistor.
ISET_U
8
IN
Sets the upper average input current limit by external resistor.
PVIN
9
IN
VIN power supply pin for the Output stage
AVIN
10
IN
VIN low noise analog supply for the internal analog circuitry. This pin must be connected to PVIN
4
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s) :TPS62750, TPS62751


Similar Part No. - TPS62750DSKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62750DSKR TI-TPS62750DSKR Datasheet
1Mb / 27P
[Old version datasheet]   High Efficiency Step-Down Converter for USB Applications
TPS62750DSKR TI-TPS62750DSKR Datasheet
1Mb / 31P
[Old version datasheet]   High Efficiency Step-Down Converter for USB Applications
More results

Similar Description - TPS62750DSKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62750 TI-TPS62750_15 Datasheet
1Mb / 31P
[Old version datasheet]   High Efficiency Step-Down Converter for USB Applications
TPS62750 TI-TPS62750 Datasheet
1Mb / 27P
[Old version datasheet]   High Efficiency Step-Down Converter for USB Applications
logo
Richtek Technology Corp...
RT8092 RICHTEK-RT8092 Datasheet
327Kb / 27P
   High Efficiency Step-Down Converter
logo
Texas Instruments
TPS62510 TI1-TPS62510_16 Datasheet
1Mb / 28P
[Old version datasheet]   High Efficiency Step-Down Converter
TPS62250 TI-TPS62250 Datasheet
1Mb / 29P
[Old version datasheet]   Peak Current Limited Step Down Converter for USB Applications
TPS62250 TI1-TPS62250_13 Datasheet
1Mb / 30P
[Old version datasheet]   Peak Current Limited Step Down Converter for USB Applications
TPS82692 TI-TPS82692 Datasheet
2Mb / 31P
[Old version datasheet]   High-Efficiency MicroSiP STEP-DOWN CONVERTER
logo
Semtech Corporation
SC1578 SEMTECH-SC1578 Datasheet
130Kb / 5P
   HIGH-EFFICIENCY STEP-DOWN DC-DC CONVERTER
logo
Richtek Technology Corp...
RT8060 RICHTEK-RT8060 Datasheet
269Kb / 10P
   1.5MHz, 1A High Efficiency Step-Down Converter
logo
ON Semiconductor
NCV894530 ONSEMI-NCV894530 Datasheet
88Kb / 8P
   High Efficiency Low Voltage Step-Down Converter
September, 2015 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com