Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS40091RHDR Datasheet(PDF) 10 Page - Texas Instruments

Part # TPS40091RHDR
Description  HIGH-FREQUENCY, MULTIPHASE CONTROLLER
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS40091RHDR Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS40091RHDR Datasheet HTML 6Page - Texas Instruments TPS40091RHDR Datasheet HTML 7Page - Texas Instruments TPS40091RHDR Datasheet HTML 8Page - Texas Instruments TPS40091RHDR Datasheet HTML 9Page - Texas Instruments TPS40091RHDR Datasheet HTML 10Page - Texas Instruments TPS40091RHDR Datasheet HTML 11Page - Texas Instruments TPS40091RHDR Datasheet HTML 12Page - Texas Instruments TPS40091RHDR Datasheet HTML 13Page - Texas Instruments TPS40091RHDR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
t
SS +
0.7
C
SS
5
10*6
t
PG + 1.43
T
SS
V
OUT + 0.7 V
R1
R2 )
1
TPS40090
TPS40091
SLUS578B
– OCTOBER 2003 – REVISED MAY 2006
www.ti.com
When the BP5 pin voltage crosses its lower undervoltage threshold and the power-on reset function is cleared,
the calibrated current source starts charging the soft start capacitor. The PGOOD pin is held low during the start
up. The rising voltage across the capacitor serves as a reference for the error amplifier assuring start-up in a
closed loop manner. When the soft start pin voltage reaches the level of the reference voltage VREF = 0.7 V, the
converter's output reaches the regulation point and further rise of the soft start voltage has no effect on the
output.
(2)
When the soft-start voltage reaches level of 1 V, the power good (PGOOD) function is cleared and reported on
the PGOOD pin. Normally, the PGOOD pin goes high at this moment. The time from when SS begins to rise to
when PGOOD is reported is:
(3)
OUTPUT VOLTAGE PROGRAMMING
The converter output voltage is programmed by the R1/R2 divider from the output of the differential amplifier. The
center point of the divider is connected to the inverting output of the error amplifier (FB), as shown in Figure 5.
(4)
CURRENT SENSE FAULT PROTECTION
Multiphase controllers with forced current sharing are inherently sensitive to failure of a current sense
component. In the event of such failure, the whole load current can be steered with catastrophic consequences
into a single channel where the fault has happened. The dedicated circuit in the TPS4009x controller prevents it
from starting up if any current sense pin is open or shorted to ground. The current-sense fault detection circuit is
active only during device initialization, and it does not provide protection should a current-sense failure happen
during normal operation.
OVERVOLTAGE PROTECTION
If the voltage at the FB pin (VFB) exceeds VREF by more than 16%, the TPS4009x enters into an overvoltage
state. In this condition, the output signals from the controller to the external drivers is pulled low, causing the
drivers to force all of the upper MOSFETs to the OFF position and all the lower MOSFETs to the ON position. As
soon as VFB returns to regulation, the normal operating state resumes.
10
Submit Documentation Feedback
Copyright
© 2003–2006, Texas Instruments Incorporated
Product Folder Link(s): TPS40090 TPS40091


Similar Part No. - TPS40091RHDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40091 TI-TPS40091 Datasheet
467Kb / 24P
[Old version datasheet]   HIGH FREQUENCY MULTIPHASE CONTROLLER
TPS40091 TI-TPS40091 Datasheet
916Kb / 31P
[Old version datasheet]    HIGH-FREQUENCY, MULTIPHASE CONTROLLER
More results

Similar Description - TPS40091RHDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40090-Q1 TI1-TPS40090-Q1 Datasheet
363Kb / 24P
[Old version datasheet]   HIGH-FREQUENCY MULTIPHASE CONTROLLER
TPS40090-Q1 TI-TPS40090-Q1_15 Datasheet
852Kb / 27P
[Old version datasheet]   HIGH-FREQUENCY MULTIPHASE CONTROLLER
TPS40090 TI-TPS40090 Datasheet
467Kb / 24P
[Old version datasheet]   HIGH FREQUENCY MULTIPHASE CONTROLLER
TPS40090 TI-TPS40090_15 Datasheet
916Kb / 31P
[Old version datasheet]    HIGH-FREQUENCY, MULTIPHASE CONTROLLER
logo
Maxim Integrated Produc...
MAX15158Z MAXIM-MAX15158Z Datasheet
996Kb / 26P
   High-Voltage Multiphase Boost Controller
Rev 0; 6/19
MAX15158 MAXIM-MAX15158 Datasheet
857Kb / 28P
   High-Voltage Multiphase Boost Controller
Rev 2; 11/19
logo
Intersil Corporation
ISL6595 INTERSIL-ISL6595 Datasheet
294Kb / 22P
   Digital Multiphase Controller
logo
Texas Instruments
LM5170-Q1 TI1-LM5170-Q1 Datasheet
3Mb / 67P
[Old version datasheet]   Multiphase Bidirectional Current Controller
logo
Maxim Integrated Produc...
MAX8707 MAXIM-MAX8707 Datasheet
780Kb / 37P
   Multiphase, Fixed-Frequency Controller for AMD Hammer CPU Core Power Supplies
Rev 0; 8/04
logo
Intersil Corporation
ISL6592 INTERSIL-ISL6592 Datasheet
378Kb / 21P
   6-Phase Digital Multiphase Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com