Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS40091RHDT Datasheet(PDF) 5 Page - Texas Instruments

Part # TPS40091RHDT
Description  HIGH-FREQUENCY, MULTIPHASE CONTROLLER
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS40091RHDT Datasheet(HTML) 5 Page - Texas Instruments

  TPS40091RHDT Datasheet HTML 1Page - Texas Instruments TPS40091RHDT Datasheet HTML 2Page - Texas Instruments TPS40091RHDT Datasheet HTML 3Page - Texas Instruments TPS40091RHDT Datasheet HTML 4Page - Texas Instruments TPS40091RHDT Datasheet HTML 5Page - Texas Instruments TPS40091RHDT Datasheet HTML 6Page - Texas Instruments TPS40091RHDT Datasheet HTML 7Page - Texas Instruments TPS40091RHDT Datasheet HTML 8Page - Texas Instruments TPS40091RHDT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
TPS40090
TPS40091
www.ti.com
SLUS578B
– OCTOBER 2003 – REVISED MAY 2006
ELECTRICAL CHARACTERISTICS (continued)
TA = -40°C to 85°C, VIN = 12 V, R(RT) = 64.9 kΩ, TJ = TA (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
CURRENT SENSE AMPLIFIER
Gain transfer
100 mV
≤ V(CS) ≤ 100 mV, VCSRTN = 1.5 V
4.9
5.4
5.9
V/V
Gain variance between phases
VCS = 100 mV
-4%
4%
Input offset variance at zero current
VCS = 0 V
-3.5
0
3.5
mV
Input common mode(3)
0
4
V
Bandwidth(3)
18
MHz
DIFFERENTIAL AMPLIFIER
Gain
1
V/V
Gain tolerance
VOUT 4 V vs 0.7 V, VGNDS = 0 V
-0.5%
0.5%
CMRR
Common mode rejection ratio(3)
0.7 V
≤ VOUT ≤ 4 V
60
dB
Bandwidth(3)
5
MHz
RAMP
Ramp amplitude(3)
0.4
0.5
0.6
V
POWER GOOD
PGOOD high threshold
wrt VREF
10%
14%
PGOOD low threshold
wrt VREF
-14%
-10%
VOL
Low-level output voltage
IPGOOD = 4 mA
0.35
0.60
V
Ilkg
PGOOD output leakage
VPGOOD = 5 V
50
80
μA
OUTPUT OVERVOLTAGE/UNDERVOLTAGE FAULT
VOV
Overvoltage threshold voltage
VFBK relative to VREF
15%
19%
VUV
Undervoltage threshold voltage
VFBK relative to VREF
-18%
-14%
LOAD LINE PROGRAMMING
IDROOP
Pull-down current on DROOP
4-phase, VCS = 100 mV
40
μA
(3)
Specified by design. Not production tested.
Copyright
© 2003–2006, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): TPS40090 TPS40091


Similar Part No. - TPS40091RHDT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40091 TI-TPS40091 Datasheet
467Kb / 24P
[Old version datasheet]   HIGH FREQUENCY MULTIPHASE CONTROLLER
TPS40091 TI-TPS40091 Datasheet
916Kb / 31P
[Old version datasheet]    HIGH-FREQUENCY, MULTIPHASE CONTROLLER
More results

Similar Description - TPS40091RHDT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40090-Q1 TI1-TPS40090-Q1 Datasheet
363Kb / 24P
[Old version datasheet]   HIGH-FREQUENCY MULTIPHASE CONTROLLER
TPS40090-Q1 TI-TPS40090-Q1_15 Datasheet
852Kb / 27P
[Old version datasheet]   HIGH-FREQUENCY MULTIPHASE CONTROLLER
TPS40090 TI-TPS40090 Datasheet
467Kb / 24P
[Old version datasheet]   HIGH FREQUENCY MULTIPHASE CONTROLLER
TPS40090 TI-TPS40090_15 Datasheet
916Kb / 31P
[Old version datasheet]    HIGH-FREQUENCY, MULTIPHASE CONTROLLER
logo
Maxim Integrated Produc...
MAX15158Z MAXIM-MAX15158Z Datasheet
996Kb / 26P
   High-Voltage Multiphase Boost Controller
Rev 0; 6/19
MAX15158 MAXIM-MAX15158 Datasheet
857Kb / 28P
   High-Voltage Multiphase Boost Controller
Rev 2; 11/19
logo
Intersil Corporation
ISL6595 INTERSIL-ISL6595 Datasheet
294Kb / 22P
   Digital Multiphase Controller
logo
Texas Instruments
LM5170-Q1 TI1-LM5170-Q1 Datasheet
3Mb / 67P
[Old version datasheet]   Multiphase Bidirectional Current Controller
logo
Maxim Integrated Produc...
MAX8707 MAXIM-MAX8707 Datasheet
780Kb / 37P
   Multiphase, Fixed-Frequency Controller for AMD Hammer CPU Core Power Supplies
Rev 0; 8/04
logo
Intersil Corporation
ISL6592 INTERSIL-ISL6592 Datasheet
378Kb / 21P
   6-Phase Digital Multiphase Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com