Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RJ2S-CLD12 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # RJ2S-CLD12
Description  RJ Series ??General Purpose Relays
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RJ2S-CLD12 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  RJ2S-CLD12 Datasheet HTML 1Page - List of Unclassifed Manufacturers RJ2S-CLD12 Datasheet HTML 2Page - List of Unclassifed Manufacturers RJ2S-CLD12 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
RJ Series
Relays
E-4
www.idec.com
USA: (800) 262-IDEC or (408) 747-0550, Canada: (888) 317-IDEC
E
Socket Part Numbers (DIN Rail or Panel Mount):
Coil Ratings at 20ºC (relays with LED indicator)
Contact Ratings
Type
Contacts
Coil Voltage
Standard
with Indicator Light
SPDT
12V DC
RJ1S-C-D12
RJ1S-CL-D12
24V DC
RJ1S-C-D24
RJ1S-CL-D24
100-110V DC
RJ1S-C-D100
RJ1S-CL-D100
24V AC
RJ1S-C-A24
RJ1S-CL-A24
120V AC
RJ1S-C-A120
RJ1S-CL-A120
240V AC
RJ1S-C-A240
RJ1S-CL-A240
DPDT
12V DC
RJ2S-C-D12
RJ2S-CL-D12
24V DC
RJ2S-C-D24
RJ2S-CL-D24
100-110V DC
RJ2S-C-D100
RJ2S-CL-D100
24V AC
RJ2S-C-A24
RJ2S-CL-A24
120V AC
RJ2S-C-A120
RJ2S-CL-A120
240V AC
RJ2S-C-A240
RJ2S-CL-A240
Part Numbers
Description
SJ1S-05B
SPDT Standard Screw Terminal
SJ1S-07L
SPDT Finger-safe Screw Terminal
SJ2S-05B
DPDT Standard Screw Terminal
SJ2S-07L
DPDT Finger-safe Screw Terminal
SJ9Z-C
Replacement Locking Lever
Coil
Sensitivity
Nominal
Voltage
Nominal
Current
Coil Resistance
Power
Consumption
Pull-in
Voltage
Drop-Out
Voltage
Max Allowable
Voltage
DC Coil
12V
48mA
271
0.53W
70% Max
10% Min
170%
24V
25.7mA
1,080
100-110V
5.2-5.7mA
18,870
160%
AC Coil
(60Hz)
24V
41.1mA
243
0.9VA
80% Max
30% Min
140%
120V
8.1mA
5270
240V
4.1mA
21,530
Contact
RJ1S
RJ2S
Contact Load Ratings
Resistive Load (Max)
NO Contact
12A @ 250VAC/30VDC
8A @ 250VAC/30VDC
NC Contact
12A @ 250VAC; 6A @ 30VDC
8A @ 250VAC; 4A @ 30VDC
Inductive Load (Max)
NO Contact
7.5A @ 250VAC; 6A @ 30VDC
4A @ 250VAC; 4A @ 30VDC
NC Contact
7.5A @ 250VAC; 3A @ 30VDC
4A @250VAC; 2A @ 30VDC
Min Applicable Load (reference value)
100mA @ 5VDC
10mA @ 5VDC
Contacts Max Power
Allowed
Resistive Load (Max)
NO Contact
AC: 3,000VA; DC: 360W
AC: 2,000VA; DC: 240W
NC Contact
AC: 3,000VA; DC: 180W
AC: 2,000VA; DC: 120W
Inductive Load (Max)
NO Contact
AC: 1,875VA; DC: 180W
AC: 1,000VA; DC: 120W
NC Contact
AC: 1,875VA; DC: 90W
AC: 1,000VA; DC: 60W
Part Numbers
Ratings


Similar Part No. - RJ2S-CLD12

ManufacturerPart #DatasheetDescription
logo
IDEC Corporation
RJ2S-CL-A120 IDEC-RJ2S-CL-A120 Datasheet
230Kb / 3P
   General Purpose Relays
logo
List of Unclassifed Man...
RJ2S-CL-A24 ETC2-RJ2S-CL-A24 Datasheet
230Kb / 3P
   RJ Series - General Purpose Relays
logo
IDEC Corporation
RJ2S-CL-A24 IDEC-RJ2S-CL-A24 Datasheet
230Kb / 3P
   General Purpose Relays
RJ2S-CL-A240 IDEC-RJ2S-CL-A240 Datasheet
230Kb / 3P
   General Purpose Relays
RJ2S-CL-D100 IDEC-RJ2S-CL-D100 Datasheet
230Kb / 3P
   General Purpose Relays
More results

Similar Description - RJ2S-CLD12

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RJ2S-CL-A24 ETC2-RJ2S-CL-A24 Datasheet
230Kb / 3P
   RJ Series - General Purpose Relays
RJ2S-CL-D24 ETC2-RJ2S-CL-D24 Datasheet
230Kb / 3P
   RJ Series - General Purpose Relays
logo
Tyco Electronics
3-1393240-9 MACOM-3-1393240-9 Datasheet
582Kb / 4P
   General Purpose Relays PCB Relays
R10-E1Y4-V700 MACOM-R10-E1Y4-V700 Datasheet
762Kb / 6P
   General Purpose Relays Industrial Relays
3-1393224-5 MACOM-3-1393224-5 Datasheet
399Kb / 4P
   General Purpose Relays PCB Relays
2-1393115-1 MACOM-2-1393115-1 Datasheet
617Kb / 3P
   General Purpose Relays Industrial Relays
2-1393115-6 MACOM-2-1393115-6 Datasheet
599Kb / 3P
   General Purpose Relays Industrial Relays
2-1393117-3 MACOM-2-1393117-3 Datasheet
1Mb / 5P
   General Purpose Relays Industrial Relays
2-1393117-4 MACOM-2-1393117-4 Datasheet
1Mb / 5P
   General Purpose Relays Industrial Relays
logo
Omron Electronics LLC
MKS OMRON-MKS Datasheet
2Mb / 10P
   General Purpose Relays
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com