Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC5618DWPTR Datasheet(PDF) 3 Page - Texas Instruments

Part # UCC5618DWPTR
Description  18-Line SCSI Terminator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC5618DWPTR Datasheet(HTML) 3 Page - Texas Instruments

  UCC5618DWPTR Datasheet HTML 1Page - Texas Instruments UCC5618DWPTR Datasheet HTML 2Page - Texas Instruments UCC5618DWPTR Datasheet HTML 3Page - Texas Instruments UCC5618DWPTR Datasheet HTML 4Page - Texas Instruments UCC5618DWPTR Datasheet HTML 5Page - Texas Instruments UCC5618DWPTR Datasheet HTML 6Page - Texas Instruments UCC5618DWPTR Datasheet HTML 7Page - Texas Instruments UCC5618DWPTR Datasheet HTML 8Page - Texas Instruments UCC5618DWPTR Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
UCC5618
ELECTRICAL CHARACTERISTICS: Unless otherwise stated these specifications apply for TA = 0°C to 70°C,
TRMPWR = 4.75V, DISCNCT = 0V, TA =TJ.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Supply Current Section
TERMPWR Supply Current
All Termination Lines = Open
1
2
mA
All Termination Lines = 0.2V
420
440
mA
Power Down Mode
DISCNCT = TRMPWR
50
100
µA
Output Section (Termination Lines)
Termination Impedance
See Figure 1
104.5
110
115.5
Output High Voltage
VTRMPWR = 4V (Note 1)
2.6
2.8
3
V
Max Output Current
VLINE = 0.2V, TJ = 25°C
–22.1
–23.3
–24
mA
VLINE = 0.2V
–20.7
–23.3
–24
mA
VLINE = 0.2V, TERMPWR = 4V, TJ = 25°C
(Note 1)
–21
–23.3
–24
mA
VLINE = 0.2V, TRMPWR = 4V (Note 1)
–20
–23
–24
mA
VLINE = 0.5V
–22.4
mA
Output Leakage
DISCNCT = 2.4V, TRMPWR = 0V to 5.25V,
REG = 0.2V, VLINE = 5.25V
10
400
nA
Output Capacitance
DISCNCT = 2.4V (Note 2)
2
3.5
pF
Regulator Section
Regulator Output Voltage
2.6
2.8
3
V
Drop Out Voltage
All Termination Lines = 0.2V
0.4
0.8
V
Short Circuit Current
VREG = 0V
–475
–650
–950
mA
Sinking Current Capability
VREG = 3.5V
200
400
800
mA
Thermal Shutdown
170
°C
Thermal Shutdown Hysteresis
10
°C
Disconnect Section
Disconnect Threshold
0.8
1.5
2
V
Input Current
DISCNCT = 0V
–10
–30
µA
Note 1: Measuring each termination line while other 17 are low (0.2V).
Note 2: Guaranteed by design. Not 100% tested in production.
Figure 1. Termline Impedance Measurement Circuit
Procedure:
1) Measure VREG N.L.
2) Set VL = 0.2V
3) Measure IMAX at 0.2V
4) Impedance =
VN L
V
I
REG
MAX
..– .
02
UDG-96102-1


Similar Part No. - UCC5618DWPTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC5618 TI-UCC5618 Datasheet
235Kb / 5P
[Old version datasheet]   18-Line SCSI Terminator
UCC5618QPTR TI-UCC5618QPTR Datasheet
760Kb / 9P
[Old version datasheet]   18-Line SCSI Terminator
More results

Similar Description - UCC5618DWPTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC5618QPTR TI-UCC5618QPTR Datasheet
760Kb / 9P
[Old version datasheet]   18-Line SCSI Terminator
UCC5618 TI-UCC5618 Datasheet
235Kb / 5P
[Old version datasheet]   18-Line SCSI Terminator
logo
Burr-Brown (TI)
REG5601 BURR-BROWN-REG5601 Datasheet
107Kb / 3P
   18-LINE SCSI ACTIVE TERMINATOR
logo
Texas Instruments
UCC5617 TI1-UCC5617_15 Datasheet
309Kb / 8P
[Old version datasheet]   18-Line SCSI Terminator (Reverse Disconnect)
logo
Microsemi Corporation
LX5202 MICROSEMI-LX5202 Datasheet
147Kb / 4P
   18-LINE, 關 POWER SCSI TERMINATOR
logo
Texas Instruments
UCC5617 TI-UCC5617 Datasheet
313Kb / 5P
[Old version datasheet]   18-Line SCSI Terminator Reverse Disconnect
logo
Micro Linear Corporatio...
ML6518 MICRO-LINEAR-ML6518 Datasheet
205Kb / 8P
   18 Line Hot-Insertable Active SCSI Terminator
logo
Texas Instruments
UC5608DWP TI-UC5608DWP Datasheet
188Kb / 4P
[Old version datasheet]   18-Line Low Capacitance SCSI Active Terminator
UC5608 TI-UC5608 Datasheet
230Kb / 4P
[Old version datasheet]   18-Line Low Capacitance SCSI Active Terminator
UC5609 TI-UC5609 Datasheet
233Kb / 4P
[Old version datasheet]   18-Line Low Capacitance SCSI Active Terminator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com