Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK93C55B Datasheet(PDF) 9 Page - Asahi Kasei Microsystems

Part # AK93C55B
Description  1K / 2K / 4K / 8KBIT SERIAL CMOS EEPROM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK93C55B Datasheet(HTML) 9 Page - Asahi Kasei Microsystems

Back Button AK93C55B Datasheet HTML 5Page - Asahi Kasei Microsystems AK93C55B Datasheet HTML 6Page - Asahi Kasei Microsystems AK93C55B Datasheet HTML 7Page - Asahi Kasei Microsystems AK93C55B Datasheet HTML 8Page - Asahi Kasei Microsystems AK93C55B Datasheet HTML 9Page - Asahi Kasei Microsystems AK93C55B Datasheet HTML 10Page - Asahi Kasei Microsystems AK93C55B Datasheet HTML 11Page - Asahi Kasei Microsystems AK93C55B Datasheet HTML 12Page - Asahi Kasei Microsystems AK93C55B Datasheet HTML 13Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
ASAHI KASEI
[AK93C45B/55B/65B/75B]
DAM04E-01
1999/10
- 9 -
Electrical Characteristics
(1) D.C. ELECTRICAL CHARACTERISTICS
 AK93C45B/55B/65B
( 1.8V
Vcc5.5V, -40CTa85C, unless otherwise specified )
Parameter
Symbol
Condition
Min.
Max.
Unit
ICC1
VCC=5.5V, tSKP=1us, *1
4.0
mA
93C45B
1.5
mA
Current Dissipation
(WRITE)
ICC2
VCC=1.8V,
tSK=4us,*1
93C55B/65B
2.0
mA
ICC3
VCC=5.5V, tSKP=1us, *1
0.5
mA
ICC4
VCC=2.5V, tSKP=2us, *1
0.2
mA
Current Dissipation
(READ,EWEN,EWDS)
ICC5
VCC=1.8V, tSKP=4us, *1
0.1
mA
Current Dissipation
(Standby)
ICCSB
VCC=5.5V
*2
0.8
uA
VIH1
VCC=5V
10%
2.0
VCC+0.5
V
VIH2
2.5V
VCC5.5V
0.8
 VCC
VCC+0.5
V
Input High Voltage
VIH3
1.8V
VCC<2.5V
0.8
 VCC
VCC+0.5
V
VIL1
VCC=5V
10%
-0.1
0.8
V
VIL2
2.5V
VCC5.5V
-0.1
0.15
 VCC
V
Input Low Voltage
VIL3
1.8V
VCC<2.5V
-0.1
0.2
 VCC
V
VOH1
VCC=5V
10%
IOH=-0.4mA
2.2
V
VOH2
2.5V
VCC5.5V
IOH=-0.1mA
0.8
 VCC
V
Output High Voltage
VOH3
1.8V
VCC<2.5V
IOH=-0.1mA
0.8
 VCC
V
VOL1
VCC=5V
10%
IOL=1.5mA
0.4
V
VOL2
2.5V
VCC5.5V
IOL=1.0mA
0.4
V
Output Low Voltage
VOL3
1.8V
VCC<2.5V
IOL=0.1mA
0.4
V
Input Leakage
ILI
VCC=5.5V,VIN=5.5V *3
1.0
uA
Output Leakage
ILO
VCC=5.5V
VOUT=5.5V,CS=GND
1.0
uA
*1: VIN=VIH/VIL,DO=Open
*2: VIN=VCC/GND,CS=GND,DO=Open
*3: CS, SK, DI pin


Similar Part No. - AK93C55B

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK93C55B AKM-AK93C55B Datasheet
178Kb / 14P
   1K / 2K / 4K / 8Kbit Serial CMOS EEPROM
AK93C55BH AKM-AK93C55BH Datasheet
178Kb / 14P
   1K / 2K / 4K / 8Kbit Serial CMOS EEPROM
AK93C55BL AKM-AK93C55BL Datasheet
178Kb / 14P
   1K / 2K / 4K / 8Kbit Serial CMOS EEPROM
More results

Similar Description - AK93C55B

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK93C45A AKM-AK93C45A Datasheet
129Kb / 14P
   1K / 2K / 4K / 8Kbit Serial CMOS EEPROM
AK93C45B AKM-AK93C45B_03 Datasheet
178Kb / 14P
   1K / 2K / 4K / 8Kbit Serial CMOS EEPROM
AK6420A-1 AKM-AK6420A-1 Datasheet
161Kb / 15P
   2K / 4K / 8Kbit Serial CMOS EEPROM
AK6420A AKM-AK6420A Datasheet
140Kb / 15P
   2K / 4K / 8Kbit Serial CMOS EEPROM
AK6420AM AKM-AK6420AM Datasheet
164Kb / 15P
   2K / 4K / 8Kbit Serial CMOS EEPROM
logo
Catalyst Semiconductor
CAT25C01 CATALYST-CAT25C01_05 Datasheet
374Kb / 15P
   1K/2K/4K SPI Serial CMOS EEPROM
CAT25020 CATALYST-CAT25020 Datasheet
556Kb / 18P
   1K/2K/4K SPI Serial CMOS EEPROM
logo
Microchip Technology
85C72 MICROCHIP-85C72 Datasheet
107Kb / 8P
   1K/2K/4K 5.0V CMOS Serial EEPROM
1995
logo
Catalyst Semiconductor
CAT25010 CATALYST-CAT25010 Datasheet
73Kb / 11P
   1K/2K/4K SPI Serial CMOS EEPROM
CAT25C11 CATALYST-CAT25C11 Datasheet
79Kb / 12P
   1K/2K/4K/8K/16K SPI Serial CMOS EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com