Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UC2842D8G4 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # UC2842D8G4
Description  CURRENT MODE PWM CONTROLLER
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UC2842D8G4 Datasheet(HTML) 6 Page - Texas Instruments

Back Button UC2842D8G4 Datasheet HTML 2Page - Texas Instruments UC2842D8G4 Datasheet HTML 3Page - Texas Instruments UC2842D8G4 Datasheet HTML 4Page - Texas Instruments UC2842D8G4 Datasheet HTML 5Page - Texas Instruments UC2842D8G4 Datasheet HTML 6Page - Texas Instruments UC2842D8G4 Datasheet HTML 7Page - Texas Instruments UC2842D8G4 Datasheet HTML 8Page - Texas Instruments UC2842D8G4 Datasheet HTML 9Page - Texas Instruments UC2842D8G4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
www.ti.com
OSCILLATOR SECTION
8
4
5
VREF
RT/CT
GROUND
RT
CT
For RT> 5 K f ~
1.72
RTCT
30
10
3
1
0.3
1
2.2
4.7
10
22
47
100
CT − nF
Deadtime vs CT (RT >5 kW)
100
30
10
3
100
1 k
10 k
100 k
1 M
f − Frequency − Hz
Timing Resistance vs Frequency
OUTPUT SATURATION CHARACTERISTICS
4
3
2
1
0
.01
.02
.03 .04 .05
.07 .1
.2
.3 .4 .5
.7
1
SINK SAT (VOL)
SOURCE SAT
(VCC − VOH)
VCC = 15 V
TA = 25°C
TA = −55°C
Output Current, Source or Sink − A
ERROR AMPLIFIER OPEN-LOOP FREQUENCY RESPONSE
80
60
40
20
0
0
−45
−90
−135
−180
Av
θ
10
100
1 k
10 k
100 k
1 M
10 M
f − Frequency − Hz
UC1842/3/4/5
UC2842/3/4/5
UC3842/3/4/5
SLUS223C – APRIL 1997 – REVISED JUNE 2007
6
Submit Documentation Feedback


Similar Part No. - UC2842D8G4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC2842D8G4 TI-UC2842D8G4 Datasheet
720Kb / 24P
[Old version datasheet]   CURRENT MODE PWM CONTROLLER
UC2842D8G4 TI1-UC2842D8G4 Datasheet
708Kb / 28P
[Old version datasheet]   CURRENT MODE PWM CONTROLLER
UC2842D8G4 TI-UC2842D8G4 Datasheet
693Kb / 28P
[Old version datasheet]   CURRENT MODE PWM CONTROLLER
UC2842D8G4 TI-UC2842D8G4 Datasheet
693Kb / 28P
[Old version datasheet]   CURRENT MODE PWM CONTROLLER
UC2842D8G4 TI-UC2842D8G4 Datasheet
693Kb / 28P
[Old version datasheet]   CURRENT MODE PWM CONTROLLER
More results

Similar Description - UC2842D8G4

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UC3842 PHILIPS-UC3842 Datasheet
74Kb / 8P
   Current-mode PWM controller
August 31, 1994
logo
Daewoo Semiconductor
DBL3842 DAEWOO-DBL3842 Datasheet
467Kb / 8P
   CURRENT MODE PWM CONTROLLER
logo
BCD Semiconductor Manuf...
AP384XC BCDSEMI-AP384XC Datasheet
176Kb / 13P
   CURRENT MODE PWM CONTROLLER
logo
Cystech Electonics Corp...
MC7731N6 CYSTEKEC-MC7731N6 Datasheet
363Kb / 10P
   Current Mode PWM Controller
logo
BCD Semiconductor Manuf...
AP3842C BCDSEMI-AP3842C Datasheet
359Kb / 14P
   CURRENT MODE PWM CONTROLLER
logo
Texas Instruments
UC1846AJ TI-UC1846AJ Datasheet
3Mb / 13P
[Old version datasheet]   Current Mode PWM Controller
UC1843 TI-UC1843 Datasheet
937Kb / 3P
[Old version datasheet]   Current Mode PWM Controller
UC2846J TI-UC2846J Datasheet
463Kb / 8P
[Old version datasheet]   Current Mode PWM Controller
logo
List of Unclassifed Man...
AMC3842B ETC-AMC3842B Datasheet
365Kb / 10P
   CURRENT MODE PWM CONTROLLER
CM3842 ETC-CM3842 Datasheet
638Kb / 12P
   CURRENT MODE PWM CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com