Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE42721 Datasheet(PDF) 8 Page - Peregrine Semiconductor

Part # PE42721
Description  UltraCMOS SPDT RF Switch
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PSEMI [Peregrine Semiconductor]
Direct Link  http://www.psemi.com
Logo PSEMI - Peregrine Semiconductor

PE42721 Datasheet(HTML) 8 Page - Peregrine Semiconductor

Back Button PE42721 Datasheet HTML 4Page - Peregrine Semiconductor PE42721 Datasheet HTML 5Page - Peregrine Semiconductor PE42721 Datasheet HTML 6Page - Peregrine Semiconductor PE42721 Datasheet HTML 7Page - Peregrine Semiconductor PE42721 Datasheet HTML 8Page - Peregrine Semiconductor PE42721 Datasheet HTML 9Page - Peregrine Semiconductor PE42721 Datasheet HTML 10Page - Peregrine Semiconductor PE42721 Datasheet HTML 11Page - Peregrine Semiconductor PE42721 Datasheet HTML 12Page - Peregrine Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Product Specification
PE42721
Page 8 of 12
Document No. DOC-13814-2 │ UltraCMOS® RFIC Solutions
©2013 Peregrine Semiconductor Corp. All rights reserved.
Typical Performance Data @ 25°C and VDD = 3.3V unless otherwise specified
Figure 15. Isolation vs. Temp (RFX-RFX)
Figure 16. Isolation vs. VDD (RFX-RFX)
Figure 17. Isolation vs. Temp (RFC-RFX)
Figure 18. Isolation vs. VDD (RFC-RFX)


Similar Part No. - PE42721

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE42721 PEREGRINE-PE42721 Datasheet
297Kb / 12P
   UltraCMOS
logo
Peregrine Semiconductor
PE42721MLBA-Z PSEMI-PE42721MLBA-Z Datasheet
1Mb / 12P
   UltraCMOS짰 SPDT RF Switch 5??200 MHz
PE42721 PSEMI-PE42721_14 Datasheet
345Kb / 12P
   UltraCMOS짰 SPDT RF Switch
logo
Peregrine Semiconductor...
PE42721 PEREGRINE-PE42721_15 Datasheet
297Kb / 12P
   SPDT RF Switch
More results

Similar Description - PE42721

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor
PE42552 PSEMI-PE42552 Datasheet
401Kb / 9P
   SPDT UltraCMOS RF Switch
logo
Peregrine Semiconductor...
PE4239 PEREGRINE-PE4239_06 Datasheet
285Kb / 9P
   SPDT UltraCMOS??RF Switch
PE42556 PEREGRINE-PE42556 Datasheet
281Kb / 10P
   SPDT UltraCMOS RF Switch
PE4239 PEREGRINE-PE4239 Datasheet
249Kb / 8P
   SPDT UltraCMOS??RF Switch
PE4244 PEREGRINE-PE4244 Datasheet
251Kb / 6P
   SPDT UltraCMOS??RF Switch
logo
Peregrine Semiconductor
PE4239 PSEMI-PE4239_14 Datasheet
860Kb / 9P
   SPDT UltraCMOS??RF Switch
PE4245 PSEMI-PE4245_14 Datasheet
838Kb / 8P
   SPDT UltraCMOS??RF Switch
logo
Peregrine Semiconductor...
PE4242 PEREGRINE-PE4242_06 Datasheet
278Kb / 9P
   SPDT UltraCMOS??RF Switch
PE4245 PEREGRINE-PE4245_08 Datasheet
282Kb / 8P
   SPDT UltraCMOS??RF Switch
PE4250 PEREGRINE-PE4250 Datasheet
226Kb / 9P
   SPDT UltraCMOS RF Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com