Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE43502 Datasheet(PDF) 6 Page - Peregrine Semiconductor

Part # PE43502
Description  RF Digital Attenuator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PSEMI [Peregrine Semiconductor]
Direct Link  http://www.psemi.com
Logo PSEMI - Peregrine Semiconductor

PE43502 Datasheet(HTML) 6 Page - Peregrine Semiconductor

Back Button PE43502 Datasheet HTML 2Page - Peregrine Semiconductor PE43502 Datasheet HTML 3Page - Peregrine Semiconductor PE43502 Datasheet HTML 4Page - Peregrine Semiconductor PE43502 Datasheet HTML 5Page - Peregrine Semiconductor PE43502 Datasheet HTML 6Page - Peregrine Semiconductor PE43502 Datasheet HTML 7Page - Peregrine Semiconductor PE43502 Datasheet HTML 8Page - Peregrine Semiconductor PE43502 Datasheet HTML 9Page - Peregrine Semiconductor PE43502 Datasheet HTML 10Page - Peregrine Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Product Specification
PE43502
Page 6 of 11
©2008-2009 Peregrine Semiconductor Corp. All rights reserved.
Document No. 70-0247-06
│ UltraCMOS™ RFIC Solutions
Programming Options
Parallel/Serial Selection
Either a parallel or serial interface can be used to
control the PE43502. The
P̅/S bit provides this
selection, with
P̅/S=LOW selecting the parallel
interface and
P̅/S=HIGH selecting the serial
interface.
Parallel Mode Interface
The parallel interface consists of five CMOS-
compatible control lines that select the desired
attenuation state, as shown in Table 7.
The parallel interface timing requirements are
defined by Fig. 16 (Parallel Interface Timing
Diagram), Table 11 (Parallel Interface AC
Characteristics), and switching speed (Table 1).
For latched-parallel programming the Latch Enable
(LE) should be held LOW while changing attenuation
state control values, then pulse LE HIGH to LOW
(per Fig. 16) to latch new attenuation state into
device.
For direct parallel programming, the Latch Enable
(LE) line should be pulled HIGH. Changing
attenuation state control values will change device
state to new attenuation. Direct Mode is ideal for
manual control of the device (using hardwire,
switches, or jumpers).
Serial Interface
The serial interface is a 8-bit serial-in, parallel-out
shift register buffered by a transparent latch. The 8-
bits make up the Attenuation Word that controls the
DSA. Fig. 15 illustrates a example timing diagram for
programming a state.
The serial-interface is controlled using three CMOS-
compatible signals: Serial-In (SI), Clock (CLK), and
Latch Enable (LE). The SI and CLK inputs allow
data to be serially entered into the shift register.
Serial data is clocked in LSB first.
The shift register must be loaded while LE is held
LOW to prevent the attenuator value from changing
as data is entered. The LE input should then be
toggled HIGH and brought LOW again, latching the
new data into the DSA. Attenuation Word truth table
is listed in Table 8. A programming example of the
serial register is illustrated in Table 9. The serial
timing diagram is illustrated in Fig. 15. It is required
that all parallel pins be grounded when the DSA is
used in serial mode.
Power-up Control Settings
The PE43502 will always initialize to the maximum
attenuation setting (15.5 dB) on power-up for both
the serial and latched-parallel modes of operation
and will remain in this setting until the user latches in
the next programming word. In direct-parallel mode,
the DSA can be preset to any state within the 15.5
dB range by pre-setting the parallel control pins prior
to power-up. In this mode, there is a 400-µs delay
between the time the DSA is powered-up to the time
the desired state is set. During this power-up delay,
the device attenuates to the maximum attenuation
setting (15.5 dB) before defaulting to the user
defined state. If the control pins are left floating in
this mode during power-up, the device will default to
the minimum attenuation setting (insertion loss
state).
Dynamic operation between serial and parallel
programming modes is possible.
If the DSA powers up in serial mode (
P̅/S = HIGH),
all the parallel control inputs DI[5:1] must be set to
logic low. Prior to toggling to parallel mode, the DSA
must be programmed serially to ensure D[7] is set to
logic low.
If the DSA powers up in either latched or direct-
parallel mode, all parallel pins DI[5:1] must be set to
logic low prior to toggling to serial mode (
P̅/S
= HIGH), and held low until the DSA has been
programmed serially to ensure bit D[7] is set to logic
low.
The sequencing is only required once on power-
up. Once completed, the DSA may be toggled
between serial and parallel programming modes at
will.


Similar Part No. - PE43502

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE43502 PEREGRINE-PE43502 Datasheet
443Kb / 11P
   50 廓 RF Digital Attenuator
logo
Peregrine Semiconductor
PE43502 PSEMI-PE43502_14 Datasheet
986Kb / 11P
   50 廓 RF Digital Attenuator
logo
Peregrine Semiconductor...
PE43502 PEREGRINE-PE43502_15 Datasheet
443Kb / 11P
   RF Digital Attenuator
More results

Similar Description - PE43502

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE4306 PEREGRINE-PE4306_15 Datasheet
457Kb / 10P
   RF Digital Attenuator
PE4307 PEREGRINE-PE4307_15 Datasheet
441Kb / 11P
   RF Digital Attenuator
PE4302 PEREGRINE-PE4302_15 Datasheet
472Kb / 10P
   RF Digital Attenuator
PE4308 PEREGRINE-PE4308_15 Datasheet
504Kb / 10P
   RF Digital Attenuator
logo
Peregrine Semiconductor
PE43702 PSEMI-PE43702 Datasheet
471Kb / 11P
   RF Digital Attenuator
PE43703 PSEMI-PE43703 Datasheet
446Kb / 15P
   RF Digital Attenuator
PE4302 PSEMI-PE4302 Datasheet
472Kb / 11P
   RF Digital Attenuator
PE4304 PSEMI-PE4304 Datasheet
535Kb / 11P
   RF Digital Attenuator
logo
Peregrine Semiconductor...
PE43404 PEREGRINE-PE43404_15 Datasheet
529Kb / 10P
   RF Digital Attenuator
logo
Peregrine Semiconductor
PE43404 PSEMI-PE43404 Datasheet
529Kb / 11P
   RF Digital Attenuator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com