Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DA2U10100L Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # DA2U10100L
Description  Silicon epitaxial planar type
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

DA2U10100L Datasheet(HTML) 2 Page - Panasonic Semiconductor

  DA2U10100L Datasheet HTML 1Page - Panasonic Semiconductor DA2U10100L Datasheet HTML 2Page - Panasonic Semiconductor DA2U10100L Datasheet HTML 3Page - Panasonic Semiconductor DA2U10100L Datasheet HTML 4Page - Panasonic Semiconductor DA2U10100L Datasheet HTML 5Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Product Standards
Switching Diode
DA2U10100L
Electrical Characteristics Ta = 25
C  3 C
Note) 1. Measuring methods are based on JAPANESE INDUSTRIAL STANDARD JIS C 7031 Measuring methods for Diodes.
2. Absolute frequency of input and output is 100 MHz.
3. *1: trr test circuit
Page
trr
IF = 10 mA, VR = 6 V
Terminal capacitance
Ct
VR = 0 V , f = 1 MHz
Irr = 0.25 x IR
Reverse recovery time
*1
Reverse current
IR
VR = 80 V
ns
pF
V
100
3
Unit
Max
2.0
nA
4
Min
Typ
V
2of
80
Parameter
Symbol
Conditions
Forward voltage
VF
IF = 100 mA
Reverse voltage
VR
IR = 100 μA
0.92 1.20
90%
tp = 2 μs
tr = 0.35 ns
δ = 0.05
10%
tr
tp
trr
VR
IF
t
t
A
Bias Application Unit (N-50BU)
Pulse Generator
(PG-10N)
Rs = 50 Ω
Wave Form Analyzer
(SAS-8130)
Ri = 50 Ω
Input Pulse
Output Pulse
IF = 10 mA
VR = 6 V
Irr = 0.25 × IR
Doc No. TT4-EA-12727
Revision. 3
Established : 2010-08-25
Revised
: 2013-05-31


Similar Part No. - DA2U10100L

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DA201 ETC-DA201 Datasheet
440Kb / 6P
   FM STEREO TUNER MODULE
logo
Coilcraft lnc.
DA2025-AL COILCRAFT-DA2025-AL Datasheet
128Kb / 1P
   SMT Planar Transformer
DA2025-AL COILCRAFT-DA2025-AL Datasheet
111Kb / 1P
   SMT Planar Transformer
DA2025 COILCRAFT-DA2025_13 Datasheet
111Kb / 1P
   SMT Planar Transformer
DA2032-AL COILCRAFT-DA2032-AL Datasheet
218Kb / 2P
   Flyback Transformers
More results

Similar Description - DA2U10100L

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
UP04315 PANASONIC-UP04315 Datasheet
106Kb / 4P
   Silicon NPN epitaxial planar type Silicon PNP epitaxial planar type
MA2SD24 PANASONIC-MA2SD24 Datasheet
77Kb / 3P
   Silicon epitaxial planar type
MA3S795E PANASONIC-MA3S795E Datasheet
46Kb / 2P
   Silicon epitaxial planar type
MA3X075E PANASONIC-MA3X075E Datasheet
41Kb / 2P
   Silicon epitaxial planar type
MA3X199 PANASONIC-MA3X199 Datasheet
46Kb / 2P
   Silicon epitaxial planar type
MA3X789 PANASONIC-MA3X789 Datasheet
45Kb / 2P
   Silicon epitaxial planar type
MA3ZD12 PANASONIC-MA3ZD12 Datasheet
40Kb / 2P
   Silicon epitaxial planar type
MA2Q739 PANASONIC-MA2Q739 Datasheet
44Kb / 2P
   Silicon epitaxial planar type
MA2X073 PANASONIC-MA2X073 Datasheet
39Kb / 2P
   Silicon epitaxial planar type
MA2X334 PANASONIC-MA2X334 Datasheet
45Kb / 3P
   Silicon epitaxial planar type
MA3J142A PANASONIC-MA3J142A Datasheet
47Kb / 2P
   Silicon epitaxial planar type
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com