Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVC1G06GF Datasheet(PDF) 10 Page - NXP Semiconductors

Part # 74LVC1G06GF
Description  Inverter with open-drain output Rev. 10 ??29 June 2012
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC1G06GF Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button 74LVC1G06GF Datasheet HTML 6Page - NXP Semiconductors 74LVC1G06GF Datasheet HTML 7Page - NXP Semiconductors 74LVC1G06GF Datasheet HTML 8Page - NXP Semiconductors 74LVC1G06GF Datasheet HTML 9Page - NXP Semiconductors 74LVC1G06GF Datasheet HTML 10Page - NXP Semiconductors 74LVC1G06GF Datasheet HTML 11Page - NXP Semiconductors 74LVC1G06GF Datasheet HTML 12Page - NXP Semiconductors 74LVC1G06GF Datasheet HTML 13Page - NXP Semiconductors 74LVC1G06GF Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
74LVC1G06
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 10 — 29 June 2012
10 of 18
NXP Semiconductors
74LVC1G06
Inverter with open-drain output
Fig 12. Package outline SOT886 (XSON6)
References
Outline
version
European
projection
Issue date
IEC
JEDEC
JEITA
SOT886
MO-252
sot886_po
04-07-22
12-01-05
Unit
mm
max
nom
min
0.5
0.04
1.50
1.45
1.40
1.05
1.00
0.95
0.35
0.30
0.27
0.40
0.35
0.32
0.6
A(1)
Dimensions (mm are the original dimensions)
Notes
1. Including plating thickness.
2. Can be visible in some manufacturing processes.
XSON6: plastic extremely thin small outline package; no leads; 6 terminals; body 1 x 1.45 x 0.5 mm
SOT886
A1
b
0.25
0.20
0.17
DE
e
e1
0.5
LL1
terminal 1
index area
D
E
e1
e
A1
b
L
L1
e1
0
1
2 mm
scale
1
6
2
5
3
4
6x
(2)
4x
(2)
A


Similar Part No. - 74LVC1G06GF

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC1G06GF NXP-74LVC1G06GF Datasheet
87Kb / 14P
   Inverter with open-drain output
Rev. 07-12 July 2007
74LVC1G06GF NXP-74LVC1G06GF Datasheet
352Kb / 18P
   Inverter with open-drain output
Rev. 10-29 June 2012
More results

Similar Description - 74LVC1G06GF

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
MC74VHC1G05 LRC-MC74VHC1G05 Datasheet
153Kb / 4P
   Inverter with Open Drain Output
logo
NXP Semiconductors
74LVC1G06 NXP-74LVC1G06 Datasheet
87Kb / 14P
   Inverter with open-drain output
Rev. 07-12 July 2007
logo
E-Tech Electronics LTD
MC74VHC1G05 ETL-MC74VHC1G05 Datasheet
578Kb / 4P
   Inverter with Open Drain Output
logo
NXP Semiconductors
74AHC1G06 NXP-74AHC1G06_07 Datasheet
78Kb / 11P
   Inverter with open-drain output
Rev. 06-7 June 2007
74LVC1G06GV.125 NXP-74LVC1G06GV.125 Datasheet
352Kb / 18P
   Inverter with open-drain output
Rev. 10-29 June 2012
logo
Unisonic Technologies
U74AHCT3G06 UTC-U74AHCT3G06_15 Datasheet
146Kb / 5P
   INVERTER WITH OPEN-DRAIN OUTPUT
logo
NXP Semiconductors
NCX2202GW-125 NXP-NCX2202GW-125 Datasheet
840Kb / 15P
   Low voltage comparator; open-drain output Rev. 5 ??30 October 2012
Rev. 5-30 October 2012
74LVC1G06 PHILIPS-74LVC1G06 Datasheet
89Kb / 14P
   Inverter with open-drain output
2004 Sep 07
74AHC1G06 PHILIPS-74AHC1G06 Datasheet
66Kb / 16P
   Inverter with open-drain output
2000 May 01
logo
Leshan Radio Company
L74VHC1G05 LRC-L74VHC1G05 Datasheet
242Kb / 6P
   Inverter with Open Drain Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com