Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B41231B3229M000 Datasheet(PDF) 9 Page - EPCOS

Part # B41231B3229M000
Description  Aluminum electrolytic capacitors
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B41231B3229M000 Datasheet(HTML) 9 Page - EPCOS

Back Button B41231B3229M000 Datasheet HTML 5Page - EPCOS B41231B3229M000 Datasheet HTML 6Page - EPCOS B41231B3229M000 Datasheet HTML 7Page - EPCOS B41231B3229M000 Datasheet HTML 8Page - EPCOS B41231B3229M000 Datasheet HTML 9Page - EPCOS B41231B3229M000 Datasheet HTML 10Page - EPCOS B41231B3229M000 Datasheet HTML 11Page - EPCOS B41231B3229M000 Datasheet HTML 12Page - EPCOS B41231B3229M000 Datasheet HTML 13Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
Technical data and ordering codes
CR
120 Hz
20
°C
µF
Case
dimensions
d
× l
mm
tan
δ
max
120 Hz
20
°C
IAC,max
120 Hz
60
°C
A
IAC,R
120 Hz
85
°C
A
Ordering code
VR = 35 V DC
4700
22
× 30
0.40
6.06
3.06
B41231A7478M000
4700
25.4
× 25
0.40
5.90
2.98
B41231B7478M000
5600
22
× 35
0.40
6.49
3.28
B41231A7568M000
5600
25.4
× 30
0.40
6.71
3.39
B41231B7568M000
6800
22
× 40
0.40
7.39
3.73
B41231A7688M000
6800
25.4
× 30
0.40
7.27
3.67
B41231B7688M000
6800
30
× 25
0.40
7.44
3.76
B41231C7688M000
8200
22
× 45
0.40
8.18
4.13
B41231A7828M000
8200
25.4
× 35
0.40
8.12
4.10
B41231B7828M000
8200
30
× 30
0.40
8.36
4.22
B41231C7828M000
10000
22
× 50
0.40
9.27
4.68
B41231A7109M000
10000
25.4
× 40
0.40
9.27
4.68
B41231B7109M000
10000
30
× 30
0.40
9.07
4.58
B41231C7109M000
12000
25.4
× 45
0.40
10.26
5.18
B41231A7129M000
12000
30
× 35
0.40
10.12
5.11
B41231C7129M000
12000
35
× 30
0.40
10.38
5.24
B41231D7129M000
15000
30
× 40
0.40
11.33
5.72
B41231A7159M000
15000
35
× 35
0.40
11.64
5.88
B41231B7159M000
18000
30
× 45
0.40
12.43
6.28
B41231A7189M000
18000
35
× 40
0.40
12.79
6.46
B41231B7189M000
22000
35
× 45
0.40
14.00
7.07
B41231A7229M000
VR = 50 V DC
3300
22
× 30
0.30
5.88
2.97
B41231A6338M000
3300
25.4
× 25
0.30
7.58
3.06
B41231B6338M000
4700
22
× 40
0.30
7.58
3.83
B41231A6478M000
4700
25.4
× 35
0.30
7.88
3.98
B41231B6478M000
4700
30
× 25
0.30
7.64
3.86
B41231C6478M000
4700
35
× 25
0.30
8.30
4.19
B41231D6478M000
5600
22
× 45
0.30
8.43
4.26
B41231A6568M000
5600
25.4
× 40
0.30
8.79
4.44
B41231B6568M000
5600
30
× 30
0.30
8.61
4.35
B41231C6568M000
5600
35
× 25
0.30
8.79
4.44
B41231D6568M000
6800
22
× 50
0.30
9.44
4.77
B41231A6688M000
6800
25.4
× 45
0.30
9.42
4.76
B41231B6688M000
6800
30
× 35
0.30
9.74
4.92
B41231C6688M000
6800
35
× 30
0.30
9.98
5.04
B41231D6688M000
8200
25.4
× 50
0.30
10.75
5.43
B41231A6828M000
8200
30
× 40
0.30
10.65
5.38
B41231B6828M000
B41231
Standard series
85
°C
Page 9 of 20
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B41231B3229M000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B41231B3229M000 EPCOS-B41231B3229M000 Datasheet
327Kb / 20P
   Aluminum electrolytic capacitors
B41231B3229M000 EPCOS-B41231B3229M000 Datasheet
975Kb / 23P
   Aluminum electrolytic capacitors
More results

Similar Description - B41231B3229M000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com