Electronic Components Datasheet Search |
|
2SA1507 Datasheet(PDF) 1 Page - ON Semiconductor |
|
2SA1507 Datasheet(HTML) 1 Page - ON Semiconductor |
1 / 7 page 90512 TKIM/21710CB TKIM/53002RM(KT)/71598HA(KT)O2196TS(KOTO) 8-9520/3307KI/9116AT,TS No.2101-1/7 http://onsemi.com Semiconductor Components Industries, LLC, 2013 August, 2013 2SA1507/2SC3902 Bipolar Transistor (–)160V, (–)1.5A, Low VCE(sat), (PNP)NPN Single TO-126ML Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability. Applications • Color TV audio output, converters, inverters Features • High breakdown voltage • Large current capacity • Adoption of FBET and MBIT process • The plastic-covered heat sink eliminates the need for an insulator when mounting the 2SA1507/2SC3902 Specifications ( ): 2SA1507 Absolute Maximum Ratings at Ta=25°C Parameter Symbol Conditions Ratings Unit Collector-to-Base Voltage VCBO (--)180 V Collector-to-Emitter Voltage VCEO (--)160 V Emitter-to-Base Voltage VEBO (--)6 V Collector Current IC (--)1.5 A Collector Current (Pulse) ICP (--)2.5 A Collector Dissipation PC 1.5 W Tc=25°C10 W Junction Temperature Tj 150 °C Storage Temperature Tstg --55 to +150 °C Package Dimensions unit : mm (typ) 7516A-002 Ordering number : EN2101E Product & Package Information • Package : TO-126ML • JEITA, JEDEC : TO-126 • Minimum Packing Quantity : 200 pcs./bag Marking Electrical Connection 1 : Emitter 2 : Collector 3 : Base TO-126ML 0.8 0.75 2.4 4.8 0.8 0.7 8.0 4.0 1.0 1.0 3.6 1.6 3.3 12 3 LOT No. RANK A1507 LOT No. RANK C3902 2 1 3 2SC3902 2 1 3 2SA1507 2SA1507S 2SA1507T 2SC3902S 2SC3902T |
Similar Part No. - 2SA1507 |
|
Similar Description - 2SA1507 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |