Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADT7460 Datasheet(PDF) 10 Page - ON Semiconductor

Part # ADT7460
Description  Remote Thermal Monitor and Fan Controller
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7460 Datasheet(HTML) 10 Page - ON Semiconductor

Back Button ADT7460 Datasheet HTML 6Page - ON Semiconductor ADT7460 Datasheet HTML 7Page - ON Semiconductor ADT7460 Datasheet HTML 8Page - ON Semiconductor ADT7460 Datasheet HTML 9Page - ON Semiconductor ADT7460 Datasheet HTML 10Page - ON Semiconductor ADT7460 Datasheet HTML 11Page - ON Semiconductor ADT7460 Datasheet HTML 12Page - ON Semiconductor ADT7460 Datasheet HTML 13Page - ON Semiconductor ADT7460 Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 47 page
background image
ADT7460
http://onsemi.com
10
Figure 14. SMBus Address 0x2C (Pin 9 = 0)
ADDR_SEL
ADT7460
9
8
PWM3/
ADDR_EN
10 kW
ADDRESS = 0x2C
Figure 15. SMBus Address 0x2D (Pin 9 = 1)
ADDR_SEL
ADT7460
9
8
PWM3/
ADDR_EN
10 kW
ADDRESS = 0x2D
VCC
Figure 16. Unpredictable SMBus Address if Pin 8
is Unconnected
UNCONNECTED. CAN
CAUSE UNPREDICTABLE
ADDRESSES
NOTE THAT IF THE ADT7460 IS PLACED INTO ADDRESS
SELECT MODE, PINS 8 AND 9 CAN BE USED AS THE
ALTERNATE FUNCTIONS (PWM3, TACH4/THERM) ONLY IF THE
CORRECT CIRCUIT IS MUXED IN AT THE CORRECT TIME.
CARE SHOULD BE TAKEN TO ENSURE THAT PIN 8
(PWM3/ADDR_EN) IS EITHER TIED HIGH OR LOW. LEAVING PIN
8 FLOATING COULD CAUSE THE ADT7460 TO POWERUP WITH
AN UNEXPECTED ADDRESS.
DO NOT LEAVE ADDR_EN
ADDR_SEL
ADT7460
9
8
PWM3/
ADDR_EN
10 kW
VCC
NC
The facility to make hardwired changes to the SMBus
slave address allows the user to avoid conflicts with other
devices sharing the same serial bus, for example, if more
than one ADT7460 is used in a system.
The serial bus protocol operates as follows:
1. The master initiates data transfer by establishing a
start condition, defined as a high-to-low transition
on the serial data line SDA while the serial clock
line SCL remains high. This indicates that an
address/data stream will follow. All slave
peripherals connected to the serial bus respond to
the star condition and shift in the next eight bits,
consisting of a 7-bit address (MSB first) plus a
R/W bit, which determine the direction of the data
transfer, that is, whether data is written to or read
from the slave device.
The peripheral whose address corresponds to the
transmitted address responds by pulling the data
line low during the low period before the ninth
clock pulse, known as the Acknowledge bit. All
other devices on the bus now remain idle while the
selected device waits for data to be read from or
written to it. If the R/W bit is a 0, the master writes
to the slave device. If the R/W bit is a 1, the
master reads from the slave device.
2. Data is sent over the serial bus in sequences of
nine clock pulses, eight bits of data followed by an
Acknowledge bit from the slave device.
Transitions on the data line must occur during the
low period of the clock signal and remain stable
during the high period, as a low-to-high transition
when the clock is high may be interpreted as a stop
signal. The number of data bytes that can be
transmitted over the serial bus in a single read or
write operation is limited only by what the master
and slave devices can handle.
3. When all data bytes have been read or written,
stop conditions are established. In write mode, the
master pulls the data line high during the 10th
clock pulse to assert a stop condition. In read
mode, the master device overrides the
acknowledge bit by pulling the data line high
during the low period before the ninth clock pulse.
This is known as No Acknowledge. The master
then takes the data line low during the low period
before the 10th clock pulse, then high during the
10th clock pulse to assert a stop condition.
Any number of bytes of data may be transferred over the
serial bus in one operation, but it is not possible to mix read
and write in one operation because the type of operation is
determined at the beginning and cannot subsequently be
changed without starting a new operation.
In the case of the ADT7460, write operations contain
either one or two bytes, and read operations contain one
byte.
To write data to one of the device data registers or read
data from it, the address pointer register must be set so that
the correct data register is addressed. Then data can be
written in that register or read from it. The first byte of a
write operation always contains an address that is stored in
the address pointer register. If data is to be written to the
device, the write operation contains a second data byte that
is written to the register selected by the address pointer
register.
This is illustrated in Figure 17. The device address is sent
over the bus followed by R/W being set to 0. This is followed
by two data bytes. The first data byte is the address of the
internal data register to be written to, which is stored in the
address pointer register. The second data byte is the data to
be written to the internal data register.


Similar Part No. - ADT7460

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADT7460 AD-ADT7460 Datasheet
695Kb / 48P
   dB COOL Remote Thermal Controller and Fan Controller
REV. 0
logo
ON Semiconductor
ADT7460 ONSEMI-ADT7460 Datasheet
645Kb / 46P
   dBCOOL Remote Thermal Monitor and Fan Controller
June, 2010 ??Rev. 5
logo
Analog Devices
ADT7460ARQ AD-ADT7460ARQ Datasheet
695Kb / 48P
   dB COOL Remote Thermal Controller and Fan Controller
REV. 0
logo
ON Semiconductor
ADT7460ARQZ ONSEMI-ADT7460ARQZ Datasheet
645Kb / 46P
   dBCOOL Remote Thermal Monitor and Fan Controller
June, 2010 ??Rev. 5
ADT7460ARQZ-REEL ONSEMI-ADT7460ARQZ-REEL Datasheet
645Kb / 46P
   dBCOOL Remote Thermal Monitor and Fan Controller
June, 2010 ??Rev. 5
More results

Similar Description - ADT7460

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ADT7490 ONSEMI-ADT7490_16 Datasheet
763Kb / 75P
   Remote Thermal Monitor and Fan Controller
January, 2016 ??Rev. 6
ADT7467 ONSEMI-ADT7467_12 Datasheet
754Kb / 72P
   Remote Thermal Monitor and Fan Controller
May, 2012 ??Rev. 4
ADT7475 ONSEMI-ADT7475_13 Datasheet
539Kb / 58P
   Remote Thermal Monitor and Fan Controller
August, 2018 ??Rev. 8
NCT7491 ONSEMI-NCT7491 Datasheet
794Kb / 81P
   Remote Thermal Monitor and Fan Controller
November, 2015 ??Rev. 2
NCT7491 ONSEMI-NCT7491_16 Datasheet
791Kb / 80P
   Remote Thermal Monitor and Fan Controller
June, 2016 ??Rev. 3
ADT7475 ONSEMI-ADT7475_18 Datasheet
539Kb / 58P
   Remote Thermal Monitor and Fan Controller
August, 2018 ??Rev. 8
ADT7475_1110 ONSEMI-ADT7475_1110 Datasheet
639Kb / 58P
   dbCOOL Remote Thermal Monitor and Fan Controller
October, 2011 ??Rev. 5
logo
Analog Devices
ADT7473 AD-ADT7473 Datasheet
1Mb / 76P
   dBCool Remote Thermal Monitor and Fan Controller
REV. A
logo
ON Semiconductor
ADT7460 ONSEMI-ADT7460 Datasheet
645Kb / 46P
   dBCOOL Remote Thermal Monitor and Fan Controller
June, 2010 ??Rev. 5
ADT7475 ONSEMI-ADT7475 Datasheet
654Kb / 58P
   dBCOOL Remote Thermal Monitor and Fan Controller
June, 2009 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com