Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT24C44 Datasheet(PDF) 7 Page - ON Semiconductor

Part # CAT24C44
Description  256-Bit Serial Nonvolatile CMOS Static RAM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT24C44 Datasheet(HTML) 7 Page - ON Semiconductor

  CAT24C44 Datasheet HTML 1Page - ON Semiconductor CAT24C44 Datasheet HTML 2Page - ON Semiconductor CAT24C44 Datasheet HTML 3Page - ON Semiconductor CAT24C44 Datasheet HTML 4Page - ON Semiconductor CAT24C44 Datasheet HTML 5Page - ON Semiconductor CAT24C44 Datasheet HTML 6Page - ON Semiconductor CAT24C44 Datasheet HTML 7Page - ON Semiconductor CAT24C44 Datasheet HTML 8Page - ON Semiconductor CAT24C44 Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
CAT24C44
7
Doc. No. MD-1083, Rev. T
© 2008 SCILLC. All rights reserved.
Characteristics subject to change without notice
RCL/
RECALL
RECALL
RECALL
RECALL
RECALL
Data is transferred from the EEPROM data memory to
RAM by either sending the RCL instruction or by pulling
the
RECALL input pin low. A recall operation must be
performed before the EEPROM store, or RAM write
operations can be executed. Either a hardware or soft-
ware recall operation will set the “previous recall” latch
internal to the CAT24C44.
POWER-ON RECALL
The CAT24C44 has a power-on recall function that
transfers the EEPROM data to the RAM. After Power-
up, all functions are inhibited for at least 200ns (Tpur)
from stable Vcc.
STO/
STORE
STORE
STORE
STORE
STORE
Data in the RAM memory area is stored in the EEPROM
memory either by sending the STO instruction or by
pulling the
STORE input pin low. As security against any
inadvertent store operations, the following conditions
must each be met before data can be transferred into
nonvolatile storage:
• The “previous recall” latch must be set (either a
software or hardware recall operation).
• The “write enable” latch must be set (WREN
instruction issued).
• STO instruction issued or
STORE input low.
During the store operation, all other CAT24C44 func-
tions are inhibited. Upon completion of the store opera-
tion, the “write enable” latch is reset. The device also
provides false store protection whenever VCC falls below
a 3.5V level. If VCC falls below this level, the store
operation is disabled and the “write enable” latch is
reset.
Figure 6. Hardware Store Cycle Timing
Figure 5. Recall Cycle Timing
RECALL
tRCZ
tORC
tRCC
tRCP
tARC
VALID DATA
UNDEFINED DATA
DO
HIGH-Z
STORE
tST
tSTP
DO
tSTZ
HIGH-Z


Similar Part No. - CAT24C44

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT24C44 CATALYST-CAT24C44 Datasheet
44Kb / 8P
   256-Bit Serial Nonvolatile CMOS Static RAM
CAT24C44 CATALYST-CAT24C44 Datasheet
51Kb / 8P
   256-Bit Serial Nonvolatile CMOS Static RAM
CAT24C44 CATALYST-CAT24C44 Datasheet
87Kb / 9P
   256-Bit Serial Nonvolatile CMOS Static RAM
logo
ON Semiconductor
CAT24C44 ONSEMI-CAT24C44 Datasheet
67Kb / 9P
   256-Bit Serial Nonvolatile CMOS Static RAM
Doc. No. MD-1083, Rev. T
CAT24C44 ONSEMI-CAT24C44 Datasheet
65Kb / 9P
   256-Bit Serial Nonvolatile CMOS Static RAM
Doc. No. MD-1083, Rev. T
More results

Similar Description - CAT24C44

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT24C44 ONSEMI-CAT24C44_08 Datasheet
65Kb / 9P
   256-Bit Serial Nonvolatile CMOS Static RAM
Doc. No. MD-1083, Rev. T
CAT24C44LI-G ONSEMI-CAT24C44LI-G Datasheet
61Kb / 9P
   256-Bit Serial Nonvolatile CMOS Static RAM
Doc. No. MD-1083, Rev. T
CAT24C44J ONSEMI-CAT24C44J Datasheet
61Kb / 9P
   256-Bit Serial Nonvolatile CMOS Static RAM
Doc. No. MD-1083, Rev. T
CAT24C44W ONSEMI-CAT24C44W Datasheet
61Kb / 9P
   256-Bit Serial Nonvolatile CMOS Static RAM
Doc. No. MD-1083, Rev. T
CAT24C44V ONSEMI-CAT24C44V Datasheet
67Kb / 9P
   256-Bit Serial Nonvolatile CMOS Static RAM
Doc. No. MD-1083, Rev. T
CAT24C44P ONSEMI-CAT24C44P Datasheet
61Kb / 9P
   256-Bit Serial Nonvolatile CMOS Static RAM
Doc. No. MD-1083, Rev. T
CAT24C44 ONSEMI-CAT24C44 Datasheet
67Kb / 9P
   256-Bit Serial Nonvolatile CMOS Static RAM
Doc. No. MD-1083, Rev. T
logo
Catalyst Semiconductor
CAT24C44 CATALYST-CAT24C44 Datasheet
44Kb / 8P
   256-Bit Serial Nonvolatile CMOS Static RAM
CAT24C44 CATALYST-CAT24C44_05 Datasheet
87Kb / 9P
   256-Bit Serial Nonvolatile CMOS Static RAM
CAT24C44 CATALYST-CAT24C44 Datasheet
51Kb / 8P
   256-Bit Serial Nonvolatile CMOS Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com