Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AKD4527B Datasheet(PDF) 7 Page - Asahi Kasei Microsystems

Part # AKD4527B
Description  EVALUATION BOARD REV.D FOR AK4527B
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AKD4527B Datasheet(HTML) 7 Page - Asahi Kasei Microsystems

Back Button AKD4527B Datasheet HTML 3Page - Asahi Kasei Microsystems AKD4527B Datasheet HTML 4Page - Asahi Kasei Microsystems AKD4527B Datasheet HTML 5Page - Asahi Kasei Microsystems AKD4527B Datasheet HTML 6Page - Asahi Kasei Microsystems AKD4527B Datasheet HTML 7Page - Asahi Kasei Microsystems AKD4527B Datasheet HTML 8Page - Asahi Kasei Microsystems AKD4527B Datasheet HTML 9Page - Asahi Kasei Microsystems AKD4527B Datasheet HTML 10Page - Asahi Kasei Microsystems AKD4527B Datasheet HTML 11Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 40 page
background image
ASAHI KASEI
[AKD4527B Rev.D]
<KM063700>
- 7 -
’00/9
MEASUREMENT RESULTS
1) ADC part
[Measurement condition]
• Measurement unit: Audio Precision, System two, Cascade
• MCLK
: 256fs
• BICK
: 64fs
• fs
: 44.1kHz
• BW
: 10Hz
∼20kHz(fs=44.1kHz), 10Hz∼48kHz(fs=96kHz)
• Bit
: 24bit
• Power Supply
: AVDD=DVDD=TVDD=5V
• Analog Input
: Differential
• Interface
: DIT
• Temperature
: Room
fs=44.1kHz
Parameter
Input signal
Measurement filter
Results
S/(N+D)
1kHz, -0.5dB
20kLPF
96.2dB
DR
1kHz, -60dB
20kLPF, A-weighted
103.3dB
S/N
no signal
20kLPF, A-weighted
103.9dB
fs=96kHz
Parameter
Input signal
Measurement filter
Results
S/(N+D)
1kHz, -0.5dB
fs/2
86.7dB
DR
1kHz, -60dB
fs/2, A-weighted
102.9dB
S/N
no signal
fs/2, A-weighted
103.4dB


Similar Part No. - AKD4527B

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AKD4527B AKM-AKD4527B Datasheet
292Kb / 33P
   HIGH PERFORMANCE MULTI-CHANNEL AUDIO CODEC
More results

Similar Description - AKD4527B

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CDB5345 CIRRUS-CDB5345 Datasheet
1Mb / 27P
   Evaluation Board for CS5345
logo
STMicroelectronics
STR720-EVAL STMICROELECTRONICS-STR720-EVAL Datasheet
807Kb / 32P
   Evaluation Board for STR72xF
logo
Cirrus Logic
CDB5364 CIRRUS-CDB5364 Datasheet
1Mb / 24P
   Evaluation Board for CS5364
CDB3318 CIRRUS-CDB3318 Datasheet
1Mb / 16P
   Evaluation Board for CS3318
CDB4361 CIRRUS-CDB4361 Datasheet
1Mb / 26P
   Evaluation Board for CS4361
CDB4352 CIRRUS-CDB4352 Datasheet
823Kb / 21P
   Evaluation Board for CS4352
logo
Analog Devices
AD8250-EVALZ AD-AD8250-EVALZ_15 Datasheet
204Kb / 4P
   EVALUATION BOARD FOR G
REV. 0
AD8251-EVALZ AD-AD8251-EVALZ_15 Datasheet
197Kb / 4P
   Evaluation Board for G
REV. 0
logo
STMicroelectronics
STR910-EVAL STMICROELECTRONICS-STR910-EVAL Datasheet
89Kb / 3P
   Evaluation board for STR91xF
STR710-EVAL STMICROELECTRONICS-STR710-EVAL Datasheet
730Kb / 27P
   Evaluation Board for STR71xF
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com