Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT24C44LE Datasheet(PDF) 2 Page - ON Semiconductor

Part # CAT24C44LE
Description  256-Bit Serial Nonvolatile CMOS Static RAM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT24C44LE Datasheet(HTML) 2 Page - ON Semiconductor

  CAT24C44LE Datasheet HTML 1Page - ON Semiconductor CAT24C44LE Datasheet HTML 2Page - ON Semiconductor CAT24C44LE Datasheet HTML 3Page - ON Semiconductor CAT24C44LE Datasheet HTML 4Page - ON Semiconductor CAT24C44LE Datasheet HTML 5Page - ON Semiconductor CAT24C44LE Datasheet HTML 6Page - ON Semiconductor CAT24C44LE Datasheet HTML 7Page - ON Semiconductor CAT24C44LE Datasheet HTML 8Page - ON Semiconductor CAT24C44LE Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
CAT24C44
Doc. No. MD-1083, Rev. T
© 2008 SCILLC. All rights reserved.
Characteristics subject to change without notice
POWER-UP TIMING(4)
Symbol
Parameter
Min.
Max.
Units
VCCSR
VCC Slew Rate
0.5
0.005
V/m
tpur
Power-Up to Read Operations
200
µs
tpuw
Power-Up to Write or Store Operation
5
ms
MODE SELECTION(1)(2)
Software
Write Enable
Previous Recall
Mode
STORE
STORE
STORE
STORE
STORE
RECALL
RECALL
RECALL
RECALL
RECALL
Instruction
Latch
Latch
Hardware Recall(3)
1
0
NOP
X
X
Software Recall
1
1
RCL
X
X
Hardware Store(3)
0
1
NOP
SET
TRUE
Software Store
1
1
STO
SET
TRUE
X = Don’t Care
BLOCK DIAGRAM
ROW
DECODE
INSTRUCTION
REGISTER
COLUMN
DECODE
EEPROM ARRAY
STORE
RECALL
STATIC RAM
ARRAY
256-BIT
STORE
RECALL
CE
DI
SK
INSTRUCTION
DECODE
4-BIT
COUNTER
CONTROL
LOGIC
VCC
VSS
DO
Note:
(1) The store operation has priority over all the other operations.
(2) The store operation is inhibited when VCC is below ≈ 3.5V.
(3) NOP designates that the device is not currently executing an instruction.
(4) This parameter is tested initially and after a design or process change that affects the parameter.


Similar Part No. - CAT24C44LE

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT24C44LE ONSEMI-CAT24C44LE Datasheet
61Kb / 9P
   256-Bit Serial Nonvolatile CMOS Static RAM
Doc. No. MD-1083, Rev. T
CAT24C44LE ONSEMI-CAT24C44LE Datasheet
61Kb / 9P
   256-Bit Serial Nonvolatile CMOS Static RAM
Doc. No. MD-1083, Rev. T
CAT24C44LE ONSEMI-CAT24C44LE Datasheet
61Kb / 9P
   256-Bit Serial Nonvolatile CMOS Static RAM
Doc. No. MD-1083, Rev. T
CAT24C44LE-GT3 ONSEMI-CAT24C44LE-GT3 Datasheet
67Kb / 9P
   256-Bit Serial Nonvolatile CMOS Static RAM
Doc. No. MD-1083, Rev. T
CAT24C44LE-T3 ONSEMI-CAT24C44LE-T3 Datasheet
67Kb / 9P
   256-Bit Serial Nonvolatile CMOS Static RAM
Doc. No. MD-1083, Rev. T
More results

Similar Description - CAT24C44LE

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT24C44 ONSEMI-CAT24C44_08 Datasheet
65Kb / 9P
   256-Bit Serial Nonvolatile CMOS Static RAM
Doc. No. MD-1083, Rev. T
CAT24C44LI-G ONSEMI-CAT24C44LI-G Datasheet
61Kb / 9P
   256-Bit Serial Nonvolatile CMOS Static RAM
Doc. No. MD-1083, Rev. T
CAT24C44J ONSEMI-CAT24C44J Datasheet
61Kb / 9P
   256-Bit Serial Nonvolatile CMOS Static RAM
Doc. No. MD-1083, Rev. T
CAT24C44W ONSEMI-CAT24C44W Datasheet
61Kb / 9P
   256-Bit Serial Nonvolatile CMOS Static RAM
Doc. No. MD-1083, Rev. T
CAT24C44V ONSEMI-CAT24C44V Datasheet
67Kb / 9P
   256-Bit Serial Nonvolatile CMOS Static RAM
Doc. No. MD-1083, Rev. T
CAT24C44 ONSEMI-CAT24C44 Datasheet
67Kb / 9P
   256-Bit Serial Nonvolatile CMOS Static RAM
Doc. No. MD-1083, Rev. T
logo
Catalyst Semiconductor
CAT24C44 CATALYST-CAT24C44 Datasheet
44Kb / 8P
   256-Bit Serial Nonvolatile CMOS Static RAM
CAT24C44 CATALYST-CAT24C44_05 Datasheet
87Kb / 9P
   256-Bit Serial Nonvolatile CMOS Static RAM
CAT24C44 CATALYST-CAT24C44 Datasheet
51Kb / 8P
   256-Bit Serial Nonvolatile CMOS Static RAM
logo
ON Semiconductor
CAT24C44L ONSEMI-CAT24C44L Datasheet
61Kb / 9P
   256-Bit Serial Nonvolatile CMOS Static RAM
Doc. No. MD-1083, Rev. T
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com