Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AKD4528 Datasheet(PDF) 10 Page - Asahi Kasei Microsystems

Part # AKD4528
Description  EVALUATION BOARD FOR AK4528 REV.C
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AKD4528 Datasheet(HTML) 10 Page - Asahi Kasei Microsystems

Back Button AKD4528 Datasheet HTML 6Page - Asahi Kasei Microsystems AKD4528 Datasheet HTML 7Page - Asahi Kasei Microsystems AKD4528 Datasheet HTML 8Page - Asahi Kasei Microsystems AKD4528 Datasheet HTML 9Page - Asahi Kasei Microsystems AKD4528 Datasheet HTML 10Page - Asahi Kasei Microsystems AKD4528 Datasheet HTML 11Page - Asahi Kasei Microsystems AKD4528 Datasheet HTML 12Page - Asahi Kasei Microsystems AKD4528 Datasheet HTML 13Page - Asahi Kasei Microsystems AKD4528 Datasheet HTML 14Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 38 page
background image
ASAHI KASEI
[AKD4528]
<KM063100>
’00/06
- 10 -
AK4528 Measurement Result
Conditions:
Measurement unit: Audio Precision System Two Cascade
MCLK: 256fs
BICK: 64fs
LRCK: 44.1kHz(DIR or DIT), or 96kHz(DIR or DIT)
Power supply: VA=VD=VT=5.0V
Interface: DIT or DIR
Temperature: Room Temp.
1. ADC
1-1. fs = 44.1kHz
Parameter
Input signal
BW, filter
Results
unit
Lch
Rch
S/(N+D)
1kHz, -0.5dB 20kHz
98.4
98.2 dB
Dynamic range1kHz, -60dB
20kHz
102.6
102.6 dB
20kHz, A-weighted
107.4
107.5 dB
S/N
off
20kHz
102.8
102.8 dB
20kHz, A-weighted
107.5
107.5 dB
1-2. fs=96kHz
Parameter
Input signal
BW, filter
Results
unit
Lch
Rch
S/(N+D)
1kHz, -0.5dB fs/2
91.4
92.8 dB
Dynamic range1kHz, -60dB
fs/2
99.8
99.9 dB
fs/2, A-weighted
108.3
108.5 dB
S/N
off
fs/2
100.0
100.8 dB
fs/2, A-weighted
108.9
109.0 dB
*Audio Precision does not support 40kHzLPF


Similar Part No. - AKD4528

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AKD4528 AKM-AKD4528 Datasheet
284Kb / 29P
   HIGH PERFORMANCE 24BIT 96KHZ AUDIO CODEC
AKD4528 AKM-AKD4528 Datasheet
304Kb / 29P
   High Performance 24Bit 96kHz Audio CODEC
AKD4528 AKM-AKD4528_05 Datasheet
373Kb / 45P
   24Bit A/D & D/A converter
More results

Similar Description - AKD4528

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AKD4395 AKM-AKD4395 Datasheet
412Kb / 25P
   EVALUATION BOARD REV.C FOR AK4395
AKD4550 AKM-AKD4550 Datasheet
845Kb / 22P
   EVALUATION BOARD REV.C FOR AK4550
AKD4551 AKM-AKD4551 Datasheet
110Kb / 17P
   EVALUATION BOARD REV.C FOR AK4551
AKD4394 AKM-AKD4394 Datasheet
398Kb / 21P
   EVALUATION BOARD REV.C FOR AK4394
AKD4588 AKM-AKD4588 Datasheet
587Kb / 46P
   Evaluation board Rev.C for AK4588
AKD4393 AKM-AKD4393 Datasheet
399Kb / 21P
   EVALUATION BOARD REV.C FOR AK4393
logo
Cirrus Logic
CDB5345 CIRRUS-CDB5345 Datasheet
1Mb / 27P
   Evaluation Board for CS5345
logo
STMicroelectronics
STR720-EVAL STMICROELECTRONICS-STR720-EVAL Datasheet
807Kb / 32P
   Evaluation Board for STR72xF
logo
Cirrus Logic
CDB5364 CIRRUS-CDB5364 Datasheet
1Mb / 24P
   Evaluation Board for CS5364
CDB3318 CIRRUS-CDB3318 Datasheet
1Mb / 16P
   Evaluation Board for CS3318
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com