Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECJ-0EX1C104K Datasheet(PDF) 6 Page - Panasonic Semiconductor

Part # ECJ-0EX1C104K
Description  PRODUCT SPECIFICATION FOR APPROVAL
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECJ-0EX1C104K Datasheet(HTML) 6 Page - Panasonic Semiconductor

Back Button ECJ-0EX1C104K Datasheet HTML 2Page - Panasonic Semiconductor ECJ-0EX1C104K Datasheet HTML 3Page - Panasonic Semiconductor ECJ-0EX1C104K Datasheet HTML 4Page - Panasonic Semiconductor ECJ-0EX1C104K Datasheet HTML 5Page - Panasonic Semiconductor ECJ-0EX1C104K Datasheet HTML 6Page - Panasonic Semiconductor ECJ-0EX1C104K Datasheet HTML 7Page - Panasonic Semiconductor ECJ-0EX1C104K Datasheet HTML 8Page - Panasonic Semiconductor ECJ-0EX1C104K Datasheet HTML 9Page - Panasonic Semiconductor ECJ-0EX1C104K Datasheet HTML 10Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
4 of 7
Dec 9, 2005
Note ;
CLASSIFICATION
SPECIFICATIONS
No.
SUBJECT
PAGE
DATE
151S-ECJ-KGM80E
Multilayer Ceramic Chip Capacitors10 type (EIA 0402)
(P/N : ECJ0EX1C104K) Common Specification
Table 2
No
Contents
Performance
Test Method
Appear-
ance
There shall be no cracks and other
mechanical damage.
Temp.
Char.
Change from the value
before test.
9
Bending
Strength
Capaci-
tance
X7R
Within +/- 12.5%
After soldering capacitor on the substrate 1mm
of bending shall be applied for 5 seconds.
Bending speed : 1mm/s
(shown in Fig. 3)
Appear-
ance
There shall be no cracks and other
mechanical damage.
Capaci-
tance
Shall be within the specified tolerance.
10
Vibration
Proof
tan
δ
Shall meet the specified initial value.
Solder the specimen to the testing jig shown
in Fig. 2. Apply a variable vibration of 1.5mm
total amplitude in the 10 to 55 to10Hz vibration
frequency range swept in 1 min. in 3 mutually
perpendicular directions for 2 hours each, a
total of 6 hours.
Appear-
ance
There shall be no cracks and other
mechanical damage.
Temp.
Char.
Change from the value
before test.
Capaci-
tance
X7R
Within +/- 7.5%
tan
δ
Shall meet the specified initial value.
I.R.
Shall meet the specified initial value.
11
Resistance
to
Solder
Heat
With-
stand
voltage
There shall be no dielectric breakdown
or damage.
Solder both method
Preconditioning : Heat Temperature
(See 5.1.1)/Class2
Solder temperature : 270+/-5°C
Dipping period : 3+/-0.5s
Preheat condition :
Use solder H63A(JIS-Z-3282).For the flux,
use rosin (JIS-K-5902) ethanol solution of a
concentration of about 25% by weight. Use
tweezers for the holder to dip the specimen.
Recovery : 48+/-4 hours
12
Solderability
More than 95% of the soldered area of
both terminal electrodes shall be
covered with fresh solder.
Solder temperature : 230+/-5°C
Dipping period : 4+/-1s
Dip the specimen in solder so that both
terminal electrodes are completely submerged.
Use solder H63A(JIS-Z-3282). For the flux use
rosin (JIS-K-5902) of ethanol solution of a
concentration of about 25% by weight.
Use tweezers for the holder to dip the
specimen.
(continue)
Order
Temp.(°C)
Period(s)
1
80 to 100
120 to 180
2
150 to 200
120 to 180


Similar Part No. - ECJ-0EX1C104K

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECJ-0EB0J105M PANASONIC-ECJ-0EB0J105M Datasheet
319Kb / 6P
   Multilayer Ceramic Capacitors(High Capacitance)
ECJ-0EB0J225M PANASONIC-ECJ-0EB0J225M Datasheet
319Kb / 6P
   Multilayer Ceramic Capacitors(High Capacitance)
logo
Analog Devices
ECJ-0EB0J475M AD-ECJ-0EB0J475M Datasheet
826Kb / 28P
   Dual 3 MHz, 800 mA Buck
REV. A
ECJ-0EB0J475M AD-ECJ-0EB0J475M Datasheet
993Kb / 28P
   Dual 3 MHz, 1200 mA Buck
REV. A
ECJ-0EB0J475M AD-ECJ-0EB0J475M Datasheet
3Mb / 40P
   Micro PMU with 1.2 A Buck Regulator
REV. 0
More results

Similar Description - ECJ-0EX1C104K

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EFJ-C1605E5B PANASONIC-EFJ-C1605E5B Datasheet
207Kb / 6P
   PRODUCT SPECIFICATION FOR APPROVAL
logo
Shanghai Leiditech Elec...
LP-DM2505 LEIDITECH-LP-DM2505 Datasheet
469Kb / 3P
   Product Specification For Approval
logo
Panasonic Semiconductor
ERA-3YEB562V PANASONIC-ERA-3YEB562V Datasheet
244Kb / 10P
   PRODUCT SPECIFICATION FOR APPROVAL
EXB-V8V-750JV PANASONIC-EXB-V8V-750JV Datasheet
215Kb / 11P
   PRODUCT SPECIFICATION FOR APPROVAL
ECJ-ZEBFJ104K PANASONIC-ECJ-ZEBFJ104K Datasheet
787Kb / 25P
   PRODUCT SPECIFICATION FOR APPROVAL
ERJ-XGNJ224Y PANASONIC-ERJ-XGNJ224Y Datasheet
324Kb / 12P
   PRODUCT SPECIFICATION FOR APPROVAL
ERA-3YEB361V PANASONIC-ERA-3YEB361V Datasheet
244Kb / 10P
   PRODUCT SPECIFICATION FOR APPROVAL
EXC-14CE900U PANASONIC-EXC-14CE900U Datasheet
343Kb / 12P
   PRODUCT SPECIFICATION FOR APPROVAL
logo
TAI-SAW TECHNOLOGY CO.,...
TB0460A TAI-SAW-TB0460A Datasheet
417Kb / 7P
   Approval Sheet For Product Specification
logo
AZ Displays
C0240QGLA-T AZDISPLAYS-C0240QGLA-T Datasheet
1Mb / 23P
   Approval Product Specification
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com