Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C0402C0G1C010C Datasheet(PDF) 2 Page - TDK Electronics

Part # C0402C0G1C010C
Description  MULTILAYER CERAMIC CHIP CAPACITORS
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

C0402C0G1C010C Datasheet(HTML) 2 Page - TDK Electronics

  C0402C0G1C010C Datasheet HTML 1Page - TDK Electronics C0402C0G1C010C Datasheet HTML 2Page - TDK Electronics C0402C0G1C010C Datasheet HTML 3Page - TDK Electronics C0402C0G1C010C Datasheet HTML 4Page - TDK Electronics C0402C0G1C010C Datasheet HTML 5Page - TDK Electronics C0402C0G1C010C Datasheet HTML 6Page - TDK Electronics C0402C0G1C010C Datasheet HTML 7Page - TDK Electronics C0402C0G1C010C Datasheet HTML 8Page - TDK Electronics C0402C0G1C010C Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 72 page
background image
REMINDERS
Please read before using this product
SAFETY REMINDERS
TDK MLCC US Catalog
Version B11
Page 4
REMINDERS
1.
If you intend to use a product listed in this catalog for a purpose that may cause loss of life or other
damage, you must contact our company’s sales window.
2.
We may modify products or discontinue production of a product listed in this catalog without prior
notification.
3.
We provide “Delivery Specification” that explain precautions for the specifications and safety of each
product listed in this catalog. We strongly recommend that you exchange these delivery specifications
with customers that use one of these products.
4.
If you plan to export a product listed in this catalog, keep in mind that it may be a restricted item according
to the “Foreign Exchange and Foreign Trade Control Law”. In such cases, it is necessary to acquire export
permission in harmony with this law.
5.
Any reproduction or transferring of the contents of this catalog is prohibited without prior permission from
our company.
6.
We are not responsible for problems that occur related to the intellectual property rights or other rights of
our company or a third party when you use a product listed in this catalog. We do not grant license of
these rights.
7.
This catalog only applies to products purchased through our company or one of our company’s official
agencies. This catalog does not apply to products that are purchased through other third parties.


Similar Part No. - C0402C0G1C010C

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
C0402C0G1C010C TDK-C0402C0G1C010C Datasheet
1Mb / 72P
   C Series General Application
C0402C0G1C010C TDK-C0402C0G1C010C Datasheet
1Mb / 72P
   MULTILAYER CERAMIC CHIP CAPACITORS
C0402C0G1C010C020BC TDK-C0402C0G1C010C020BC Datasheet
142Kb / 1P
   Commercial Grade ( General (Up to 50V) )
C0402C0G1C010C020BC TDK-C0402C0G1C010C020BC_16 Datasheet
129Kb / 1P
   Multilayer Ceramic Chip Capacitors
C0402C0G1C010C020BC TDK-C0402C0G1C010C020BC_17 Datasheet
179Kb / 3P
   Multilayer Ceramic Chip Capacitors
More results

Similar Description - C0402C0G1C010C

ManufacturerPart #DatasheetDescription
logo
EPCOS
X8R EPCOS-X8R Datasheet
112Kb / 13P
   Multilayer ceramic capacitors Chip capacitors
logo
NIC-Components Corp.
NMC0402X7R104K16TRPF NIC-NMC0402X7R104K16TRPF Datasheet
138Kb / 4P
   Multilayer Ceramic Chip Capacitors
logo
TDK Electronics
C1005C0G1H1R5C050BA TDK-C1005C0G1H1R5C050BA Datasheet
173Kb / 31P
   Multilayer Ceramic Chip Capacitors
C1608X5R0J226M080AC TDK-C1608X5R0J226M080AC Datasheet
2Mb / 55P
   MULTILAYER CERAMIC CHIP CAPACITORS
C3216X7R1C105K TDK-C3216X7R1C105K Datasheet
197Kb / 31P
   Multilayer Ceramic Chip Capacitors
C3216X7R1V106M160AC TDK-C3216X7R1V106M160AC Datasheet
2Mb / 55P
   MULTILAYER CERAMIC CHIP CAPACITORS
CKG57NX5R1E476M500JH TDK-CKG57NX5R1E476M500JH Datasheet
109Kb / 9P
   Multilayer Ceramic Chip Capacitors
C3225X5R1C226K TDK-C3225X5R1C226K Datasheet
173Kb / 31P
   Multilayer Ceramic Chip Capacitors
logo
Kyocera Kinseki Corpota...
CM32Y5V106Z16AT KSS-CM32Y5V106Z16AT Datasheet
163Kb / 16P
   Multilayer Ceramic Chip Capacitors
logo
TDK Electronics
C0603X5R0J224K TDK-C0603X5R0J224K Datasheet
463Kb / 2P
   Multilayer Ceramic Chip Capacitors
logo
NIC-Components Corp.
NMC1 NIC-NMC1 Datasheet
268Kb / 4P
   Multilayer Ceramic Chip Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com