Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT28F020P-15 Datasheet(PDF) 3 Page - ON Semiconductor

Part # CAT28F020P-15
Description  2 Megabit CMOS Flash Memory
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT28F020P-15 Datasheet(HTML) 3 Page - ON Semiconductor

  CAT28F020P-15 Datasheet HTML 1Page - ON Semiconductor CAT28F020P-15 Datasheet HTML 2Page - ON Semiconductor CAT28F020P-15 Datasheet HTML 3Page - ON Semiconductor CAT28F020P-15 Datasheet HTML 4Page - ON Semiconductor CAT28F020P-15 Datasheet HTML 5Page - ON Semiconductor CAT28F020P-15 Datasheet HTML 6Page - ON Semiconductor CAT28F020P-15 Datasheet HTML 7Page - ON Semiconductor CAT28F020P-15 Datasheet HTML 8Page - ON Semiconductor CAT28F020P-15 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
CAT28F020
3
Doc. No. MD-1029, Rev. F
© 2009 SCILLC. All rights reserved.
Characteristics subject to change without notice
CAPACITANCE TA = 25°C, f = 1.0 MHz
Symbol
Test
Conditions
Min
Typ
Max
Units
CIN(3)
Input Pin Capacitance
VIN = 0V
6
pF
COUT(3)
Output Pin Capacitance
VOUT = 0V
10
pF
CVPP(3)
VPP Supply Capacitance
VPP = 0V
25
pF
ABSOLUTE MAXIMUM RATINGS*
Temperature Under Bias ................. –45
°C to +130°C
Storage Temperature ....................... –65
°C to +150°C
Voltage on Any Pin with
Respect to Ground(1) ........... –2.0V to +VCC + 2.0V
Voltage on Pin A9 with
Respect to Ground(1) ................... –2.0V to +13.5V
VPP with Respect to Ground
during Program/Erase(1) .............. –2.0V to +14.0V
VCC with Respect to Ground(1) ............ –2.0V to +7.0V
Package Power Dissipation
Capability (TA = 25
°C) .................................. 1.0 W
Lead Soldering Temperature (10 secs) ............ 300
°C
Output Short Circuit Current(2) ........................ 100 mA
RELIABILITY CHARACTERISTICS
Symbol
Parameter
Test Method
Min
Typ
Max
Units
NEND(3)
Endurance
MIL-STD-883, Test Method 1033
100K
Cycles/Byte
TDR(3)
Data Retention
MIL-STD-883, Test Method 1008
10
Years
VZAP(3)
ESD Susceptibility
MIL-STD-883, Test Method 3015
2000
Volts
ILTH(3)(4)
Latch-Up
JEDEC Standard 17
100
mA
Note:
1. The minimum DC input voltage is –0.5V. During transitions, inputs may undershoot to –2.0V for periods of less than 20 ns. Maximum DC
voltage on output pins is VCC +0.5V, which may overshoot to VCC + 2.0V for periods of less than 20ns.
2. Output shorted for no more than one second. No more than one output shorted at a time.
3. This parameter is tested initially and after a design or process change that affects the parameter.
4. Latch-up protection is provided for stresses up to 100 mA on address and data pins from –1V to VCC +1V.
*COMMENT
Stresses above those listed under “Absolute Maximum
Ratings” may cause permanent damage to the device.
These are stress ratings only, and functional operation of
the device at these or any other conditions outside of those
listed in the operational sections of this specification is not
implied. Exposure to any absolute maximum rating for
extended periods may affect device performance and
reliability.


Similar Part No. - CAT28F020P-15

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT28F020P-12T CATALYST-CAT28F020P-12T Datasheet
100Kb / 14P
   2 Megabit CMOS Flash Memory
CAT28F020P-12T CATALYST-CAT28F020P-12T Datasheet
431Kb / 15P
   2 Megabit CMOS Flash Memory
More results

Similar Description - CAT28F020P-15

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT28F020 ONSEMI-CAT28F020 Datasheet
358Kb / 16P
   2 Megabit CMOS Flash Memory
Doc. No. MD-1029, Rev. F
logo
Catalyst Semiconductor
CAT28F020 CATALYST-CAT28F020 Datasheet
100Kb / 14P
   2 Megabit CMOS Flash Memory
logo
ON Semiconductor
CAT28F020GI-12TE13 ONSEMI-CAT28F020GI-12TE13 Datasheet
113Kb / 16P
   2 Megabit CMOS Flash Memory
Doc. No. MD-1029, Rev. F
logo
Catalyst Semiconductor
CAT28F020 CATALYST-CAT28F020_04 Datasheet
431Kb / 15P
   2 Megabit CMOS Flash Memory
logo
ON Semiconductor
CAT28F020N-15 ONSEMI-CAT28F020N-15 Datasheet
113Kb / 16P
   2 Megabit CMOS Flash Memory
Doc. No. MD-1029, Rev. F
logo
Catalyst Semiconductor
CAT28F002 CATALYST-CAT28F002 Datasheet
140Kb / 16P
   2 Megabit CMOS Boot Block Flash Memory
logo
ON Semiconductor
CAT28F010 ONSEMI-CAT28F010 Datasheet
385Kb / 16P
   1 Megabit CMOS Flash Memory
Doc. No. MD-1019, Rev. G
logo
Catalyst Semiconductor
CAT28F102 CATALYST-CAT28F102 Datasheet
159Kb / 14P
   1 Megabit CMOS Flash Memory
CAT28F010 CATALYST-CAT28F010 Datasheet
100Kb / 14P
   1 Megabit CMOS Flash Memory
logo
ON Semiconductor
CAT28F010GI12 ONSEMI-CAT28F010GI12 Datasheet
113Kb / 16P
   1 Megabit CMOS Flash Memory
Doc. No. MD-1019, Rev. G
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com