Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT28F010HI-12T Datasheet(PDF) 2 Page - ON Semiconductor

Part # CAT28F010HI-12T
Description  1 Megabit CMOS Flash Memory
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT28F010HI-12T Datasheet(HTML) 2 Page - ON Semiconductor

  CAT28F010HI-12T Datasheet HTML 1Page - ON Semiconductor CAT28F010HI-12T Datasheet HTML 2Page - ON Semiconductor CAT28F010HI-12T Datasheet HTML 3Page - ON Semiconductor CAT28F010HI-12T Datasheet HTML 4Page - ON Semiconductor CAT28F010HI-12T Datasheet HTML 5Page - ON Semiconductor CAT28F010HI-12T Datasheet HTML 6Page - ON Semiconductor CAT28F010HI-12T Datasheet HTML 7Page - ON Semiconductor CAT28F010HI-12T Datasheet HTML 8Page - ON Semiconductor CAT28F010HI-12T Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
CAT28F010
2
Doc. No. MD-1019, Rev. G
© 2009 SCILLC. All rights reserved.
Characteristics subject to change without notice
PIN CONFIGURATION
DIP Package (L)
TSOP Package (Reverse Pinout) (TR, HR)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
OE
A10
CE
I/O7
I/O6
I/O5
I/O4
I/O3
VSS
I/O2
I/O1
I/O0
A0
A1
A2
A3
A4
A5
A6
A7
A12
A15
A16
VPP
VCC
WE
NC
A14
A13
A8
A9
A11
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
OE
A10
CE
I/O7
I/O6
I/O5
I/O4
I/O3
VSS
I/O2
I/O1
I/O0
A0
A1
A2
A3
A4
A5
A6
A7
A12
A15
A16
VPP
VCC
WE
NC
A14
A13
A8
A9
A11
PIN FUNCTIONS
Pin Name
Type
Function
A0–A16
Input
Address Inputs for
memory addressing
I/O0–I/O7
I/O
Data Input/Output
CE
Input
Chip Enable
OE
Input
Output Enable
WE
Input
Write Enable
VCC
Voltage Supply
VSS
Ground
VPP
Program/Erase
Voltage Supply
PLCC Package (N, G)
TSOP Package (Standard Pinout 8mm x 20mm) (T, H)
I/O0
I/O1
I/O2
VSS
I/O6
I/O5
I/O4
I/O3
13
14
15
16
20
19
18
17
9
10
11
12
24
23
22
21
A3
A2
A1
A0
OE
A10
CE
I/O7
A7
A6
A5
A4
5
6
7
8
1
2
3
4
VPP
A16
A15
A12
A13
A8
A9
A11
28
27
26
25
32
31
30
29
VCC
WE
N/C
A14
A7
A6
A5
A4
5
6
7
8
A3
A2
A1
A0
9
10
11
12
I/O0
13
A14
A13
A8
A9
29
28
27
26
A11
OE
A10
CE
25
24
23
22
I/O7
21
14 15 16 17 18 19 20
4321 32 31 30


Similar Part No. - CAT28F010HI-12T

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT28F010HI-12T CATALYST-CAT28F010HI-12T Datasheet
434Kb / 15P
   1 Megabit CMOS Flash Memory
logo
ON Semiconductor
CAT28F010HI-12T ONSEMI-CAT28F010HI-12T Datasheet
385Kb / 16P
   1 Megabit CMOS Flash Memory
Doc. No. MD-1019, Rev. G
CAT28F010HI-12T ONSEMI-CAT28F010HI-12T Datasheet
113Kb / 16P
   1 Megabit CMOS Flash Memory
Doc. No. MD-1019, Rev. G
CAT28F010HI-12T ONSEMI-CAT28F010HI-12T Datasheet
113Kb / 16P
   1 Megabit CMOS Flash Memory
Doc. No. MD-1019, Rev. G
CAT28F010HI-12T ONSEMI-CAT28F010HI-12T Datasheet
113Kb / 16P
   1 Megabit CMOS Flash Memory
Doc. No. MD-1019, Rev. G
More results

Similar Description - CAT28F010HI-12T

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT28F010 ONSEMI-CAT28F010 Datasheet
385Kb / 16P
   1 Megabit CMOS Flash Memory
Doc. No. MD-1019, Rev. G
logo
Catalyst Semiconductor
CAT28F102 CATALYST-CAT28F102 Datasheet
159Kb / 14P
   1 Megabit CMOS Flash Memory
CAT28F010 CATALYST-CAT28F010 Datasheet
100Kb / 14P
   1 Megabit CMOS Flash Memory
logo
ON Semiconductor
CAT28F010GI12 ONSEMI-CAT28F010GI12 Datasheet
113Kb / 16P
   1 Megabit CMOS Flash Memory
Doc. No. MD-1019, Rev. G
CAT28F010P-15 ONSEMI-CAT28F010P-15 Datasheet
113Kb / 16P
   1 Megabit CMOS Flash Memory
Doc. No. MD-1019, Rev. G
CAT28F010N-15 ONSEMI-CAT28F010N-15 Datasheet
113Kb / 16P
   1 Megabit CMOS Flash Memory
Doc. No. MD-1019, Rev. G
logo
Catalyst Semiconductor
CAT28F010 CATALYST-CAT28F010_04 Datasheet
434Kb / 15P
   1 Megabit CMOS Flash Memory
CAT28F001 CATALYST-CAT28F001_05 Datasheet
455Kb / 18P
   1 Megabit CMOS Boot Block Flash Memory
CAT28F001 CATALYST-CAT28F001 Datasheet
108Kb / 18P
   1 Megabit CMOS Boot Block Flash Memory
logo
ON Semiconductor
CAT28F001 ONSEMI-CAT28F001 Datasheet
117Kb / 18P
   1 Megabit CMOS Boot Block Flash Memory
Doc. No. MD-1078, Rev. K
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com