Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT3604HV4 Datasheet(PDF) 7 Page - ON Semiconductor

Part # CAT3604HV4
Description  4-Channel Quad-Mode LED Driver with Open/Short LED Detection
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT3604HV4 Datasheet(HTML) 7 Page - ON Semiconductor

Back Button CAT3604HV4 Datasheet HTML 3Page - ON Semiconductor CAT3604HV4 Datasheet HTML 4Page - ON Semiconductor CAT3604HV4 Datasheet HTML 5Page - ON Semiconductor CAT3604HV4 Datasheet HTML 6Page - ON Semiconductor CAT3604HV4 Datasheet HTML 7Page - ON Semiconductor CAT3604HV4 Datasheet HTML 8Page - ON Semiconductor CAT3604HV4 Datasheet HTML 9Page - ON Semiconductor CAT3604HV4 Datasheet HTML 10Page - ON Semiconductor CAT3604HV4 Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
CAT3604V
http://onsemi.com
7
TYPICAL PERFORMANCE CHARACTERISTICS
(VIN = 3.6 V, IOUT = 80 mA (4 LEDs at 20 mA), CIN = COUT = C1 = C2 = 1 mF, TAMB = 25°C unless otherwise specified.)
Figure 15. Operating Waveforms in 1x Mode
Figure 16. Switching Waveforms
in 1.33x Mode
Figure 17. Switching Waveforms
in 1.5x Mode
Figure 18. Switching Waveforms
in 2x Mode


Similar Part No. - CAT3604HV4

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT3604HV4-GT2 CATALYST-CAT3604HV4-GT2 Datasheet
411Kb / 12P
   4-Channel Regulated Charge Pump White LED Driver
logo
ON Semiconductor
CAT3604HV4-GT2 ONSEMI-CAT3604HV4-GT2 Datasheet
388Kb / 12P
   4-Channel Regulated Charge Pump White LED Driver
Doc. No. MD-5009 Rev. D
CAT3604HV4-GT2 ONSEMI-CAT3604HV4-GT2 Datasheet
238Kb / 11P
   4-Channel Regulated Charge Pump White LED Driver TQFN-16 HV4 SUFFIX
February, 2010 ??Rev. 1
logo
Catalyst Semiconductor
CAT3604HV4-T2 CATALYST-CAT3604HV4-T2 Datasheet
411Kb / 12P
   4-Channel Regulated Charge Pump White LED Driver
logo
ON Semiconductor
CAT3604HV4-T2 ONSEMI-CAT3604HV4-T2 Datasheet
388Kb / 12P
   4-Channel Regulated Charge Pump White LED Driver
Doc. No. MD-5009 Rev. D
More results

Similar Description - CAT3604HV4

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT3604V ONSEMI-CAT3604V Datasheet
248Kb / 14P
   4-Channel Quad-Mode LED Driver with Open/Short LED Detection
April, 2010 ??Rev. 3
logo
Catalyst Semiconductor
CAT3604V CATALYST-CAT3604V Datasheet
340Kb / 15P
   4-Channel Quad-Mode??LED Driver with Open/Short LED Detection
logo
Texas Instruments
TLC5928 TI-TLC5928 Datasheet
1Mb / 27P
[Old version datasheet]   16-Channel, Constant-Current LED Driver with LED Open Detection
TLC5928 TI1-TLC5928_17 Datasheet
1Mb / 32P
[Old version datasheet]   16-Channel, Constant-Current LED Driver with LED Open Detection
TLC5928 TI1-TLC5928_16 Datasheet
1Mb / 32P
[Old version datasheet]   16-Channel, Constant-Current LED Driver with LED Open Detection
TLC5928 TI-TLC5928_1 Datasheet
918Kb / 28P
[Old version datasheet]   16-Channel, Constant-Current LED Driver with LED Open Detection
TLC5952 TI-TLC5952 Datasheet
943Kb / 33P
[Old version datasheet]   24-Channel, Constant-Current LED Driver with Global Brightness Control and LED Open-Short Detection
logo
Marktech Corporate
TCA62746AFG MARKTECH-TCA62746AFG Datasheet
504Kb / 25P
   16-Output Constant Current LED Driver with Output Open/Short Detection
logo
Toshiba Semiconductor
TCA62746AFG_0711 TOSHIBA-TCA62746AFG_0711 Datasheet
406Kb / 25P
   16-Output Constant Current LED Driver with Output Open/Short Detection
TCA62746AFG TOSHIBA-TCA62746AFG Datasheet
469Kb / 25P
   16-Output Constant Current LED Driver with Output Open/Short Detection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com